Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX3V1T66 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # NX3V1T66
Description  Low-ohmic single-pole single-throw analog switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NX3V1T66 Datasheet(HTML) 2 Page - NXP Semiconductors

  NX3V1T66 Datasheet HTML 1Page - NXP Semiconductors NX3V1T66 Datasheet HTML 2Page - NXP Semiconductors NX3V1T66 Datasheet HTML 3Page - NXP Semiconductors NX3V1T66 Datasheet HTML 4Page - NXP Semiconductors NX3V1T66 Datasheet HTML 5Page - NXP Semiconductors NX3V1T66 Datasheet HTML 6Page - NXP Semiconductors NX3V1T66 Datasheet HTML 7Page - NXP Semiconductors NX3V1T66 Datasheet HTML 8Page - NXP Semiconductors NX3V1T66 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
NX3V1T66_5
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 05 — 24 March 2010
2 of 20
NXP Semiconductors
NX3V1T66
Low-ohmic single-pole single-throw analog switch
3.
Applications
Cell phone
PDA
Portable media player
4.
Ordering information
5.
Marking
[1]
The pin 1 indicator is located on the lower left corner of the device, below the marking code.
6.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
NX3V1T66GW
−40 °C to +125 °C
TSSOP5 plastic thin shrink small outline package; 5 leads;
body width 1.25 mm
SOT353-1
NX3V1T66GM
−40 °C to +125 °C
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1
× 1.45 × 0.5 mm
SOT886
Table 2.
Marking codes[1]
Type number
Marking code
NX3V1T66GW
dO
NX3V1T66GM
dO
Fig 1.
Logic symbol
Fig 2.
Logic diagram
001aag487
E
ZY
001aah372
E
YZ


Similar Part No. - NX3V1T66

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3V1T66 NXP-NX3V1T66 Datasheet
125Kb / 18P
   Low-voltage analog switch
Rev. 02-24 July 2008
NX3V1T66GM NXP-NX3V1T66GM Datasheet
125Kb / 18P
   Low-voltage analog switch
Rev. 02-24 July 2008
NX3V1T66GW NXP-NX3V1T66GW Datasheet
125Kb / 18P
   Low-voltage analog switch
Rev. 02-24 July 2008
NX3V1T66 PHILIPS-NX3V1T66_15 Datasheet
189Kb / 20P
   Low-ohmic single-pole single-throw analog switch
Rev. 7-2 November 2011
More results

Similar Description - NX3V1T66

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3L2T66 NXP-NX3L2T66 Datasheet
127Kb / 18P
   Low-ohmic single-pole single-throw analog switch
Rev. 01-4 December 2008
NX3V1G384 NXP-NX3V1G384 Datasheet
122Kb / 16P
   Low-ohmic single-pole single-throw analog switch
Rev. 01-18 September 2008
NX3V1T66 PHILIPS-NX3V1T66_15 Datasheet
189Kb / 20P
   Low-ohmic single-pole single-throw analog switch
Rev. 7-2 November 2011
NX3L1G66 NXP-NX3L1G66 Datasheet
145Kb / 18P
   Low-ohmic single-pole single-throw analog switch
Rev. 06-18 August 2009
NX3L1G384 NXP-NX3L1G384 Datasheet
148Kb / 17P
   Low-ohmic single-pole single-throw analog switch
Rev. 03-17 August 2009
NX3L1G66 PHILIPS-NX3L1G66_15 Datasheet
175Kb / 19P
   Low-ohmic single-pole single-throw analog switch
Rev. 8-9 November 2011
NX3L1T384 PHILIPS-NX3L1T384_15 Datasheet
174Kb / 19P
   Low-ohmic single-pole single-throw analog switch
Rev. 3-9 November 2011
NX3L1T384 NXP-NX3L1T384 Datasheet
145Kb / 18P
   Low-ohmic single-pole single-throw analog switch
Rev. 01-29 September 2009
NX3V1G66 NXP-NX3V1G66_10 Datasheet
441Kb / 18P
   Low-ohmic single-pole single-throw analog switch
Rev. 05-24 March 2010
NX3L1T66 NXP-NX3L1T66 Datasheet
144Kb / 19P
   Low-ohmic single-pole single-throw analog switch
Rev. 01-14 September 2009
NX3V1G384GW-125 PHILIPS-NX3V1G384GW-125 Datasheet
171Kb / 18P
   Low-ohmic single-pole single-throw analog switch
Rev. 6-4 November 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com