Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX3V1T66 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # NX3V1T66
Description  Low-ohmic single-pole single-throw analog switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NX3V1T66 Datasheet(HTML) 5 Page - NXP Semiconductors

  NX3V1T66 Datasheet HTML 1Page - NXP Semiconductors NX3V1T66 Datasheet HTML 2Page - NXP Semiconductors NX3V1T66 Datasheet HTML 3Page - NXP Semiconductors NX3V1T66 Datasheet HTML 4Page - NXP Semiconductors NX3V1T66 Datasheet HTML 5Page - NXP Semiconductors NX3V1T66 Datasheet HTML 6Page - NXP Semiconductors NX3V1T66 Datasheet HTML 7Page - NXP Semiconductors NX3V1T66 Datasheet HTML 8Page - NXP Semiconductors NX3V1T66 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
NX3V1T66_5
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 05 — 24 March 2010
5 of 20
NXP Semiconductors
NX3V1T66
Low-ohmic single-pole single-throw analog switch
11. Static characteristics
Table 7.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground 0 V).
Symbol Parameter
Conditions
Tamb = 25 °C
Tamb = −40 °C to +125 °C
Unit
Min
Typ
Max
Min
Max
(85
°C)
Max
(125
°C)
VIH
HIGH-level
input voltage
VCC = 1.4 V to 1.6 V
0.9
-
-
0.9
-
-
V
VCC = 1.65 V to 1.95 V
0.9
-
-
0.9
-
-
V
VCC = 2.3 V to 2.7 V
1.1
-
-
1.1
-
-
V
VCC = 2.7 V to 3.6 V
1.3
-
-
1.3
-
-
V
VCC = 3.6 V to 4.3 V
1.4
-
-
1.4
-
-
V
VIL
LOW-level
input voltage
VCC = 1.4 V to 1.6 V
-
-
0.3
-
0.3
0.3
V
VCC = 1.65 V to 1.95 V
-
-
0.4
-
0.4
0.3
V
VCC = 2.3 V to 2.7 V
-
-
0.4
-
0.4
0.4
V
VCC = 2.7 V to 3.6 V
-
-
0.5
-
0.5
0.5
V
VCC = 3.6 V to 4.3 V
-
-
0.6
-
0.6
0.6
V
II
input leakage
current
enable input E; VI = GND to 4.3 V;
VCC = 1.4 V to 4.3 V
IS(OFF)
OFF-state
leakage
current
Y port; see Figure 5
VCC = 1.4 V to 3.6 V
-
-
±5
-
±50
±500
nA
VCC = 3.6 V to 4.3 V
-
-
±10
-
±50
±500
nA
IS(ON)
ON-state
leakage
current
Z port; see Figure 6
VCC = 1.4 V to 3.6 V
-
-
±5
-
±50
±500
nA
VCC = 3.6 V to 4.3 V
-
-
±10
-
±50
±500
nA
ICC
supply current VI = VCC or GND; VCC = 3.6 V;
VSW = GND or VCC; IO = 0 A
VCC = 3.6 V
-
-
100
-
690
6000
nA
VCC = 4.3 V
-
-
150
-
800
7000
nA
ΔI
CC
additional
supply current
VSW = GND or VCC
VI = 2.6 V; VCC = 4.3 V
-
2.0
4.0
-
7
7
μA
VI = 2.6 V; VCC = 3.6 V
-
0.35
0.7
-
1
1
μA
VI = 1.8 V; VCC = 4.3 V
-
7.0
10.0
-
15
15
μA
VI = 1.8 V; VCC = 3.6 V
-
2.5
4.0
-
5
5
μA
VI = 1.8 V; VCC = 2.5 V
-
50
200
-
300
500
nA
CI
input
capacitance
-
1.0
-
-
-
-
pF
CS(OFF)
OFF-state
capacitance
-
70
-
-
-
-
pF
CS(ON)
ON-state
capacitance
-
205
-
-
-
-
pF


Similar Part No. - NX3V1T66

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3V1T66 NXP-NX3V1T66 Datasheet
125Kb / 18P
   Low-voltage analog switch
Rev. 02-24 July 2008
NX3V1T66GM NXP-NX3V1T66GM Datasheet
125Kb / 18P
   Low-voltage analog switch
Rev. 02-24 July 2008
NX3V1T66GW NXP-NX3V1T66GW Datasheet
125Kb / 18P
   Low-voltage analog switch
Rev. 02-24 July 2008
NX3V1T66 PHILIPS-NX3V1T66_15 Datasheet
189Kb / 20P
   Low-ohmic single-pole single-throw analog switch
Rev. 7-2 November 2011
More results

Similar Description - NX3V1T66

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3L2T66 NXP-NX3L2T66 Datasheet
127Kb / 18P
   Low-ohmic single-pole single-throw analog switch
Rev. 01-4 December 2008
NX3V1G384 NXP-NX3V1G384 Datasheet
122Kb / 16P
   Low-ohmic single-pole single-throw analog switch
Rev. 01-18 September 2008
NX3V1T66 PHILIPS-NX3V1T66_15 Datasheet
189Kb / 20P
   Low-ohmic single-pole single-throw analog switch
Rev. 7-2 November 2011
NX3L1G66 NXP-NX3L1G66 Datasheet
145Kb / 18P
   Low-ohmic single-pole single-throw analog switch
Rev. 06-18 August 2009
NX3L1G384 NXP-NX3L1G384 Datasheet
148Kb / 17P
   Low-ohmic single-pole single-throw analog switch
Rev. 03-17 August 2009
NX3L1G66 PHILIPS-NX3L1G66_15 Datasheet
175Kb / 19P
   Low-ohmic single-pole single-throw analog switch
Rev. 8-9 November 2011
NX3L1T384 PHILIPS-NX3L1T384_15 Datasheet
174Kb / 19P
   Low-ohmic single-pole single-throw analog switch
Rev. 3-9 November 2011
NX3L1T384 NXP-NX3L1T384 Datasheet
145Kb / 18P
   Low-ohmic single-pole single-throw analog switch
Rev. 01-29 September 2009
NX3V1G66 NXP-NX3V1G66_10 Datasheet
441Kb / 18P
   Low-ohmic single-pole single-throw analog switch
Rev. 05-24 March 2010
NX3L1T66 NXP-NX3L1T66 Datasheet
144Kb / 19P
   Low-ohmic single-pole single-throw analog switch
Rev. 01-14 September 2009
NX3V1G384GW-125 PHILIPS-NX3V1G384GW-125 Datasheet
171Kb / 18P
   Low-ohmic single-pole single-throw analog switch
Rev. 6-4 November 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com