Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPSC606 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPSC606
Description  600 V power Schottky silicon carbide diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC606 Datasheet(HTML) 3 Page - STMicroelectronics

  STPSC606 Datasheet HTML 1Page - STMicroelectronics STPSC606 Datasheet HTML 2Page - STMicroelectronics STPSC606 Datasheet HTML 3Page - STMicroelectronics STPSC606 Datasheet HTML 4Page - STMicroelectronics STPSC606 Datasheet HTML 5Page - STMicroelectronics STPSC606 Datasheet HTML 6Page - STMicroelectronics STPSC606 Datasheet HTML 7Page - STMicroelectronics STPSC606 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
STPSC606
Characteristics
Doc ID 16284 Rev 1
3/8
Figure 1.
Forward voltage drop versus
forward current (typical values)
Figure 2.
Reverse leakage current versus
reverse voltage applied
(maximum values)
I
FM(A)
0
2
4
6
8
10
12
0.0
0.5
1.0
1.5
2.0
2.5
3.0
T
j=150 °C
T
j=150 °C
T
j=175 °C
T
j=175 °C
T
j=25 °C
T
j=25 °C
VFM(V)
I
R(µA)
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
0
50
100
150
200
250
300
350
400
450
500
550
600
T
j=25 °C
T
j=25 °C
T
j=150 °C
T
j=150 °C
T
j=175 °C
T
j=175 °C
VR(V)
Figure 3.
Peak forward current versus case
temperature
Figure 4.
Junction capacitance versus
reverse voltage applied
(typical values)
I
M(A)
0
10
20
30
40
50
60
70
0
25
50
75
100
125
150
175
T
δ=tp/T
tp
δ=0.1
δ=0.3
δ=0.5
d=1
δ=1
d=0.7
δ=0.7
TC(°C)
C(pF)
0
50
100
150
200
250
300
1
10
100
1000
F=1 MHz
V
OSC=30 mVRMS
T
j=25 °C
VR(V)


Similar Part No. - STPSC606

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC6C065-Y STMICROELECTRONICS-STPSC6C065-Y Datasheet
182Kb / 9P
   Automotive 650 V power Schottky silicon carbide diode
December 2016 Rev 2
STPSC6H065 STMICROELECTRONICS-STPSC6H065 Datasheet
218Kb / 14P
   650 V power Schottky silicon carbide diode
STPSC6H065B-TR STMICROELECTRONICS-STPSC6H065B-TR Datasheet
218Kb / 14P
   650 V power Schottky silicon carbide diode
STPSC6H065BY-TR STMICROELECTRONICS-STPSC6H065BY-TR Datasheet
234Kb / 9P
   Automotive 650 V power Schottky silicon carbide diode
Rev 1 - March 2018
STPSC6H065D STMICROELECTRONICS-STPSC6H065D Datasheet
218Kb / 14P
   650 V power Schottky silicon carbide diode
More results

Similar Description - STPSC606

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC1006D STMICROELECTRONICS-STPSC1006D Datasheet
96Kb / 7P
   600 V power Schottky silicon carbide diode
STPSC406 STMICROELECTRONICS-STPSC406 Datasheet
108Kb / 8P
   600 V power Schottky silicon carbide diode
STPSC806 STMICROELECTRONICS-STPSC806_09 Datasheet
93Kb / 7P
   600 V power Schottky silicon carbide diode
STPSC1206 STMICROELECTRONICS-STPSC1206 Datasheet
89Kb / 7P
   600 V power Schottky silicon carbide diode
September 2009 Rev 1
STPSC806D STMICROELECTRONICS-STPSC806D Datasheet
96Kb / 7P
   600 V power Schottky silicon carbide diode
STPSC1206D STMICROELECTRONICS-STPSC1206D Datasheet
89Kb / 7P
   600 V power Schottky silicon carbide diode
STPSC2006CW STMICROELECTRONICS-STPSC2006CW Datasheet
80Kb / 7P
   600 V power Schottky silicon carbide diode
logo
WOLFSPEED, INC.
CSD01060A WOLFSPEED-CSD01060A Datasheet
1Mb / 9P
   600 V, 1 A Silicon Carbide Schottky Diode
Rev. 18, March 2023
logo
STMicroelectronics
STPSC6H065 STMICROELECTRONICS-STPSC6H065 Datasheet
218Kb / 14P
   650 V power Schottky silicon carbide diode
STPSC20H065CW STMICROELECTRONICS-STPSC20H065CW Datasheet
111Kb / 8P
   650 V power Schottky silicon carbide diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com