Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCIMX251AJM4 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MCIMX251AJM4
Description  i.MX25 Applications Processor for Automotive Products
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX251AJM4 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MCIMX251AJM4 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCIMX251AJM4 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCIMX251AJM4 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCIMX251AJM4 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCIMX251AJM4 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCIMX251AJM4 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCIMX251AJM4 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCIMX251AJM4 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCIMX251AJM4 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 132 page
background image
Freescale Semiconductor
Data Sheet: Technical Data
Document Number: IMX25AEC
Rev. 5, 09/2010
MCIMX25
Package Information
Plastic package
Case 5284 17 x 17 mm, 0.8 mm Pitch
Ordering Information
See Table 1 on page 3 for ordering information.
© Freescale Semiconductor, Inc., 2010. All rights reserved.
1
Introduction
The i.MX25 family of processors offers integration
that tailors itself to the connectivity requirements of
today's automobile infotainment systems. These
processors have been architected to meet auto
infotainment requirements like CAN, USB
connectivity, and audio connectivity, without many
of the extra features only needed for high-end
applications. As a result, the i.MX25 enables many
of the features only available in high-end systems,
but at a price point suitable for all vehicles.
At the core of the i.MX25 is Freescale's fast,
proven, power-efficient implementation of the
ARM926EJ-S core, with speeds of up to 400 MHz.
The i.MX25 includes support for up to 133-MHz
DDR2 memory, integrated 10/100 Ethernet MAC,
and two on-chip USB PHYs. The automotive
versions of the i.MX25 offer AEC-Q100 grade 3
i.MX25 Applications
Processor for Automotive
Products
Silicon Version 1.2
1.
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.1.
Ordering Information . . . . . . . . . . . . . . . . . . . . . . . . 3
1.2.
Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
2.
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
2.1.
Special Signal Considerations . . . . . . . . . . . . . . . . 9
3.
Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 11
3.1.
i.MX25 Chip-Level Conditions . . . . . . . . . . . . . . . . 11
3.2.
Supply Power-Up/Power-Down Requirements and
Restrictions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
3.3.
Power Characteristics . . . . . . . . . . . . . . . . . . . . . . 18
3.4.
Thermal Characteristics . . . . . . . . . . . . . . . . . . . . 19
3.5.
I/O DC Parameters . . . . . . . . . . . . . . . . . . . . . . . . 20
3.6.
AC Electrical Characteristics . . . . . . . . . . . . . . . . 25
3.7.
Module Timing and Electrical Parameters . . . . . . 42
4.
Package Information and Contact Assignment . . . . . . 124
4.1.
400 MAPBGA—Case 17x17 mm, 0.8 mm Pitch . 124
4.2.
Ground, Power, Sense, and Reference Contact
Assignments Case 17x17 mm, 0.8 mm Pitch . . . 125
4.3.
Signal Contact Assignments—17 x 17 mm, 0.8 mm
Pitch . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 127
4.4.
i.MX25 17x17 Package Ball Map . . . . . . . . . . . . 130
5.
Revision History . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 133


Similar Part No. - MCIMX251AJM4

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX251AJM4 FREESCALE-MCIMX251AJM4 Datasheet
2Mb / 132P
   i.MX25 Applications Processor for Automotive Products
MCIMX251AJM4 FREESCALE-MCIMX251AJM4 Datasheet
1Mb / 134P
   i.MX25 Applications Processor for Automotive Products
logo
NXP Semiconductors
MCIMX251AJM4 NXP-MCIMX251AJM4 Datasheet
1Mb / 140P
   i.MX25 Applications Processor for Automotive Products
Rev. 10, 06/2013
logo
Freescale Semiconductor...
MCIMX251AJM4A FREESCALE-MCIMX251AJM4A Datasheet
1Mb / 134P
   i.MX25 Applications Processor for Automotive Products
logo
NXP Semiconductors
MCIMX251AJM4A NXP-MCIMX251AJM4A Datasheet
1Mb / 140P
   i.MX25 Applications Processor for Automotive Products
Rev. 10, 06/2013
More results

Similar Description - MCIMX251AJM4

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX25 FREESCALE-MCIMX25_10 Datasheet
1Mb / 134P
   i.MX25 Applications Processor for Automotive Products
MCIMX25 FREESCALE-MCIMX25_11 Datasheet
1Mb / 140P
   i.MX25 Applications Processor for Automotive Products
MCIMX25 FREESCALE-MCIMX25 Datasheet
2Mb / 132P
   i.MX25 Applications Processor for Automotive Products
logo
NXP Semiconductors
IMX25AEC NXP-IMX25AEC Datasheet
1Mb / 140P
   i.MX25 Applications Processor for Automotive Products
Rev. 10, 06/2013
logo
Freescale Semiconductor...
MCIMX25 FREESCALE-MCIMX25_1 Datasheet
2Mb / 132P
   i.MX25 Applications Processor for Consumer and Industrial Products
MCIMX25_1004 FREESCALE-MCIMX25_1004 Datasheet
1Mb / 144P
   i.MX25 Applications Processor for Consumer and Industrial Products
MCIMX257DJM4A FREESCALE-MCIMX257DJM4A Datasheet
2Mb / 153P
   i.MX25 Applications Processor for Consumer and Industrial Products
MCIMX25 FREESCALE-MCIMX25_09 Datasheet
3Mb / 132P
   i.MX25 Applications Processor for Consumer and Industrial Products
MCIMX35 FREESCALE-MCIMX35 Datasheet
1Mb / 140P
   Multimedia Applications Processor for Automotive Products
MCIMX25LPDKJ FREESCALE-MCIMX25LPDKJ Datasheet
254Kb / 2P
   Freescale Product Development Kit (PDK) for the i.MX25 Applications Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com