Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89LPC9103 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # P89LPC9103
Description  8-bit microcontrollers with two-clock accelerated 80C51 core 1 kB 3 V byte-erasable flash with 8-bit A/D converter
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC9103 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button P89LPC9103 Datasheet HTML 7Page - NXP Semiconductors P89LPC9103 Datasheet HTML 8Page - NXP Semiconductors P89LPC9103 Datasheet HTML 9Page - NXP Semiconductors P89LPC9103 Datasheet HTML 10Page - NXP Semiconductors P89LPC9103 Datasheet HTML 11Page - NXP Semiconductors P89LPC9103 Datasheet HTML 12Page - NXP Semiconductors P89LPC9103 Datasheet HTML 13Page - NXP Semiconductors P89LPC9103 Datasheet HTML 14Page - NXP Semiconductors P89LPC9103 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 61 page
background image
P89LPC9102_9103_9107_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 10 July 2007
11 of 61
NXP Semiconductors
P89LPC9102/9103/9107
8-bit microcontrollers with two-clock accelerated 80C51 core
P1.5/RST
2
I
P1.5 — Port 1 bit 5 (input-only).
I
RST — External Reset input during power-on or if selected via User Configuration
Register 1 (UCFG1). When functioning as a reset input a LOW on this pin resets the
microcontroller, causing I/O ports and peripherals to take on their default states, and
the processor begins execution at address 0. When using an oscillator frequency
above 12 MHz, the reset input function of P1.5 must be enabled. An external
circuit is required to hold the device in reset at power-up until VDD has reached
its specified level. When system power is removed VDD will fall below the
minimum specified operating voltage. When using an oscillator frequency
above 12 MHz, in some applications, an external brownout detect circuit may
be required to hold the device in reset when VDD falls below the minimum
specified operating voltage.
VSS
3I
Ground: 0 V reference.
VDD
7I
Power supply: This is the power supply voltage for normal operation as well as Idle
mode and Power-down mode.
Table 4.
P89LPC9102 pin description …continued
Symbol
Pin
Type
Description


Similar Part No. - P89LPC9103

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89LPC9103 PHILIPS-P89LPC9103 Datasheet
257Kb / 58P
   8-bit microcontrollers with two-clock accelerated 80C51 core 1 kB 3 V byte-erasable Flash with 8-bit A/D converter
Rev. 02-11 April 2005
P89LPC9103FTK PHILIPS-P89LPC9103FTK Datasheet
257Kb / 58P
   8-bit microcontrollers with two-clock accelerated 80C51 core 1 kB 3 V byte-erasable Flash with 8-bit A/D converter
Rev. 02-11 April 2005
More results

Similar Description - P89LPC9103

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89LPC904 PHILIPS-P89LPC904 Datasheet
190Kb / 41P
   8-bit microcontrollers with two-clock accelerated 80C51 core 1 kB 3 V byte-erasable Flash with 8-bit A/D converter
Rev. 02-25 June 2004
P89LPC9107 PHILIPS-P89LPC9107 Datasheet
257Kb / 58P
   8-bit microcontrollers with two-clock accelerated 80C51 core 1 kB 3 V byte-erasable Flash with 8-bit A/D converter
Rev. 02-11 April 2005
P89LPC938 PHILIPS-P89LPC938 Datasheet
318Kb / 68P
   8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable Flash with 10-bit A/D converter
Rev. 01-25 February 2005
P89LPC9301 NXP-P89LPC9301 Datasheet
312Kb / 65P
   8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB 3 V byte-erasable flash
Rev. 01-9 April 2009
P89LPC9351 NXP-P89LPC9351 Datasheet
341Kb / 74P
   8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 8-bit ADC
Rev. 01-19 November 2008
P89LPC933 PHILIPS-P89LPC933 Datasheet
337Kb / 71P
   8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB 3 V byte-erasable Flash with 8-bit A/D converters
Rev. 06-20 June 2005
P89LPC915 PHILIPS-P89LPC915 Datasheet
344Kb / 72P
   8-bit microcontrollers with accelerated two-clock 80C51 core 2 kB 3 V Flash with 8-bit A/D converter
Rev. 04-17 December 2004
P89LPC915 NXP-P89LPC915 Datasheet
379Kb / 75P
   8-bit microcontrollers with accelerated two-clock 80C51 core 2 kB 3 V flash with 8-bit A/D converter
Rev. 05-15 December 2009
P89LPC952 PHILIPS-P89LPC952 Datasheet
307Kb / 66P
   8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 10-bit ADC
Rev. 01-16 September 2005
P89LPC9151 NXP-P89LPC9151 Datasheet
1Mb / 91P
   8-bit microcontroller with accelerated two-clock 80C51 core, 2 kB 3 V byte-erasable flash with 8-bit ADC
Rev. 02-9 February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com