Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6120C502HR-G Datasheet(PDF) 8 Page - Torex Semiconductor

Part # XC6120C502HR-G
Description  Highly Accurate, Ultra Small, Low Power Consumption Voltage Detector
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6120C502HR-G Datasheet(HTML) 8 Page - Torex Semiconductor

Back Button XC6120C502HR-G Datasheet HTML 4Page - Torex Semiconductor XC6120C502HR-G Datasheet HTML 5Page - Torex Semiconductor XC6120C502HR-G Datasheet HTML 6Page - Torex Semiconductor XC6120C502HR-G Datasheet HTML 7Page - Torex Semiconductor XC6120C502HR-G Datasheet HTML 8Page - Torex Semiconductor XC6120C502HR-G Datasheet HTML 9Page - Torex Semiconductor XC6120C502HR-G Datasheet HTML 10Page - Torex Semiconductor XC6120C502HR-G Datasheet HTML 11Page - Torex Semiconductor XC6120C502HR-G Datasheet HTML 12Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8/13
XC6120 Series
[Figure 2: Oscillation caused by the input resistor of the CMOS output product and the output current]
TYPICAL PERFORMANCE CHARACTERISTICS
(1) Supply Current vs. Input Voltage
XC6120x102xx
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
012
3456
Input Voltage: VIN (V)
Ta= 85℃
25℃
-40℃
XC6120x502xx
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
01
23
45
6
Input Voltage: VIN (V)
Ta= 85℃
25℃
-40℃
(2) Output Voltage vs. Input Voltage
(3) Detect Voltage, Release Voltage vs. Ambient Temperature
XC6120x102xx
0.90
0.95
1.00
1.05
1.10
1.15
1.20
-50
-25
0
25
50
75
100
Ambient Temperature: Ta (℃)
0.90
0.95
1.00
1.05
1.10
1.15
1.20
VDR
VDF
XC6120x202xx
1.8
1.9
2.0
2.1
2.2
2.3
2.4
-50
-25
0
25
50
75
100
Ambient Temperature: Ta (℃)
1.8
1.9
2.0
2.1
2.2
2.3
2.4
VDR
VDF
XC6120C202xx
0
1
2
3
4
5
6
01
23
45
6
Input Voltage: VIN (V)
Ta= 25℃
XC6120N202xx
0
1
2
3
4
5
6
7
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Input Voltage: VIN (V)
Ta= 85℃
Vpull-up=6V Rpull-up=100kΩ
25℃
-50℃


Similar Part No. - XC6120C502HR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6120C102HL TOREX-XC6120C102HL Datasheet
257Kb / 13P
   Highly Accurate, Ultra Small, Low Power Consumption Voltage Detector
XC6120C102HR TOREX-XC6120C102HR Datasheet
257Kb / 13P
   Highly Accurate, Ultra Small, Low Power Consumption Voltage Detector
XC6120C102HR TOREX-XC6120C102HR Datasheet
264Kb / 13P
   Highly Accurate, Ultra Small, Low Power Consumption Voltage Detector
XC6120C102NL TOREX-XC6120C102NL Datasheet
257Kb / 13P
   Highly Accurate, Ultra Small, Low Power Consumption Voltage Detector
XC6120C102NR TOREX-XC6120C102NR Datasheet
257Kb / 13P
   Highly Accurate, Ultra Small, Low Power Consumption Voltage Detector
More results

Similar Description - XC6120C502HR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6120 TOREX-XC6120_1 Datasheet
264Kb / 13P
   Highly Accurate, Ultra Small, Low Power Consumption Voltage Detector
XC61J TOREX-XC61J Datasheet
304Kb / 15P
   Highly Accurate, Ultra Small, Low Power Consumption Voltage Detector
XC6120 TOREX-XC6120 Datasheet
257Kb / 13P
   Highly Accurate, Ultra Small, Low Power Consumption Voltage Detector
logo
Zilog, Inc.
IXD5120 ZILOG-IXD5120 Datasheet
1Mb / 12P
   Ultra Small, Low Power Consumption Voltage Detector
logo
Rohm
BD48XXG-E ROHM-BD48XXG-E Datasheet
433Kb / 18P
   Highly accurate, low-current Voltage Detector IC series.
BD52XXG-E ROHM-BD52XXG-E Datasheet
400Kb / 16P
   Highly accurate, low current consumption Voltage Detector ICs with a capacitor-controlled time delay.
logo
Leshan Radio Company
LR8803 LRC-LR8803 Datasheet
453Kb / 10P
   Ultra-Small High-Precision Low Voltage Detector
logo
ACE Technology Co., LTD...
ACE301A ACE-ACE301A Datasheet
412Kb / 7P
   Ultra-Small High-Precision Low Voltage Detector
VER 1.1
logo
Rohm
BU4848 ROHM-BU4848_13 Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs Ultra-low current consumption
logo
Asahi Kasei Microsystem...
AP4400A AKM-AP4400A Datasheet
490Kb / 12P
   Ultra Low Power Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com