Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBHV8540T Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PBHV8540T
Description  500 V, 0.5 A NPN high-voltage low VCEsat (BISS) transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBHV8540T Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PBHV8540T Datasheet HTML 2Page - NXP Semiconductors PBHV8540T Datasheet HTML 3Page - NXP Semiconductors PBHV8540T Datasheet HTML 4Page - NXP Semiconductors PBHV8540T Datasheet HTML 5Page - NXP Semiconductors PBHV8540T Datasheet HTML 6Page - NXP Semiconductors PBHV8540T Datasheet HTML 7Page - NXP Semiconductors PBHV8540T Datasheet HTML 8Page - NXP Semiconductors PBHV8540T Datasheet HTML 9Page - NXP Semiconductors PBHV8540T Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
PBHV8540T_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 14 January 2009
6 of 12
NXP Semiconductors
PBHV8540T
500 V, 0.5 A NPN high-voltage low VCEsat (BISS) transistor
VCE =10V
(1) Tamb = 100 °C
(2) Tamb =25 °C
(3) Tamb = −55 °C
Tamb =25 °C
Fig 3.
DC current gain as a function of collector
current; typical values
Fig 4.
Collector current as a function of
collector-emitter voltage; typical values
VCE =10V
(1) Tamb = −55 °C
(2) Tamb =25 °C
(3) Tamb = 100 °C
IC/IB =5
(1) Tamb = −55 °C
(2) Tamb =25 °C
(3) Tamb = 100 °C
Fig 5.
Base-emitter voltage as a function of collector
current; typical values
Fig 6.
Base-emitter saturation voltage as a function
of collector current; typical values
006aab174
200
100
300
400
hFE
0
IC (mA)
10−1
103
102
110
(1)
(2)
(3)
006aab175
VCE (V)
05
4
23
1
0.4
0.6
0.2
0.8
1.0
IC
(A)
0
IB (mA) = 175
35
70
140
105
006aab176
0.8
0.4
1.2
1.6
VBE
(V)
0
IC (mA)
10−1
104
103
1102
10
(1)
(2)
(3)
006aab177
0.5
0.9
1.3
VBEsat
(V)
0.1
IC (mA)
10−1
104
103
1102
10
(1)
(2)
(3)


Similar Part No. - PBHV8540T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBHV8540T NXP-PBHV8540T Datasheet
113Kb / 12P
   500 V, 0.5 A NPN high-voltage low VCEsat (BISS) transistor
Rev. 01-5 February 2008
logo
Nexperia B.V. All right...
PBHV8540T NEXPERIA-PBHV8540T Datasheet
277Kb / 12P
   500 V, 0.5 A NPN high-voltage low VCEsat transistor
1 January 2023
PBHV8540T-Q NEXPERIA-PBHV8540T-Q Datasheet
259Kb / 12P
   500 V, 0.5 A NPN high-voltage low VCEsat transistor
16 March 2022
More results

Similar Description - PBHV8540T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBHV8540T NXP-PBHV8540T Datasheet
113Kb / 12P
   500 V, 0.5 A NPN high-voltage low VCEsat (BISS) transistor
Rev. 01-5 February 2008
PBHV8540Z NXP-PBHV8540Z Datasheet
126Kb / 12P
   500 V, 0.5 A NPN high-voltage low VCEsat(BISS) transistor
Rev. 01-7 February 2008
logo
Nexperia B.V. All right...
PBHV8540X NEXPERIA-PBHV8540X Datasheet
360Kb / 15P
   500 V, 0.5 A NPN high-voltage low VCEsat (BISS) transistor
PBHV8540Z NEXPERIA-PBHV8540Z Datasheet
243Kb / 13P
   500 V, 0.5 A NPN high-voltage low VCEsat (BISS) transistor
Rev. 02 - 14 January 2009
PBHV9540Z NEXPERIA-PBHV9540Z Datasheet
271Kb / 13P
   500 V, 0.5 A PNP high-voltage low VCEsat (BISS) transistor
PBHV8540T NEXPERIA-PBHV8540T Datasheet
277Kb / 12P
   500 V, 0.5 A NPN high-voltage low VCEsat transistor
1 January 2023
PBHV8540T-Q NEXPERIA-PBHV8540T-Q Datasheet
259Kb / 12P
   500 V, 0.5 A NPN high-voltage low VCEsat transistor
16 March 2022
PBHV8560Z NEXPERIA-PBHV8560Z Datasheet
705Kb / 13P
   600 V, 0.5 A NPN high-voltage low VCEsat (BISS) transistor
logo
NXP Semiconductors
PBHV8140Z NXP-PBHV8140Z Datasheet
160Kb / 12P
   500 V, 1 A NPN high-voltage low VCEsat (BISS) transistor
Rev. 01-11 December 2009
logo
Nexperia B.V. All right...
PBHV8140Z NEXPERIA-PBHV8140Z Datasheet
274Kb / 13P
   500 V, 1 A NPN high-voltage low VCEsat (BISS) transistor
Rev. 01 - 11 December 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com