Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6118C08CMR-G Datasheet(PDF) 11 Page - Torex Semiconductor

Part # XC6118C08CMR-G
Description  Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6118C08CMR-G Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XC6118C08CMR-G Datasheet HTML 7Page - Torex Semiconductor XC6118C08CMR-G Datasheet HTML 8Page - Torex Semiconductor XC6118C08CMR-G Datasheet HTML 9Page - Torex Semiconductor XC6118C08CMR-G Datasheet HTML 10Page - Torex Semiconductor XC6118C08CMR-G Datasheet HTML 11Page - Torex Semiconductor XC6118C08CMR-G Datasheet HTML 12Page - Torex Semiconductor XC6118C08CMR-G Datasheet HTML 13Page - Torex Semiconductor XC6118C08CMR-G Datasheet HTML 14Page - Torex Semiconductor XC6118C08CMR-G Datasheet HTML 15Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11/20
XC6118
Series
A typical circuit example is shown in Figure 1, and the timing chart of Figure 1 is shown in Figure 2.
As an early state, the sense pin is applied sufficiently high voltage (6.0V MAX.) and the delay capacitance (Cd) is charged
to the power supply input voltage, (VIN: 1.0V MIN., 6.0V MAX.).
While the sense pin voltage (VSEN) starts dropping to
reach the detect voltage (VDF) (VSEN>VDF), the output voltage (VOUT) keeps the “High” level (=VIN).
* If a pull-up resistor of the XC6118N series (N-ch open drain) is connected to added power supply different from the input
voltage pin, the “High” level will be a voltage value where the pull-up resistor is connected.
When the sense pin voltage keeps dropping and becomes equal to the detect voltage (VSEN =VDF), an N-ch transistor (M1)
for the delay capacitance (Cd) discharge is turned ON, and starts to discharge the delay capacitance (Cd). An inverter
(Inv.1) operates as a comparator of the reference voltage VIN, and the output voltage changes into the “Low” level (=VSS).
The detect delay time [t
DF] is defined as time which ranges from VSEN=VDF to the VOUT of “Low” level (especially, when the
Cd pin is not connected: t
DF0).
While the sense pin voltage keeps below the detect voltage, the delay capacitance (Cd) is discharged to the ground voltage
(=VSS) level.
Then, the output voltage maintains the “Low” level while the sense pin voltage increases again to reach the
release voltage (VSEN< VDF +VHYS).
■OPERATIONAL EXPLANATION
Figure 1: Typical application circuit example
Figure 2: The timing chart of Figure 1
*The XC6118N series (N-ch open
drain output) requires a pull-up
resistor for pulling up output.
Sense Pin Voltage: VSEN(MIN.:0V
MAX.:6.0V)
Delay Capacitance Pin Threshold Voltage: VTCD
Release Voltage: VDF+VHYS
Output Voltage Pin Voltage: VOUT (MIN.:VSS MAX:VIN)
Delay Capacitance Pin Voltage: VCD(MIN.:VSS, MAX.:VIN)
Detect Voltage: VDF
Vref
Comparator
Inverter
R1
R2
R3
M5
SEN=R1+R2+R3
M2
M1
M3
VOUT
VSS
Rdelay
Cd
VSEN
VIN
VIN
VSEN
Cd
M4


Similar Part No. - XC6118C08CMR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6118C08CMR-G TOREX-XC6118C08CMR-G Datasheet
355Kb / 20P
   Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
More results

Similar Description - XC6118C08CMR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6118 TOREX-XC6118 Datasheet
355Kb / 20P
   Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
XC6108 TOREX-XC6108_1 Datasheet
628Kb / 22P
   Voltage Detector with Separated Sense Pin & Delay Type Capacitor
XC6108 TOREX-XC6108 Datasheet
614Kb / 18P
   Voltage Detector with Separated Sense Pin and Delay Type Capacitor
XC6135 TOREX-XC6135 Datasheet
574Kb / 27P
   Ultra-Low Power (44nA) Voltage Detector with Separated Sense Pin
XCM410 TOREX-XCM410 Datasheet
233Kb / 13P
   2 Channel Voltage Detector (Sense Pin separated from VDD)
XCM410 TOREX-XCM410_1 Datasheet
279Kb / 13P
   2 Channel Voltage Detector (Sense Pin separated from VDD)
logo
Seiko Instruments Inc
S-1002NA10I-M5T1U SII-S-1002NA10I-M5T1U Datasheet
3Mb / 39P
   VOLTAGE DETECTOR WITH SENSE PIN
S-19105N10H-M5T1U SII-S-19105N10H-M5T1U Datasheet
4Mb / 37P
   VOLTAGE DETECTOR WITH SENSE PIN
S19102 SII-S19102 Datasheet
2Mb / 37P
   VOLTAGE DETECTOR WITH SENSE PIN
S-19103N10H-M5T1U SII-S-19103N10H-M5T1U Datasheet
3Mb / 34P
   VOLTAGE DETECTOR WITH SENSE PIN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com