Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBLS4003V Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PBLS4003V
Description  40 V PNP BISS loadswitch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBLS4003V Datasheet(HTML) 2 Page - NXP Semiconductors

  PBLS4003V Datasheet HTML 1Page - NXP Semiconductors PBLS4003V Datasheet HTML 2Page - NXP Semiconductors PBLS4003V Datasheet HTML 3Page - NXP Semiconductors PBLS4003V Datasheet HTML 4Page - NXP Semiconductors PBLS4003V Datasheet HTML 5Page - NXP Semiconductors PBLS4003V Datasheet HTML 6Page - NXP Semiconductors PBLS4003V Datasheet HTML 7Page - NXP Semiconductors PBLS4003V Datasheet HTML 8Page - NXP Semiconductors PBLS4003V Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
PBLS4003Y_PBLS4003V_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 13 February 2009
2 of 11
NXP Semiconductors
PBLS4003Y; PBLS4003V
40 V PNP BISS loadswitch
[1]
Pulse test: tp ≤ 300 µs; δ≤ 0.02.
2.
Pinning information
3.
Ordering information
4.
Marking
[1]
* = -: made in Hong Kong
* = p: made in Hong Kong
* = t: made in Malaysia
* = W: made in China
IO
output current
-
-
100
mA
R1
bias resistor 1 (input)
7
10
13
k
R2/R1
bias resistor ratio
0.8
1
1.2
Table 2.
Quick reference data …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 3.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
emitter TR1
2
base TR1
3
output (collector) TR2
4
GND (emitter) TR2
5
input (base) TR2
6
collector TR1
001aab555
6
4
5
1
3
2
65
4
1
23
R2
TR1
TR2
R1
sym036
Table 4.
Ordering information
Type number
Package
Name
Description
Version
PBLS4003Y
SC-88
plastic surface-mounted package; 6 leads
SOT363
PBLS4003V
-
plastic surface-mounted package; 6 leads
SOT666
Table 5.
Marking codes
Type number
Marking code[1]
PBLS4003Y
S3*
PBLS4003V
K3


Similar Part No. - PBLS4003V

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBLS4003V PHILIPS-PBLS4003V Datasheet
121Kb / 11P
   40 V PNP BISS loadswitch
Rev. 02-14 July 2005
logo
Nexperia B.V. All right...
PBLS4003V NEXPERIA-PBLS4003V Datasheet
229Kb / 12P
   40 V PNP BISS loadswitch
Rev. 03 - 13 February 2009
More results

Similar Description - PBLS4003V

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBLS4003Y PHILIPS-PBLS4003Y Datasheet
121Kb / 11P
   40 V PNP BISS loadswitch
Rev. 02-14 July 2005
PBLS4004Y NXP-PBLS4004Y Datasheet
114Kb / 11P
   40 V PNP BISS loadswitch
Rev. 03-16 February 2009
PBLS4005D NXP-PBLS4005D Datasheet
156Kb / 15P
   40 V PNP BISS loadswitch
Rev. 03-6 January 2009
logo
Nexperia B.V. All right...
PBLS4001Y NEXPERIA-PBLS4001Y Datasheet
450Kb / 12P
   40 V PNP BISS loadswitch
Rev. 03 - 12 February 2009
PBLS4002D NEXPERIA-PBLS4002D Datasheet
271Kb / 16P
   40 V PNP BISS loadswitch
Rev. 03 - 5 January 2009
logo
NXP Semiconductors
PBLS4002Y NXP-PBLS4002Y Datasheet
114Kb / 11P
   40 V PNP BISS loadswitch
Rev. 03-12 February 2009
PBLS4004D NXP-PBLS4004D Datasheet
156Kb / 15P
   40 V PNP BISS loadswitch
Rev. 03-6 January 2009
PBLS4002Y PHILIPS-PBLS4002Y Datasheet
86Kb / 14P
   40 V PNP BISS loadswitch
Rev. 01-6 December 2004
PBLS4002D NXP-PBLS4002D Datasheet
156Kb / 15P
   40 V PNP BISS loadswitch
Rev. 03-5 January 2009
logo
Nexperia B.V. All right...
PBLS4003Y NEXPERIA-PBLS4003Y Datasheet
229Kb / 12P
   40 V PNP BISS loadswitch
Rev. 03 - 13 February 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com