Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC9S08AC128 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MC9S08AC128
Description  MC9S08AC128 8-Bit Microcontroller Data Sheet
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08AC128 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MC9S08AC128_09 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9S08AC128_09 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S08AC128_09 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S08AC128_09 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08AC128_09 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC9S08AC128_09 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC9S08AC128_09 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC9S08AC128_09 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC9S08AC128_09 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
Chapter 2 Pins and Connections
MC9S08AC128 MCU Series Data Sheet, Rev. 2
Freescale Semiconductor
9
50
38
PTB4
AD1P4
51
39
PTB5
AD1P5
52
40
PTB6
AD1P6
53
41
PTB7
AD1P7
54
42
27
PTD0
AD1P8
55
43
28
PTD1
AD1P9
56
44
29
VDDAD
57
45
30
VSSAD
58
46
31
PTD2
KBI1P5
AD1P10
59
47
32
PTD3
KBI1P6
AD1P11
60
48
33
PTG3
KBI1P3
61
49
PTG4
KBI1P4
62
50
PTD4
TPM2CLK
AD1P12
63
51
PTD5
AD1P13
64
52
PTD6
TPM1CLK
AD1P14
65
53
PTD7
KBI1P7
AD1P15
66
54
34
VREFH
67
55
35
VREFL
68
56
36
BKGD
MS
69
57
37
PTG5
XTAL
70
58
38
PTG6
EXTAL
71
59
39
VSS
72
VDD(NC)
73
60
40
PTC0
SCL1
74
61
41
PTC1
SDA1
75
PTH4
SPSCK2
76
PTH5
MOSI2
77
PTH6
MISO2
78
62
42
PTC2
MCLK
79
63
43
PTC3
TxD2
80
64
44
PTC5
RxD2
1 TPMCLK, TPM1CLK, and TPM2CLK options are
configured via software; out of reset, TPM1CLK,
TPM2CLK, and TPMCLK are available to TPM1,
TPM2, and TPM3 respectively.
Table 2-4. Pin Availability by Package Pin-Count (continued)
Pin Number
Lowest <--
Priority
--> Highest
80
64
44
Port Pin
Alt 1
Alt 2


Similar Part No. - MC9S08AC128_09

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08AC128C44E FREESCALE-MC9S08AC128C44E Datasheet
553Kb / 42P
   8-Bit Microcontroller
MC9S08AC128C64E FREESCALE-MC9S08AC128C64E Datasheet
553Kb / 42P
   8-Bit Microcontroller
MC9S08AC128C80E FREESCALE-MC9S08AC128C80E Datasheet
553Kb / 42P
   8-Bit Microcontroller
MC9S08AC128M44E FREESCALE-MC9S08AC128M44E Datasheet
553Kb / 42P
   8-Bit Microcontroller
MC9S08AC128M64E FREESCALE-MC9S08AC128M64E Datasheet
553Kb / 42P
   8-Bit Microcontroller
More results

Similar Description - MC9S08AC128_09

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC9S08SC4 NXP-MC9S08SC4 Datasheet
746Kb / 31P
   MC9S08SC4 8-Bit Microcontroller Data Sheet
Rev. 4, 6/2010
logo
Freescale Semiconductor...
S9S08SC4E0MTG FREESCALE-S9S08SC4E0MTG Datasheet
638Kb / 31P
   MC9S08SC4 8-Bit Microcontroller Data Sheet
MPC5533 FREESCALE-MPC5533 Datasheet
1Mb / 50P
   Microcontroller Data Sheet
MCF52223 FREESCALE-MCF52223 Datasheet
834Kb / 56P
   Microcontroller Data Sheet
MPC5553 FREESCALE-MPC5553_07 Datasheet
2Mb / 66P
   Microcontroller Data Sheet
SPC5607BF1MLU6 FREESCALE-SPC5607BF1MLU6 Datasheet
779Kb / 110P
   Microcontroller Data Sheet
logo
NXP Semiconductors
MPC5561 NXP-MPC5561 Datasheet
1Mb / 58P
   Microcontroller Data Sheet
Rev. 3, June 2012
logo
List of Unclassifed Man...
PTK8607 ETC-PTK8607 Datasheet
361Kb / 25P
   8 Bit Micro-controller Data Sheet
logo
Freescale Semiconductor...
PPC5604EEMLH FREESCALE-PPC5604EEMLH Datasheet
994Kb / 75P
   MPC5604E Microcontroller Data Sheet
SPC5668EK0MMGR FREESCALE-SPC5668EK0MMGR Datasheet
575Kb / 66P
   MPC5668x Microcontroller Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com