Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASDXACX100KDAB5 Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # ASDXACX100KDAB5
Description  ASDX Series Silicon Pressure Sensors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

ASDXACX100KDAB5 Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  ASDXACX100KDAB5 Datasheet HTML 1Page - Honeywell Solid State Electronics Center ASDXACX100KDAB5 Datasheet HTML 2Page - Honeywell Solid State Electronics Center ASDXACX100KDAB5 Datasheet HTML 3Page - Honeywell Solid State Electronics Center ASDXACX100KDAB5 Datasheet HTML 4Page - Honeywell Solid State Electronics Center ASDXACX100KDAB5 Datasheet HTML 5Page - Honeywell Solid State Electronics Center ASDXACX100KDAB5 Datasheet HTML 6Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ASDX Series Silicon
Pressure Sensors
Low Pressure and Ultra-Low
Pressure Analog Output
±2% Total Error Band, DIP,
10 inches H
20 to 100 psi
DESCRIPTION
The ASDX Series is a Silicon Pressure Sensor offering a
ratiometric analog output for reading pressure over the
specified full scale pressure span and temperature range.
The ASDX is fully calibrated and temperature compensated for
sensor offset, sensitivity, temperature effects and non-linearity
using an on-board Application Specific Integrated Circuit
(ASIC). Calibrated output values for pressure are updated at
approximately 1 kHz.
The standard ASDX is calibrated over the temperature range
of 0 °C to 85 °C [32 °F to 185 °F]. The sensor is characterized
for operation from a single power supply of either 3.3 Vdc or
5.0 Vdc.
These sensors are available to measure absolute, differential
and gage pressures. The absolute versions have an internal
vacuum reference and an output value proportional to absolute
pressure. Differential versions allow application of pressure to
either side of the sensing diaphragm. Gage versions are
referenced to atmospheric pressure and provide an output
proportional to pressure variations from atmosphere.
The ASDX Series sensors are intended for use with non-
corrosive, non-ionic working fluids such as air and dry gases.
They are designed and manufactured according to standards
in ISO 9001.
FEATURES
Ratiometric 12-bit analog output
Precision ASIC conditioning and temperature
compensated over 0 °C to 85 °C [32 °F to 185 °F]
temperature range
Low operating voltage
Absolute, differential and gage types
Pressure ranges from 10 inches H20 to 100 psi
Standard calibrations in inches H20, cm H20, psi, mbar,
bar, kPa
Total error band of ±2.0% of full scale span maximum
RoHS compliant
POTENTIAL APPLICATIONS
Flow calibrators
Ventilation and air flow monitors
Gas flow instrumentation
Sleep apnea monitoring and therapy equipment
Barometry
Pneumatic controls
HVAC


Similar Part No. - ASDXACX100KDAB5

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
ASDXAVX001BASA3 HONEYWELL-ASDXAVX001BASA3 Datasheet
482Kb / 6P
   Low Pressure and Ultra-Low Pressure Digital Output,2 Total Error Band, 10 Inches H20 to 100 psi
ASDXAVX001BDSA3 HONEYWELL-ASDXAVX001BDSA3 Datasheet
482Kb / 6P
   Low Pressure and Ultra-Low Pressure Digital Output,2 Total Error Band, 10 Inches H20 to 100 psi
ASDXAVX001BGSA3 HONEYWELL-ASDXAVX001BGSA3 Datasheet
482Kb / 6P
   Low Pressure and Ultra-Low Pressure Digital Output,2 Total Error Band, 10 Inches H20 to 100 psi
ASDXAVX001PDSA3 HONEYWELL-ASDXAVX001PDSA3 Datasheet
482Kb / 6P
   Low Pressure and Ultra-Low Pressure Digital Output,2 Total Error Band, 10 Inches H20 to 100 psi
ASDXAVX001PGSA3 HONEYWELL-ASDXAVX001PGSA3 Datasheet
482Kb / 6P
   Low Pressure and Ultra-Low Pressure Digital Output,2 Total Error Band, 10 Inches H20 to 100 psi
More results

Similar Description - ASDXACX100KDAB5

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
50042440 HONEYWELL-50042440 Datasheet
553Kb / 2P
   ASDX Series Silicon Pressure Sensors with Analog Output
July 2010
logo
List of Unclassifed Man...
TPS31 ETC2-TPS31 Datasheet
138Kb / 4P
   Silicon Pressure Sensors
logo
Motorola, Inc
MPX100 MOTOROLA-MPX100 Datasheet
157Kb / 8P
   100kPa Uncompensated Silicon Pressure Sensors
MPX5999D MOTOROLA-MPX5999D Datasheet
84Kb / 6P
   X-ducer SILICON PRESSURE SENSORS
MPX2700A MOTOROLA-MPX2700A Datasheet
164Kb / 6P
   X-ducer SILICON PRESSURE SENSORS
MPXT4100 MOTOROLA-MPXT4100 Datasheet
134Kb / 8P
   X-ducer SILICON PRESSURE SENSORS
logo
Honeywell Accelerometer...
HSCMAND015PASA5 HONEYWELL-ACC-HSCMAND015PASA5 Datasheet
1Mb / 12P
   TRUSTABILITY SILICON PRESSURE SENSORS HSC SERIES-HIGH ACCURACY
logo
Motorola, Inc
MPX53 MOTOROLA-MPX53 Datasheet
150Kb / 8P
   50 KPA UNCOMPENSATED SILICON PRESSURE SENSORS
logo
Freescale Semiconductor...
MPX53 FREESCALE-MPX53 Datasheet
221Kb / 9P
   50 kPa Uncompensated Silicon Pressure Sensors
MPX10 FREESCALE-MPX10 Datasheet
228Kb / 9P
   10 kPa Uncompensated Silicon Pressure Sensors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com