Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

252A154C50TA Datasheet(PDF) 1 Page - CTS Corporation

Part # 252A154C50TA
Description  Two Axis, Mini-joystick With Momentary Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

252A154C50TA Datasheet(HTML) 1 Page - CTS Corporation

  252A154C50TA Datasheet HTML 1Page - CTS Corporation 252A154C50TA Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Potentiometer 1 & 2
Resistance Range
10 K ohms through 200 K ohms
Resistance Tolerance
Standard : ± 30%
Special: ± 10%, ± 20% available
Insulation Resistance
100 Megohms @ 250 VDC for 1 minute
Operational Torque
200 ± 80 gf.cm
Power Rating
0.0125 watt @ 50°C, Derated to no load at 85°C
Operating Voltage
50 VAC or 5 VDC maximum
Angle of Rotation
60° maximum
Life
Available Switch
Type
Momentary
Contact Resistance
100 milliohms maximum initially
Dielectric Strength
250 VAC 50/60 Hz for 1 minute
Insulation Resistance
100 Megohms minmum @ 100 VDC
Operational Force
800 ±
gf
Power Rating
5 VDC, 50 mA maximum
Travel
0.9 ± 0.4mm
Switch Life
500,000 cycles
Two Axis,
Mini-joystick With
Momentary Switch
Features
• Compact Size (20x21x13mm)
• Long Life 1 Million Cycles
• Optional momentary switch is
operational at all rotations
• Sturdy metal case with convenient
mounting tabs
Electrical and Mechanical Specifications
Series 252 DDaattaa SShheeeett
Mini-joystick
• RoHS compliant
200 milliohms max after 500,000 cycles
switching 5 mA @ 5 VDC
1 - 2
© 2008 CTS Corporation. All rights reserved. Information subject to change.
7/02/08
CTS Electrocomponents
www.ctscorp.com
1,000,000 cycles
Pat. No: US 6,353,430 , Taiwan: 128688.
®
Electrocomponents
Dielectric Strength
250 VAC 50/60 Hz for 1 minute
200


Similar Part No. - 252A154C50TA

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
252A103ANA CTS-252A103ANA Datasheet
618Kb / 2P
   Two Axis, Ministick Controller With Optional Momentary Switch
252A103ANB CTS-252A103ANB Datasheet
618Kb / 2P
   Two Axis, Ministick Controller With Optional Momentary Switch
252A103ATA CTS-252A103ATA Datasheet
618Kb / 2P
   Two Axis, Ministick Controller With Optional Momentary Switch
252A103ATB CTS-252A103ATB Datasheet
618Kb / 2P
   Two Axis, Ministick Controller With Optional Momentary Switch
252A103BNA CTS-252A103BNA Datasheet
618Kb / 2P
   Two Axis, Ministick Controller With Optional Momentary Switch
More results

Similar Description - 252A154C50TA

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
254TB103C50A CTS-254TB103C50A_10 Datasheet
365Kb / 2P
   Two Axis, Ultra-miniature Joystick With Optional Momentary Switch
253 CTS-253 Datasheet
4Mb / 2P
   Two Axis, Ministick Controller With Optional Momentary Switch
252 CTS-252 Datasheet
618Kb / 2P
   Two Axis, Ministick Controller With Optional Momentary Switch
254 CTS-254 Datasheet
377Kb / 2P
   Two Axis, Micro-stick Controller With Optional Momentary Switch
logo
List of Unclassifed Man...
27800 ETC-27800 Datasheet
83Kb / 3P
   2-Axis Joystick (#27800)
1/16/2012
3103 ETC2-3103 Datasheet
221Kb / 2P
   2-Axis Analog Thumb Joystick
logo
Molex Electronics Ltd.
130128-0101 MOLEX11-130128-0101 Datasheet
31Kb / 1P
   Super-Safeway Switch Replacement, Two Speed Momentary
1301280101 MOLEX11-1301280101 Datasheet
55Kb / 1P
   Super-Safeway Switch Replacement, Two Speed Momentary
logo
LUMEX INC.
CLS-PC11A125S00R LUMEX-CLS-PC11A125S00R Datasheet
49Kb / 1P
   ILLUMINATED MOMENTARY SWITCH
CLS-PC11A125S00Y LUMEX-CLS-PC11A125S00Y Datasheet
49Kb / 1P
   ILLUMINATED MOMENTARY SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com