Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8S207MBT3B Datasheet(PDF) 6 Page - STMicroelectronics

Part # STM8S207MBT3B
Description  Performance line, 24 MHz STM8S 8-bit MCU, up to 128 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, 2 UARTs, SPI, I짼C, CAN
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S207MBT3B Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STM8S207MBT3B Datasheet HTML 2Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 3Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 4Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 5Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 6Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 7Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 8Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 9Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 103 page
background image
List of tables
STM8S207xx, STM8S208xx
6/103
Doc ID 14733 Rev 9
Table 49.
ESD absolute maximum ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 87
Table 50.
Electrical sensitivities . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 88
Table 51.
80-pin low profile quad flat package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . 90
Table 52.
64-pin low profile quad flat package mechanical data (14 x 14) . . . . . . . . . . . . . . . . . . . . . 91
Table 53.
64-pin low profile quad flat package mechanical data (10 x 10) . . . . . . . . . . . . . . . . . . . . . 92
Table 54.
48-pin low profile quad flat package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . 93
Table 55.
44-pin low profile quad flat package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . 94
Table 56.
32-pin low profile quad flat package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . 95
Table 57.
Thermal characteristics. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 96
Table 58.
Document revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 101


Similar Part No. - STM8S207MBT3B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8S207MBT3B STMICROELECTRONICS-STM8S207MBT3B Datasheet
1Mb / 103P
   Performance line, 24 MHz STM8S 8-bit MCU, up to 128 KB Flash
STM8S207MBT3BTR STMICROELECTRONICS-STM8S207MBT3BTR Datasheet
1Mb / 103P
   Performance line, 24 MHz STM8S 8-bit MCU, up to 128 KB Flash
More results

Similar Description - STM8S207MBT3B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8S007C8 STMICROELECTRONICS-STM8S007C8_V01 Datasheet
1Mb / 93P
   Value line, 24 MHz STM8S 8-bit MCU, 64 Kbytes Flash, true data EEPROM, 10-bit ADC, timers, 2 UARTs, SPI, I짼C
October 2018
STM8S105XX STMICROELECTRONICS-STM8S105XX Datasheet
1Mb / 127P
   Access line, 16 MHz STM8S 8-bit MCU, up to 32 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, UART, SPI, I짼C
STM8S103XX STMICROELECTRONICS-STM8S103XX Datasheet
1Mb / 56P
   Access line, STM8S 8-bit MCU, up to 32 Kbytes Flash, 10-bit ADC, timers, USART, SPI, I짼C
STM8S103K3T6C STMICROELECTRONICS-STM8S103K3T6C Datasheet
1Mb / 117P
   Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I짼C
STM8S103F2 STMICROELECTRONICS-STM8S103F2 Datasheet
1Mb / 121P
   Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I짼C
February 2017
STM8S003F3U6TR STMICROELECTRONICS-STM8S003F3U6TR Datasheet
956Kb / 100P
   Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I짼C
June 2012 Rev 3
STM8S103F3P6TR STMICROELECTRONICS-STM8S103F3P6TR Datasheet
1Mb / 113P
   Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I짼C
September 2010 Rev 6
STM8S103F3U6TR STMICROELECTRONICS-STM8S103F3U6TR Datasheet
1Mb / 117P
   Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I짼C
June 2012 Rev 9
STM8S103F3M3 STMICROELECTRONICS-STM8S103F3M3 Datasheet
1Mb / 117P
   Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I짼C
STM8S003K3T6C STMICROELECTRONICS-STM8S003K3T6C Datasheet
956Kb / 100P
   Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I짼C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com