Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBRN113ZT Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PBRN113ZT
Description  NPN 800 mA, 40 V BISS RETs; R1 = 1 k?? R2 = 10 k?
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBRN113ZT Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PBRN113ZT Datasheet HTML 4Page - NXP Semiconductors PBRN113ZT Datasheet HTML 5Page - NXP Semiconductors PBRN113ZT Datasheet HTML 6Page - NXP Semiconductors PBRN113ZT Datasheet HTML 7Page - NXP Semiconductors PBRN113ZT Datasheet HTML 8Page - NXP Semiconductors PBRN113ZT Datasheet HTML 9Page - NXP Semiconductors PBRN113ZT Datasheet HTML 10Page - NXP Semiconductors PBRN113ZT Datasheet HTML 11Page - NXP Semiconductors PBRN113ZT Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
PBRN113Z_SER_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 26 February 2007
8 of 17
NXP Semiconductors
PBRN113Z series
NPN 800 mA, 40 V BISS RETs; R1 = 1 k
Ω, R2 = 10 kΩ
7.
Characteristics
[1]
Pulse test: tp ≤ 300 µs; δ≤ 0.02.
Table 8.
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ICBO
collector-base cut-off
current
VCB =30V;
IE =0A
-
-
100
nA
ICEO
collector-emitter cut-off
current
VCE =30V;
IB =0A
-
-
0.5
µA
IEBO
emitter-base cut-off
current
VEB =5V;
IC =0A
-
-
0.8
mA
hFE
DC current gain
VCE =5V;
IC =50mA
300
450
-
VCE =5V;
IC = 300 mA
[1] 500
750
-
VCE =5V;
IC = 600 mA
[1] 500
720
-
VCE =5V;
IC = 800 mA
[1] 450
650
-
VCEsat
collector-emitter
saturation voltage
IC = 50 mA;
IB = 2.5 mA
-
2535mV
IC = 200 mA;
IB =10mA
-
6085mV
IC = 500 mA;
IB =10mA
[1] -
160
220
mV
IC = 600 mA;
IB =6mA
[1] -
270
550
mV
IC = 800 mA;
IB =8mA
[1] -
0.56
1.15
V
VI(off)
off-state input voltage
VCE =5V;
IC = 100 µA
0.3
0.5
1
V
VI(on)
on-state input voltage
VCE = 0.3 V;
IC =20mA
0.4
0.7
1.4
V
R1
bias resistor 1 (input)
0.7
1
1.3
k
R2/R1
bias resistor ratio
9
10
11
Cc
collector capacitance
VCB =10V;
IE =ie =0A;
f=1MHz
-7
-pF


Similar Part No. - PBRN113ZT

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBRN113ZT NEXPERIA-PBRN113ZT Datasheet
271Kb / 12P
   40 V, 600 mA NPN PB RET; R1 = 1 kΩ, R2 = 10 kΩ
31 March 2021
PBRN113ZT NEXPERIA-PBRN113ZT Datasheet
741Kb / 17P
   NPN 800 mA, 40 V BISS RETs; R1 = 1 kW, R2 = 10 kW
Rev. 01 - 26 February 2007
PBRN113ZT-Q NEXPERIA-PBRN113ZT-Q Datasheet
273Kb / 13P
   40 V, 600 mA NPN PB RET; R1 = 1 kΩ, R2 = 10 kΩ
5 May 2021
More results

Similar Description - PBRN113ZT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBRN113E NXP-PBRN113E Datasheet
159Kb / 17P
   NPN 800 mA, 40 V BISS RETs; R1 = 1 k?? R2 = 1 k?
Rev. 01-1 March 2007
PBRN123Y NXP-PBRN123Y Datasheet
162Kb / 17P
   NPN 800 mA, 40 V BISS RETs; R1 = 2.2 k?? R2 = 10 k?
Rev. 01-27 February 2007
PBRN123E NXP-PBRN123E Datasheet
159Kb / 17P
   NPN 800 mA, 40 V BISS RETs; R1 = 2.2 k?? R2 = 2.2 k?
Rev. 01-27 February 2007
logo
Nexperia B.V. All right...
PBRN113Z_SER NEXPERIA-PBRN113Z_SER Datasheet
741Kb / 17P
   NPN 800 mA, 40 V BISS RETs; R1 = 1 kW, R2 = 10 kW
Rev. 01 - 26 February 2007
PBRN113E_SER NEXPERIA-PBRN113E_SER Datasheet
777Kb / 17P
   NPN 800 mA, 40 V BISS RETs; R1 = 1 kW, R2 = 1 kW
Rev. 01 - 1 March 2007
PBRN123Y_SER NEXPERIA-PBRN123Y_SER Datasheet
741Kb / 17P
   NPN 800 mA, 40 V BISS RETs; R1 = 2.2 kW, R2 = 10 kW
Rev. 01 - 27 February 2007
PBRN123E_SER NEXPERIA-PBRN123E_SER Datasheet
740Kb / 17P
   NPN 800 mA, 40 V BISS RETs; R1 = 2.2 kW, R2 = 2.2 kW
Rev. 01 - 27 February 2007
logo
NXP Semiconductors
PBRP113ZT NXP-PBRP113ZT Datasheet
114Kb / 12P
   PNP 800 mA, 40 V BISS RET; R1 = 1 kW, R2 = 10 kW
Rev. 01-16 January 2008
PBRP113ET NXP-PBRP113ET Datasheet
118Kb / 12P
   PNP 800 mA, 40 V BISS RET; R1 = 1 kW, R2 = 1 kW
Rev. 01-17 December 2007
PBRP123YT NXP-PBRP123YT Datasheet
121Kb / 12P
   PNP 800 mA, 40 V BISS RET; R1 = 2.2 kW, R2 = 10 kW
Rev. 01-17 December 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com