Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBRP113ET Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PBRP113ET
Description  PNP 800 mA, 40 V BISS RET; R1 = 1 kW, R2 = 1 kW
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBRP113ET Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PBRP113ET Datasheet HTML 4Page - NXP Semiconductors PBRP113ET Datasheet HTML 5Page - NXP Semiconductors PBRP113ET Datasheet HTML 6Page - NXP Semiconductors PBRP113ET Datasheet HTML 7Page - NXP Semiconductors PBRP113ET Datasheet HTML 8Page - NXP Semiconductors PBRP113ET Datasheet HTML 9Page - NXP Semiconductors PBRP113ET Datasheet HTML 10Page - NXP Semiconductors PBRP113ET Datasheet HTML 11Page - NXP Semiconductors PBRP113ET Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
PBRP113ET_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 17 December 2007
9 of 12
NXP Semiconductors
PBRP113ET
PNP 800 mA, 40 V BISS RET; R1 = 1 k
Ω, R2 = 1 kΩ
9.
Packing information
[1]
For further information and the availability of packing methods, see Section 13.
10. Soldering
Table 8.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number
Package
Description
Packing quantity
3000
10000
PBRP113ET
SOT23
4 mm pitch, 8 mm tape and reel
-215
-235
Fig 12. Reflow soldering footprint SOT23 (TO-236AB)
Fig 13. Wave soldering footprint SOT23 (TO-236AB)
solder resist
occupied area
solder lands
solder paste
Dimensions in mm
sot023
1.00
0.60
(3x)
1.30
1
2
3
2.50
3.00
0.85
2.70
2.90
0.50 (3x)
0.60 (3x)
3.30
0.85
sot023
4.00
4.60
2.80
4.50
1.20
3.40
3
21
1.20 (2x)
preferred transport direction during soldering
Dimensions in mm
solder resist
occupied area
solder lands


Similar Part No. - PBRP113ET

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBRP113ET NEXPERIA-PBRP113ET Datasheet
266Kb / 12P
   40 V, 600 mA PNP PB RET; R1 = 1 kΩ, R2 = 1 kΩ
31 March 2021
PBRP113ET-Q NEXPERIA-PBRP113ET-Q Datasheet
268Kb / 13P
   40 V, 600 mA PNP PB RET; R1 = 1 kΩ, R2 = 1 kΩ
6 May 2021
More results

Similar Description - PBRP113ET

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBRP113ZT NXP-PBRP113ZT Datasheet
114Kb / 12P
   PNP 800 mA, 40 V BISS RET; R1 = 1 kW, R2 = 10 kW
Rev. 01-16 January 2008
PBRP123YT NXP-PBRP123YT Datasheet
121Kb / 12P
   PNP 800 mA, 40 V BISS RET; R1 = 2.2 kW, R2 = 10 kW
Rev. 01-17 December 2007
PBRP123ET NXP-PBRP123ET Datasheet
112Kb / 12P
   PNP 800 mA, 40 V BISS RET; R1 = 2.2 kW, R2 = 2.2 kW
Rev. 01-16 January 2008
logo
Nexperia B.V. All right...
PBRN113E_SER NEXPERIA-PBRN113E_SER Datasheet
777Kb / 17P
   NPN 800 mA, 40 V BISS RETs; R1 = 1 kW, R2 = 1 kW
Rev. 01 - 1 March 2007
PBRN113Z_SER NEXPERIA-PBRN113Z_SER Datasheet
741Kb / 17P
   NPN 800 mA, 40 V BISS RETs; R1 = 1 kW, R2 = 10 kW
Rev. 01 - 26 February 2007
PBRN123E_SER NEXPERIA-PBRN123E_SER Datasheet
740Kb / 17P
   NPN 800 mA, 40 V BISS RETs; R1 = 2.2 kW, R2 = 2.2 kW
Rev. 01 - 27 February 2007
PBRN123Y_SER NEXPERIA-PBRN123Y_SER Datasheet
741Kb / 17P
   NPN 800 mA, 40 V BISS RETs; R1 = 2.2 kW, R2 = 10 kW
Rev. 01 - 27 February 2007
PDTA113E_SER NEXPERIA-PDTA113E_SER Datasheet
235Kb / 19P
   PNP resistor-equipped transistors; R1 = 1 kW, R2 = 1 kW
Rev. 05 - 2 September 2009
logo
NXP Semiconductors
PDTA113E NXP-PDTA113E Datasheet
121Kb / 18P
   PNP resistor-equipped transistors; R1 = 1 kW, R2 = 1 kW
Rev. 05-2 September 2009
PDTA113Z NXP-PDTA113Z Datasheet
121Kb / 18P
   PNP resistor-equipped transistors; R1 = 1 kW, R2 = 10 kW
Rev. 04-2 September 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com