Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBSS304PD Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PBSS304PD
Description  80 V, 3 A PNP low VCEsat (BISS) transistor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBSS304PD Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PBSS304PD Datasheet HTML 3Page - NXP Semiconductors PBSS304PD Datasheet HTML 4Page - NXP Semiconductors PBSS304PD Datasheet HTML 5Page - NXP Semiconductors PBSS304PD Datasheet HTML 6Page - NXP Semiconductors PBSS304PD Datasheet HTML 7Page - NXP Semiconductors PBSS304PD Datasheet HTML 8Page - NXP Semiconductors PBSS304PD Datasheet HTML 9Page - NXP Semiconductors PBSS304PD Datasheet HTML 10Page - NXP Semiconductors PBSS304PD Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
PBSS304PD_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 24 March 2009
7 of 15
NXP Semiconductors
PBSS304PD
80 V, 3 A PNP low VCEsat (BISS) transistor
7.
Characteristics
[1]
Pulse test: tp ≤ 300 µs; δ≤ 0.02.
Table 7.
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
ICBO
collector-base cut-off
current
VCB = −80 V; IE =0A
-
-
−100
nA
VCB = −80 V; IE =0A;
Tj = 150 °C
--
−50
µA
ICES
collector-emitter
cut-off current
VCE = −64 V; VBE =0V
-
-
−100
nA
IEBO
emitter-base cut-off
current
VEB = −5 V; IC =0A
-
-
−100
nA
hFE
DC current gain
VCE = −2 V; IC = −500 mA
155
225
-
VCE = −2 V; IC = −1A
[1] 140
200
-
VCE = −2 V; IC = −2A
[1] 105
145
-
VCE = −2 V; IC = −3A
[1] 60
85
-
VCE = −2 V; IC = −4A
[1] 30
45
-
VCE = −2 V; IC = −5A
[1] 20
25
-
VCEsat
collector-emitter
saturation voltage
IC = −500 mA; IB = −50 mA
-
−55
−75
mV
IC = −1 A; IB = −50 mA
-
−110
−145
mV
IC = −2 A; IB = −200 mA
[1] -
−150
−200
mV
IC = −3 A; IB = −150 mA
[1] -
−315
−415
mV
IC = −3 A; IB = −300 mA
[1] -
−215
−290
mV
IC = −4 A; IB = −400 mA
[1] -
−295
−390
mV
IC = −5 A; IB = −500 mA
[1] -
−410
−540
mV
RCEsat
collector-emitter
saturation resistance
IC = −2 A; IB = −200 mA
[1] -
75
100
m
VBEsat
base-emitter
saturation voltage
IC = −500 mA; IB = −50 mA
-
−0.78
−0.87
V
IC = −1 A; IB = −50 mA
-
−0.80
−0.89
V
IC = −1 A; IB = −100 mA
[1] -
−0.83
−0.91
V
IC = −3 A; IB = −150 mA
[1] -
−0.92
−0.99
V
IC = −3 A; IB = −300 mA
[1] -
−0.94
−1.01
V
VBEon
base-emitter turn-on
voltage
VCE = −2 V; IC = −2A
-
−0.80
−1.00
V
td
delay time
VCC = −9.2 V; IC = −2A;
IBon = −0.1 A; IBoff = 0.1 A
-13
-
ns
tr
rise time
-
77
-
ns
ton
turn-on time
-
90
-
ns
ts
storage time
-
210
-
ns
tf
fall time
-
102
-
ns
toff
turn-off time
-
312
-
ns
fT
transition frequency
VCE = −10 V; IC = −100 mA;
f = 100 MHz
-
110
-
MHz
Cc
collector capacitance VCB = −10 V; IE =ie =0A;
f=1MHz
-45
-
pF


Similar Part No. - PBSS304PD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS304PD PHILIPS-PBSS304PD Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
logo
Nexperia B.V. All right...
PBSS304PD NEXPERIA-PBSS304PD Datasheet
251Kb / 16P
   80 V, 3 A PNP low VCEsat (BISS) transistor
Rev. 02 - 24 March 2009
More results

Similar Description - PBSS304PD

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS304PD NEXPERIA-PBSS304PD Datasheet
251Kb / 16P
   80 V, 3 A PNP low VCEsat (BISS) transistor
Rev. 02 - 24 March 2009
logo
NXP Semiconductors
PBSS5480X PHILIPS-PBSS5480X_15 Datasheet
206Kb / 13P
   PNP low VCEsat (BISS) transistor 80 V, 4 A
2004 Nov 08
logo
Nexperia B.V. All right...
PBSS5480X NEXPERIA-PBSS5480X Datasheet
448Kb / 14P
   80 V, 4 A PNP low VCEsat (BISS) transistor
2004 Nov 08
PBSS305PX NEXPERIA-PBSS305PX Datasheet
331Kb / 16P
   80 V, 4.0 A PNP low VCEsat (BISS) transistor
Rev. 02 - 8 December 2009
PBSS305PZ NEXPERIA-PBSS305PZ Datasheet
307Kb / 15P
   80 V, 4.5 A PNP low VCEsat (BISS) transistor
Rev. 02 - 8 December 2009
logo
NXP Semiconductors
PBSS5580PA PHILIPS-PBSS5580PA_15 Datasheet
174Kb / 15P
   80 V, 4 A PNP low VCEsat (BISS) transistor
Rev. 01-6 May 2010
PBSS305PX NXP-PBSS305PX Datasheet
218Kb / 15P
   80 V, 4.0 A PNP low VCEsat (BISS) transistor
Rev. 02-8 December 2009
PBSS5480X PHILIPS-PBSS5480X Datasheet
114Kb / 13P
   80 V, 4 A PNP low VCEsat (BISS) transistor
2004 Nov 08
logo
Nexperia B.V. All right...
PBSS5580PA NEXPERIA-PBSS5580PA Datasheet
289Kb / 16P
   80 V, 4 A PNP low VCEsat (BISS) transistor
logo
NXP Semiconductors
PBSS305PZ PHILIPS-PBSS305PZ Datasheet
124Kb / 14P
   80 V, 4.5 A PNP low VCEsat (BISS) transistor
Rev. 01-20 September 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com