Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6217C401GR-G Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC6217C401GR-G
Description  High Speed "Green Operation" LDO Voltage Regulators
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6217C401GR-G Datasheet(HTML) 1 Page - Torex Semiconductor

  XC6217C401GR-G Datasheet HTML 1Page - Torex Semiconductor XC6217C401GR-G Datasheet HTML 2Page - Torex Semiconductor XC6217C401GR-G Datasheet HTML 3Page - Torex Semiconductor XC6217C401GR-G Datasheet HTML 4Page - Torex Semiconductor XC6217C401GR-G Datasheet HTML 5Page - Torex Semiconductor XC6217C401GR-G Datasheet HTML 6Page - Torex Semiconductor XC6217C401GR-G Datasheet HTML 7Page - Torex Semiconductor XC6217C401GR-G Datasheet HTML 8Page - Torex Semiconductor XC6217C401GR-G Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
1/33
XC6217 Series
High Speed "Green Operation" LDO Voltage Regulators
☆GreenOperation Compatible
■GENERAL DESCRIPTION
The XC6217 series are precise, low noise, high speed, low dropout regulators with green operation (GO) function. They are
fabricated using Torex’s CMOS process.
Performance features of the series include high ripple rejection and low dropout
voltage, and the series include a reference voltage source, an error amplifier, a current limiter, and a phase compensation
circuit.
GO provides high speed operation, low power consumption and high efficiencies by automatically switching between a high
speed mode (HS) and a power save mode (PS) depending upon the load current level. The switching point of the GO to the
output current is being fixed inside the IC.
When only high-speed operation is required, it can be fixed by inputting a high level
signal to the GO pin, thus providing operating conditions with the most suitable level of supply current for the application.
The CE function enables the output to be turned off resulting in greatly reduced power consumption.
In this state, with the
XC6217B/D series, the IC turns on the internal switch located between the VOUT and VSS pins.
This short enables the electric
charge at the output capacitor (CL) to be discharged via the internal auto-discharge resistance, and as a result the VOUT pin
quickly returns to the VSS level. The series' output stabilization capacitor (CL) is also compatible with low ESR ceramic
capacitors.
Output voltage is selectable in 0.05V increments within a range of 0.80V~4.00V, using laser trimming technologies.
The current limiter's foldback circuit also operates as a short circuit protection for the output current limiter and the output pin.
■APPLICATIONS
●Cellular phones
●Cordless phones
●Wireless communication equipment
●Portable games
●Cameras, VCRs
●Portable AV equipment
●PDAs
■TYPICAL APPLICATION CIRCUIT
■FEATURES
Output Current
: 200mA <Limit: 250mA (TYP.)>
Dropout Voltage
: 80mV@ IOUT=100mA, VOUT=3.0V
Operating Voltage Range
: 1.6V ~ 6.0V (0.8V≦VOUT≦1.55V
: 1.8V ~ 6.0V (1.6V≦VOUT≦4.0V
Output Voltage Range
: 0.80V~4.00V (0.05V increments)
Accuracy
: +2% (HS: VOUT >2.00V) (Standard)
+30mV (HS: VOUT≦1.95V) (Standard)
+2.5%, -3.5% (PS: VOUT >2.60V) (Standard)
+3.5%, -4.5% (PS:1.60≦VOUT≦2.55V) (Standard)
+70mV, -90mV (PS:0.80≦VOUT≦1.55V) (Standard)
+1% (HS: VOUT >2.00V) (High Accuracy)
+20mV (HS: VOUT≦1.95V) (High Accuracy)
+1.5%, -2.5% (PS: VOUT >2.60V) (High Accuracy)
+2.5%, -3.5% (PS:1.60≦VOUT≦2.55V) (High Accuracy)
+50mV, -70mV (PS:0.80≦VOUT≦1.55V) (High Accuracy)
Low Power Consumption
: 4.5μA (TYP.) when PS mode
25μA (TYP.) when HS mode
Standby Current
: Less than 0.1μA
High Ripple Rejection
: 70dB @ 1kHz (When HS mode)
Operating Temperature
: -40℃~85℃
Low ESR Capacitor
: 1.0μF Ceramic capacitor
Regulators with Green Operation (GO) Function
CL High-Speed-Discharge (XC6217B/D)
Packages
: USP-4D, SOT-25(XC6217A/B Type)
SSOT-24,USPN-4(XC6217C/D Type)
Environmentally Friendly
: EU RoHS Compliant, Pb Free
■ TYPICAL PERFORMANCE
CHARACTERISTICS
ETR0322_013a
V
OUT
V
IN
GO
CE
V
SS
C
IN
1.0μF
(ceramic)
C
L
1.0μF
(ceramic)
XC6217B281MR
2.4
2.45
2.5
2.55
2.6
2.65
2.7
2.75
2.8
2.85
2.9
2.5
2.55
2.6
2.65
2.7
2.75
2.8
2.85
2.9
2.95
3
VIN=3.8V,Tr=Tf=5usec, Ta=25℃
C
IN=CL=1.0uF(Ceramic)
IOUT=0.1mA
IOUT=50mA
VOUT_HSmode
VOUT_GOmode
Output Current
Time (500usec/div)
IOUT=0.1mA


Similar Part No. - XC6217C401GR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6217C081GL TOREX-XC6217C081GL Datasheet
502Kb / 30P
   HIGH SPEED GREEN OPERATION LDO VOLTAGE REGULATORS
XC6217C081GR TOREX-XC6217C081GR Datasheet
502Kb / 30P
   HIGH SPEED GREEN OPERATION LDO VOLTAGE REGULATORS
XC6217C081ML TOREX-XC6217C081ML Datasheet
502Kb / 30P
   HIGH SPEED GREEN OPERATION LDO VOLTAGE REGULATORS
XC6217C081MR TOREX-XC6217C081MR Datasheet
502Kb / 30P
   HIGH SPEED GREEN OPERATION LDO VOLTAGE REGULATORS
XC6217C081NL TOREX-XC6217C081NL Datasheet
502Kb / 30P
   HIGH SPEED GREEN OPERATION LDO VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com