Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC9S08DZ96F2MLL Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MC9S08DZ96F2MLL
Description  Microcontrollers
Download  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DZ96F2MLL Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MC9S08DZ96F2MLL Datasheet HTML 1Page - Freescale Semiconductor, Inc MC9S08DZ96F2MLL Datasheet HTML 2Page - Freescale Semiconductor, Inc MC9S08DZ96F2MLL Datasheet HTML 3Page - Freescale Semiconductor, Inc MC9S08DZ96F2MLL Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9S08DZ96F2MLL Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9S08DZ96F2MLL Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S08DZ96F2MLL Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S08DZ96F2MLL Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08DZ96F2MLL Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 458 page
background image
8-Bit HCS08 Central Processor Unit (CPU)
• 40-MHz HCS08 CPU (20-MHz bus)
• HC08 instruction set with added BGND instruction
• Support for up to 32 interrupt/reset sources
On-Chip Memory
• FLASH read/program/erase over full operating voltage
and temperature
• EEPROM in-circuit programmable memory; 8-byte
single-page or 4-byte dual-page erase sector; Program
and Erase while executing FLASH; Erase abort
• Random-access memory (RAM)
Power-Saving Modes
• Two very low power stop modes
• Reduced power wait mode
• Very low power real time interrupt for use in run, wait,
and stop
Clock Source Options
• Oscillator (XOSC) — Loop-control Pierce oscillator;
Crystal or ceramic resonator range of 31.25 kHz to
38.4 kHz or 1 MHz to 16 MHz
• Multi-purpose Clock Generator (MCG) — PLL and
FLL modes; reference clock with nonvolatile trim
(0.2% resolution, 1.5% tolerance over temperature with
internal temperature compensation); External reference
with oscillator/resonator options
System Protection
• Watchdog computer operating properly (COP) reset
with option to run from backup dedicated 1-kHz
internal clock source or bus clock; with optional
windowed operation
• Low-voltage detection with reset or interrupt; selectable
trip points
• Illegal opcode detection with reset
• Illegal address detection with reset
• FLASH and EEPROM block protect
• Loss-of-lock protection
Development Support
• Single-wire background debug interface
• On-chip, in-circuit emulation (ICE) with real-time bus
capture
Peripherals
• ADC — 24-channel, 12-bit resolution, 2.5
μs
conversion time, automatic compare function,
temperature sensor, internal bandgap reference channel
• ACMPx — Two analog comparators with selectable
interrupt on rising, falling, or either edge of comparator
output; compare option to fixed internal bandgap
reference voltage; runs in stop3 mode
• MSCAN — CAN protocol - Version 2.0 A, B; standard
and extended data frames; Support for remote frames;
Five receive buffers with FIFO storage scheme; Flexible
identifier acceptance filters programmable as: 2 x
32-bit, 4 x 16-bit, or 8 x 8-bit
• SCIx — Two SCIs supporting LIN 2.0 Protocol and
SAE J2602 protocols; Full duplex non-return to zero
(NRZ); Master extended break generation; Slave
extended break detection; Wakeup on active edge
• SPIx — Up to two SPIs; Full-duplex or single-wire
bidirectional; Double-buffered transmit and receive;
Master or Slave mode; MSB-first or LSB-first shifting
• IICx — Up to two IICs; Up to 100 kbps with maximum
bus loading; Multi-master operation; Programmable
slave address; General Call Address; Interrupt driven
byte-by-byte data transfer
• TPMx — One 6-channel (TPM1), one 2-channel
(TPM2) and one 4-channel (TPM3); Selectable input
capture, output compare, or buffered edge- and
center-aligned PWM on each channel.
• RTC — (Real-time counter) 8-bit modulus counter with
binary or decimal based prescaler; Real-time clock
capabilities using external crystal and RTC for precise
time base, time-of-day, calendar or task scheduling
functions; Free running on-chip low power oscillator
(1 kHz) for cyclic wake-up without external
components
Input/Output
• Up to 87 general-purpose input/output (I/O) pins and
1 input-only pin
• Up to 32 interrupt pins with selectable polarity on each
pin
• Hysteresis and configurable pull device on all input
pins.
• Configurable slew rate and drive strength on all output
pins.
Package Options
• 100-pin low-profile quad flat-pack(LQFP) — 14x14
mm
• 64-pin low-profile quad flat-pack (LQFP) — 10x10 mm
• 48-pin low-profile quad flat-pack (LQFP) — 7x7 mm
MC9S08
DZ128
MC9S08
DZ96
MC9S08
DV128
MC9S08
DV96
FLASH
128K
96K
128K
96K
EEPROM
2K
2K
RAM
8K
6K
6K
4K
MC9S08DZ128 Series Features


Similar Part No. - MC9S08DZ96F2MLL

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ16 FREESCALE-MC9S08DZ16 Datasheet
2Mb / 396P
   Microcontrollers
MC9S08DZ16 FREESCALE-MC9S08DZ16 Datasheet
4Mb / 416P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08DZ16 FREESCALE-MC9S08DZ16 Datasheet
1Mb / 416P
   Microcontrollers
MC9S08DZ16 FREESCALE-MC9S08DZ16 Datasheet
1Mb / 416P
   MC9S08DZ60 Series Features
MC9S08DZ16 FREESCALE-MC9S08DZ16 Datasheet
2Mb / 416P
   MC9S08DZ60 Series Features
More results

Similar Description - MC9S08DZ96F2MLL

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com