Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBSS2515VPN Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PBSS2515VPN
Description  15 V low VCE(sat) NPN/PNP transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBSS2515VPN Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PBSS2515VPN Datasheet HTML 3Page - NXP Semiconductors PBSS2515VPN Datasheet HTML 4Page - NXP Semiconductors PBSS2515VPN Datasheet HTML 5Page - NXP Semiconductors PBSS2515VPN Datasheet HTML 6Page - NXP Semiconductors PBSS2515VPN Datasheet HTML 7Page - NXP Semiconductors PBSS2515VPN Datasheet HTML 8Page - NXP Semiconductors PBSS2515VPN Datasheet HTML 9Page - NXP Semiconductors PBSS2515VPN Datasheet HTML 10Page - NXP Semiconductors PBSS2515VPN Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
2005 Jan 11
7
NXP Semiconductors
Product data sheet
15 V low VCE(sat) NPN/PNP transistor
PBSS2515VPN
handbook, halfpage
0
400
600
200
MLD649
−10−1
−1
−10
IC (mA)
hFE
−102
−103
(2)
(1)
(3)
Fig.8
DC current gain as a function of collector
current; typical values.
TR2 (PNP) VCE = −2 V.
(1) Tamb = 150 °C.
(2) Tamb = 25 °C.
(3) Tamb = −55 °C.
handbook, halfpage
−200
−1200
−400
−600
−800
−1000
MLD651
−1
−10−1
IC (mA)
VBE
(mV)
−10
−102
−103
(1)
(3)
(2)
Fig.9
Base-emitter voltage as a function of
collector current; typical values.
TR2 (PNP) VCE = −2 V.
(1) Tamb = −55 °C.
(2) Tamb = 25 °C.
(3) Tamb = 150 °C.
handbook, halfpage
−103
−102
−10
−1
MLD653
−10−1
−1
−10
IC (mA)
VCEsat
(mV)
−102
−103
(1)
(2)
(3)
Fig.10 Collector-emitter saturation voltage as a
function of collector current; typical values.
TR2 (PNP) IC/IB = 20.
(1) Tamb = 150 °C.
(2) Tamb = 25 °C.
(3) Tamb = −55 °C.
handbook, halfpage
−200
−1200
−400
−600
−800
−1000
MLD652
−1
−10−1
IC (mA)
VBEsat
(mV)
−10
−102
−103
(2)
(3)
(1)
Fig.11 Base-emitter saturation voltage as a
function of collector current; typical values.
TR2 (PNP) IC/IB = 20.
(1) Tamb = 150 °C.
(2) Tamb = 25 °C.
(3) Tamb = −55 °C.


Similar Part No. - PBSS2515VPN

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS2515VPN NEXPERIA-PBSS2515VPN Datasheet
387Kb / 12P
   15 V low VCE(sat) NPN/PNP transistor
2005 Jan 11
More results

Similar Description - PBSS2515VPN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS2515YPN PHILIPS-PBSS2515YPN Datasheet
99Kb / 11P
   15 V low VCE(sat) NPN/PNP transistor
2005 Jan 11
PBSS2515YPN NXP-PBSS2515YPN Datasheet
363Kb / 11P
   15 V low VCE(sat) NPN/PNP transistor
2005 Jan 11
logo
Nexperia B.V. All right...
PBSS2515VPN NEXPERIA-PBSS2515VPN Datasheet
387Kb / 12P
   15 V low VCE(sat) NPN/PNP transistor
2005 Jan 11
logo
NXP Semiconductors
PBSS3515VS NXP-PBSS3515VS Datasheet
309Kb / 9P
   15 V low VCE(sat) PNP double transistor
2004 Dec 23
PBSS2515VS NXP-PBSS2515VS Datasheet
149Kb / 9P
   15 V low VCE(sat) NPN double transistor
2004 Dec 23
logo
Taiwan Semiconductor Co...
TSB1184 TSC-TSB1184 Datasheet
45Kb / 3P
   Low Vce(sat) PNP Transistor
logo
Pan Jit International I...
PBHV9110DW PANJIT-PBHV9110DW Datasheet
408Kb / 6P
   PNP Low Vce(sat) Transistor
January 18,2019-REV.00
2SB1429 PANJIT-2SB1429 Datasheet
313Kb / 5P
   PNP Low Vce(sat) Transistor
November 4,2016-REV.00
PBHV9110DW-AU PANJIT-PBHV9110DW-AU Datasheet
408Kb / 6P
   PNP Low Vce(sat) Transistor
January 18,2019-REV.00
logo
Taiwan Semiconductor Co...
TSB1424A TSC-TSB1424A Datasheet
71Kb / 3P
   Low Vce(sat) PNP Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com