Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC9S08JM16CGTE Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MC9S08JM16CGTE
Description  Microcontrollers
Download  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08JM16CGTE Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MC9S08JM16CGTE Datasheet HTML 1Page - Freescale Semiconductor, Inc MC9S08JM16CGTE Datasheet HTML 2Page - Freescale Semiconductor, Inc MC9S08JM16CGTE Datasheet HTML 3Page - Freescale Semiconductor, Inc MC9S08JM16CGTE Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9S08JM16CGTE Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9S08JM16CGTE Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S08JM16CGTE Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S08JM16CGTE Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08JM16CGTE Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 386 page
background image
MC9S08JM16 Series Features
8-Bit HCS08 Central Processor Unit (CPU)
• 48 MHz HCS08 CPU (central processor unit)
• 24 MHz internal bus frequency
• HC08 instruction set with added BGND instruction
• Background debugging system
• Breakpoint capability to allow single breakpoint
setting during in-circuit debugging (plus two more
breakpoints in on-chip debug module)
• In-circuit emulator (ICE) debug module containing
two comparators and nine trigger modes. Eight
deep FIFO for storing change-of-flow addresses
and event-only data. Debug module supports both
tag and force breakpoints
• Support for up to 32 interrupt/reset sources
Memory Options
• Up to 16 KB of on-chip in-circuit programmable
flash memory with block protection and security
options
• Up to 1 KB of on-chip RAM
• 256 bytes of USB RAM
Clock Source Options
• Clock source options include crystal, resonator,
external clock
• MCG (multi-purpose clock generator) — PLL and
FLL; internal reference clock with trim adjustment
System Protection
• Optional computer operating properly (COP) reset
with option to run from independent 1 kHz internal
clock source or the bus clock
• Low-voltage detection with reset or interrupt
• Illegal opcode detection with reset
• Illegal address detection with reset
Power-Saving Modes
• Wait plus two stops
Peripherals
• USB — USB 2.0 full-speed (12 Mbps) with
dedicated on-chip 3.3 V regulator and transceiver;
supporting endpoint 0 and up to 6 additional
endpoints
• ADC — 8-channel, 12-bit analog-to-digital
converter with automatic compare function;
internal temperature sensor
• ACMP — Analog comparator with option to
compare to internal reference; operation in stop3
mode
• SCI — Up to two serial communications interface
modules with optional 13-bit break; LIN
extensions
• SPI — Two 8- or 16-bit selectable serial peripheral
interface modules with a receive data buffer
hardware match function
• IIC — Inter-integrated circuit bus module to
operate at up to 100 kbps with maximum bus
loading; multi-master operation; programmable
slave address; interrupt-driven byte-by-byte data
transfer; broadcast mode; 10-bit addressing
• Timers — One 2-channel and one 4-channel
16-bit timer/pulse-width modulator (TPM)
modules; selectable input capture, output
compare, and edge-aligned PWM capability on
each channel. Each timer module may be
configured for buffered, centered PWM (CPWM)
on all channels
• KBI — 7-pin keyboard interrupt module
• RTC — Real-time counter with binary- or
decimal-based prescaler
Input/Output
• Up to 37 general purpose input/output pins
• Software selectable pullup on ports when used as
inputs
• Software selectable slew rate control on ports
when used as outputs
• Software selectable drive strength on ports when
used as outputs
• Master reset pin and power-on reset (POR)
• Internal pullup on RESET, IRQ, and BKGD/MS
pins to reduce customer system cost
Package Options
• 48-pin quad flat no-lead (QFN)
• 44-pin low-profile quad flat package (LQFP)
• 32-pin low-profile quad flat package (LQFP)


Similar Part No. - MC9S08JM16CGTE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC9S08JM16CGT NXP-MC9S08JM16CGT Datasheet
174Kb / 2P
   8-bit USB microcontroller
REV 1
More results

Similar Description - MC9S08JM16CGTE

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com