Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC9S08JM16CGTE Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MC9S08JM16CGTE
Description  Microcontrollers
Download  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08JM16CGTE Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MC9S08JM16CGTE Datasheet HTML 3Page - Freescale Semiconductor, Inc MC9S08JM16CGTE Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9S08JM16CGTE Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9S08JM16CGTE Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S08JM16CGTE Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S08JM16CGTE Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08JM16CGTE Datasheet HTML 9Page - Freescale Semiconductor, Inc MC9S08JM16CGTE Datasheet HTML 10Page - Freescale Semiconductor, Inc MC9S08JM16CGTE Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 386 page
background image
MC9S08JM16 Series Data Sheet, Rev. 2
Freescale Semiconductor
7
List of Chapters
Chapter Number
Title
Page
Chapter 1 Device Overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Chapter 2 Pins and Connections . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Chapter 3 Modes of Operation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Chapter 4 Memory . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
Chapter 5 Resets, Interrupts, and System Configuration . . . . . . . . . . . . . . . 61
Chapter 6 Parallel Input/Output . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 77
Chapter 7 Central Processor Unit (S08CPUV2) . . . . . . . . . . . . . . . . . . . . . . . 99
Chapter 8 Keyboard Interrupt (S08KBIV2) . . . . . . . . . . . . . . . . . . . . . . . . . . 119
Chapter 9 5 V Analog Comparator (S08ACMPV2) . . . . . . . . . . . . . . . . . . . . 127
Chapter 10 Analog-to-Digital Converter (S08ADC12V1) . . . . . . . . . . . . . . . 133
Chapter 11 Inter-Integrated Circuit (S08IICV2) . . . . . . . . . . . . . . . . . . . . . . . 159
Chapter 12 Multi-Purpose Clock Generator (S08MCGV1) . . . . . . . . . . . . . . 177
Chapter 13 Real-Time Counter (S08RTCV1) . . . . . . . . . . . . . . . . . . . . . . . . . 209
Chapter 14 Serial Communications Interface (S08SCIV4) . . . . . . . . . . . . . . 219
Chapter 15 16-Bit Serial Peripheral Interface (S08SPI16V1) . . . . . . . . . . . . 239
Chapter 16 Timer/Pulse-Width Modulator (S08TPMV2) . . . . . . . . . . . . . . . . 267
Chapter 17 Universal Serial Bus Device Controller (S08USBV1) . . . . . . . . 295
Chapter 18 Development Support . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 327
Appendix A Electrical Characteristics........................................................... 349
Appendix B Ordering Information and Mechanical Drawings..................... 373


Similar Part No. - MC9S08JM16CGTE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC9S08JM16CGT NXP-MC9S08JM16CGT Datasheet
174Kb / 2P
   8-bit USB microcontroller
REV 1
More results

Similar Description - MC9S08JM16CGTE

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com