Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBSS2540M Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PBSS2540M
Description  40 V, 0.5 A NPN low VCEsat (BISS) transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBSS2540M Datasheet(HTML) 4 Page - NXP Semiconductors

  PBSS2540M Datasheet HTML 1Page - NXP Semiconductors PBSS2540M Datasheet HTML 2Page - NXP Semiconductors PBSS2540M Datasheet HTML 3Page - NXP Semiconductors PBSS2540M Datasheet HTML 4Page - NXP Semiconductors PBSS2540M Datasheet HTML 5Page - NXP Semiconductors PBSS2540M Datasheet HTML 6Page - NXP Semiconductors PBSS2540M Datasheet HTML 7Page - NXP Semiconductors PBSS2540M Datasheet HTML 8Page - NXP Semiconductors PBSS2540M Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
2003 Jul 22
4
NXP Semiconductors
Product data sheet
40 V, 0.5 A
NPN low VCEsat (BISS) transistor
PBSS2540M
CHARACTERISTICS
Tamb = 25 °C unless otherwise specified.
Note
1.
Pulse test: tp ≤ 300 μs; δ ≤ 0.02.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector-base cut-off current
VCB = 30 V; IE = 0
100
nA
VCB = 30 V; IE = 0; Tj = 150 °C
50
μA
IEBO
emitter-base cut-off current
VEB = 5 V; IC = 0
100
nA
hFE
DC current gain
VCE = 2 V; IC = 10 mA
200
VCE = 2 V; IC = 100 mA; note 1
150
VCE = 2 V; IC = 500 mA; note 1
50
VCEsat
collector-emitter saturation voltage IC = 10 mA; IB = 0.5 mA
50
mV
IC = 100 mA; IB = 5 mA
100
mV
IC = 200 mA; IB = 10 mA; note 1
200
mV
IC = 500 mA; IB = 50 mA; note 1
250
mV
RCEsat
equivalent on-resistance
IC = 500 mA; IB = 50 mA; note 1
380
<500
m
Ω
VBEsat
base-emitter saturation voltage
IC = 500 mA; IB = 50 mA; note 1
1.2
V
VBEon
base-emitter turn-on voltage
VCE = 2 V; IC = 100 mA; note 1
1.1
V
fT
transition frequency
IC = 100 mA; VCE = 5 V;
f = 100 MHz
250
450
MHz
Cc
collector capacitance
VCB = 10 V; IE = Ie = 0; f = 1 MHz
6
pF


Similar Part No. - PBSS2540M

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS2540M PHILIPS-PBSS2540M Datasheet
73Kb / 9P
   40 V, 0.5 A NPN low VCEsat (BISS) transistor
2003 Jul 22
logo
Nexperia B.V. All right...
PBSS2540M NEXPERIA-PBSS2540M Datasheet
182Kb / 10P
   40 V, 0.5 A NPN low VCEsat (BISS) transistor
22 February 2018
PBSS2540MB NEXPERIA-PBSS2540MB Datasheet
1Mb / 12P
   40 V, 0.5 A NPN low VCEsat (BISS) transistor
More results

Similar Description - PBSS2540M

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS2540MB NEXPERIA-PBSS2540MB Datasheet
1Mb / 12P
   40 V, 0.5 A NPN low VCEsat (BISS) transistor
logo
NXP Semiconductors
PBSS2540M PHILIPS-PBSS2540M Datasheet
73Kb / 9P
   40 V, 0.5 A NPN low VCEsat (BISS) transistor
2003 Jul 22
logo
Nexperia B.V. All right...
PBSS2540M NEXPERIA-PBSS2540M Datasheet
182Kb / 10P
   40 V, 0.5 A NPN low VCEsat (BISS) transistor
22 February 2018
PBSS3540M NEXPERIA-PBSS3540M Datasheet
510Kb / 10P
   40 V, 0.5 A PNP low VCEsat (BISS) transistor
2003 Aug 12
logo
NXP Semiconductors
PBSS3540M NXP-PBSS3540M Datasheet
317Kb / 9P
   40 V, 0.5 A PNP low VCEsat (BISS) transistor
2003 Aug 12
logo
Nexperia B.V. All right...
PBSS3540MB NEXPERIA-PBSS3540MB Datasheet
1Mb / 12P
   40 V, 0.5 A PNP low VCEsat (BISS) transistor
PBSS2515M NEXPERIA-PBSS2515M Datasheet
355Kb / 10P
   15 V, 0.5 A NPN low VCEsat (BISS) transistor
2003 Sep 15
logo
NXP Semiconductors
PBSS2515M NXP-PBSS2515M Datasheet
151Kb / 9P
   15 V, 0.5 A NPN low VCEsat (BISS) transistor
2003 Sep 15
logo
Nexperia B.V. All right...
PBSS2515E NEXPERIA-PBSS2515E Datasheet
242Kb / 13P
   15 V, 0.5 A NPN low VCEsat (BISS) transistor
Rev. 02 - 21 April 2009
logo
NXP Semiconductors
PBSS2515E NXP-PBSS2515E Datasheet
128Kb / 12P
   15 V, 0.5 A NPN low VCEsat (BISS) transistor
Rev. 02-21 April 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com