Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC9S08QA4CPAE Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MC9S08QA4CPAE
Description  Technical Data
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08QA4CPAE Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MC9S08QA4CPAE Datasheet HTML 2Page - Freescale Semiconductor, Inc MC9S08QA4CPAE Datasheet HTML 3Page - Freescale Semiconductor, Inc MC9S08QA4CPAE Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9S08QA4CPAE Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9S08QA4CPAE Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S08QA4CPAE Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S08QA4CPAE Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08QA4CPAE Datasheet HTML 9Page - Freescale Semiconductor, Inc MC9S08QA4CPAE Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
MC9S08QA4 Series MCU Data Sheet, Rev. 3
Electrical Characteristics
Freescale Semiconductor
6
The average chip-junction temperature (TJ) in °C can be obtained from:
TJ = TA + (PD × θJA)
Eqn. 1
where:
—TA = Ambient temperature, °C
θJA = Package thermal resistance, junction-to-ambient, °C/W
—PD = Pint + PI/O
—Pint = IDD × VDD, Watts — chip internal power
—PI/O = Power dissipation on input and output pins — user-determined
For most applications, PI/O << Pint and can be neglected. An approximate relationship between PD and TJ (if PI/O is neglected)
is:
PD = K ÷ (TJ + 273°C)
Eqn. 2
Solving Equation 1 and Equation 2 for K gives:
K = PD × (TA + 273°C) + θJA × (PD)
2
Eqn. 3
where K is a constant pertaining to the particular part. K can be determined from Equation 3 by measuring PD (at equilibrium)
for a known TA. Using this value of K, the values of PD and TJ can be obtained by solving Equation 1 and Equation 2 iteratively
for any value of TA.
3.4
ESD Protection and Latch-Up Immunity
Although damage from electrostatic discharge (ESD) is much less common on these devices than on early CMOS circuits,
normal handling precautions should be used to avoid exposure to static discharge. Qualification tests are performed to ensure
that these devices can withstand exposure to reasonable levels of static without suffering any permanent damage.
All ESD testing is in conformity with AEC-Q100 Stress Test Qualification for Automotive Grade Integrated Circuits. During
the device qualification ESD stresses were performed for the human body model (HBM), the machine model (MM) and the
charge device model (CDM).
Table 3. Thermal Characteristics
Rating
Symbol
Value
Unit
Operating temperature range
(packaged)
TA
TL to TH
–40 to 85
°C
Thermal resistance
Single-layer board
8-pin PDIP
θ
JA
113
°C/W
8-pin NB SOIC
150
8-pin DFN
179
Thermal resistance
Four-layer board
8-pin PDIP
θ
JA
72
°C/W
8-pin NB SOIC
87
8-pin DFN
41


Similar Part No. - MC9S08QA4CPAE

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08QA4CPAE FREESCALE-MC9S08QA4CPAE Datasheet
2Mb / 32P
   8-bit HCS08 Central Processor Unit (CPU)
More results

Similar Description - MC9S08QA4CPAE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SE1117 ETC1-SE1117 Datasheet
72Kb / 4P
   TECHNICAL DATA
logo
Motorola, Inc
M68HC11 MOTOROLA-M68HC11 Datasheet
3Mb / 336P
   Technical Data
logo
OPTEK Technologies
OPV314 OPTEK-OPV314 Datasheet
341Kb / 4P
   Technical Data
logo
Freescale Semiconductor...
MC68HC705C8A FREESCALE-MC68HC705C8A_13 Datasheet
1Mb / 222P
   Technical Data
MC68HC912D60A FREESCALE-MC68HC912D60A_13 Datasheet
2Mb / 460P
   Technical Data
MC9S08LL64 FREESCALE-MC9S08LL64 Datasheet
884Kb / 44P
   Technical Data
MC68HC705J1A FREESCALE-MC68HC705J1A_13 Datasheet
1Mb / 162P
   Technical Data
logo
KODENSHI_AUK CORP.
KK2814 KODENSHI-KK2814 Datasheet
123Kb / 2P
   TECHNICAL DATA
logo
Freescale Semiconductor...
MPC5200BDS FREESCALE-MPC5200BDS Datasheet
977Kb / 72P
   Technical Data
logo
Motorola, Inc
BD185 MOTOROLA-BD185 Datasheet
108Kb / 2P
   TECHNICAL DATA
logo
Freescale Semiconductor...
MC68HC05C9 FREESCALE-MC68HC05C9 Datasheet
9Mb / 156P
   TECHNICAL DATA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com