Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6223D1219R-G Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC6223D1219R-G
Description  Built-in Inrush Current Protection, 300mA High Speed LDO Voltage Regulator
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6223D1219R-G Datasheet(HTML) 3 Page - Torex Semiconductor

  XC6223D1219R-G Datasheet HTML 1Page - Torex Semiconductor XC6223D1219R-G Datasheet HTML 2Page - Torex Semiconductor XC6223D1219R-G Datasheet HTML 3Page - Torex Semiconductor XC6223D1219R-G Datasheet HTML 4Page - Torex Semiconductor XC6223D1219R-G Datasheet HTML 5Page - Torex Semiconductor XC6223D1219R-G Datasheet HTML 6Page - Torex Semiconductor XC6223D1219R-G Datasheet HTML 7Page - Torex Semiconductor XC6223D1219R-G Datasheet HTML 8Page - Torex Semiconductor XC6223D1219R-G Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
3/36
XC6223
Series
DESIGNATOR
ITEM
SYMBOL
DESCRIPTION
Inrush Current Protection
CE Pull-Down Resistor
CL Discharge
A
NO
NO
NO
B
NO
NO
YES
C
NO
YES (1MΩ, TYP built-in)
NO
D
NO
YES (1MΩ, TYP built-in)
YES
E
YES
NO
NO
F
YES
NO
YES
G
YES
YES (1MΩ, TYP built-in)
NO
Type of Regulator
(CE active high)
H
(The Recommended Type)
YES
YES (1MΩ, TYP built-in)
YES
②③
Output Voltage
12~40
ex.) 2.80V → ②=2, ③=8, ④=please see down below.
1
ex.) 2.80V → ④=1
Output Voltage
(2
nd decimal place)
B
ex.) 2.85V → ④=B
9R-G
USPQ-4B03 (5,000/Reel)
GR-G
USP-4 (3,000/Reel)
NR-G
SSOT-24 (3,000/Reel)
MR-G
SOT-25 (3,000/Reel)
⑤⑥-⑦(*1)
Packages
(Order Unit)
PR-G
SOT-89-5 (3,000/Reel)
PRODUCT CLASSIFICATION
Ordering Information
XC6223①②③④⑤⑥-⑦(*1)
(*1) The “-G” suffix indicates that the products are Halogen and Antimony free as well as being fully RoHS compliant.


Similar Part No. - XC6223D1219R-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6223D3019R-G TOREX-XC6223D3019R-G Datasheet
790Kb / 36P
   Built-in Inrush Current Protection, 300mA High Speed LDO Voltage Regulator
More results

Similar Description - XC6223D1219R-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6223D3019R-G TOREX-XC6223D3019R-G Datasheet
790Kb / 36P
   Built-in Inrush Current Protection, 300mA High Speed LDO Voltage Regulator
XC6229 TOREX-XC6229 Datasheet
936Kb / 26P
   300mA Ultra Small High Speed LDO Regulator, Built-in Inrush Current Protection
logo
Unisonic Technologies
UR6223 UTC-UR6223 Datasheet
191Kb / 8P
   BUILT-IN INRUSH CURRENT PROTECTION HIGH SPEED LDO VOLTAGE REGULATOR
logo
List of Unclassifed Man...
R100U-5-N ETC2-R100U-5-N Datasheet
170Kb / 3P
   Built-in Inrush Current Protection
logo
Cystech Electonics Corp...
LM6219-33N5 CYSTEKEC-LM6219-33N5 Datasheet
353Kb / 9P
   300mA High Speed LDO Regulator,
LM6219-3.3N5 CYSTEKEC-LM6219-3.3N5 Datasheet
450Kb / 9P
   300mA High Speed LDO Regulator
logo
Nisshinbo Micro Devices...
R1191X NISSHINBO-R1191X Datasheet
4Mb / 45P
   300mA LDO REGULATOR with the Reverse Current Protection
logo
Texas Instruments
TPS799L54 TI1-TPS799L54 Datasheet
899Kb / 22P
[Old version datasheet]   200-mA, Low-Dropout Linear Regulator with Built-In Inrush Current Protection
logo
Unisonic Technologies
UR6227 UTC-UR6227 Datasheet
228Kb / 7P
   HIGH SPEED LDO REGULATOR WITH REVERSE CURRENT PROTECTION
logo
Torex Semiconductor
XC6222 TOREX-XC6222 Datasheet
596Kb / 26P
   Reverse Current Protection, 700mA High Speed LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com