Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBSS4540X Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PBSS4540X
Description  40 V, 5 A NPN low VCEsat (BISS) transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBSS4540X Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PBSS4540X Datasheet HTML 3Page - NXP Semiconductors PBSS4540X Datasheet HTML 4Page - NXP Semiconductors PBSS4540X Datasheet HTML 5Page - NXP Semiconductors PBSS4540X Datasheet HTML 6Page - NXP Semiconductors PBSS4540X Datasheet HTML 7Page - NXP Semiconductors PBSS4540X Datasheet HTML 8Page - NXP Semiconductors PBSS4540X Datasheet HTML 9Page - NXP Semiconductors PBSS4540X Datasheet HTML 10Page - NXP Semiconductors PBSS4540X Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
2004 Nov 04
7
NXP Semiconductors
Product data sheet
40 V, 5 A
NPN low VCEsat (BISS) transistor
PBSS4540X
CHARACTERISTICS
Tamb = 25 °C unless otherwise specified.
Note
1.
Pulse test: tp ≤ 300 μs; δ ≤ 0.02.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector-base cut-off
current
VCB = 30 V; IE = 0 A
100
nA
VCB = 30 V; IE = 0 A; Tj = 150 °C
50
μA
ICES
collector-emitter cut-off
current
VCE = 30 V; VBE = 0 V
0.1
μA
IEBO
emitter-base cut-off current VEB = 5 V; IC = 0 A
100
nA
hFE
DC current gain
VCE = 2 V; IC = 0.5 A
300
VCE = 2 V; IC = 1 A; note 1
300
VCE = 2 V; IC = 2 A; note 1
250
VCE = 2 V; IC = 5 A; note 1
100
VCEsat
collector-emitter saturation
voltage
IC = 0.5 A; IB = 5 mA
90
mV
IC = 1 A; IB = 10 mA
120
mV
IC = 2 A; IB = 200 mA; note 1
150
mV
IC = 4 A; IB = 200 mA; note 1
290
mV
IC = 5 A; IB = 500 mA; note 1
355
mV
RCEsat
equivalent on-resistance
IC = 5 A; IB = 500 mA; note 1
40
71
m
Ω
VBEsat
base-emitter saturation
voltage
IC = 4 A; IB = 200 mA; note 1
1.1
V
IC = 5 A; IB = 500 mA; note 1
1.2
V
VBEon
base-emitter turn-on
voltage
VCE = 2 V; IC = 2 A
1.1
V
fT
transition frequency
VCE = 10 V; IC = 0.1 A;
f = 100 MHz
70
MHz
Cc
collector capacitance
VCB = 10 V; IE = ie = 0 A;
f = 1 MHz
75
pF


Similar Part No. - PBSS4540X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS4540X PHILIPS-PBSS4540X Datasheet
103Kb / 13P
   40 V, 5 A NPN low VCEsat (BISS) transistor
2004 Nov 04
PBSS4540X PHILIPS-PBSS4540X Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
logo
Nexperia B.V. All right...
PBSS4540X NEXPERIA-PBSS4540X Datasheet
242Kb / 13P
   40 V, 5 A NPN low VCEsat (BISS) transistor
15 April 2020
logo
NXP Semiconductors
PBSS4540X PHILIPS-PBSS4540X_15 Datasheet
206Kb / 13P
   NPN low VCEsat (BISS) transistor 40 V, 5 A
2004 Nov 04
More results

Similar Description - PBSS4540X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS4540X PHILIPS-PBSS4540X Datasheet
103Kb / 13P
   40 V, 5 A NPN low VCEsat (BISS) transistor
2004 Nov 04
logo
Nexperia B.V. All right...
PBSS4540X NEXPERIA-PBSS4540X Datasheet
242Kb / 13P
   40 V, 5 A NPN low VCEsat (BISS) transistor
15 April 2020
logo
NXP Semiconductors
PBSS4540X PHILIPS-PBSS4540X_15 Datasheet
206Kb / 13P
   NPN low VCEsat (BISS) transistor 40 V, 5 A
2004 Nov 04
PBSS5540X PHILIPS-PBSS5540X Datasheet
100Kb / 13P
   40 V, 5 A PNP low VCEsat (BISS) transistor
2004 Nov 04
logo
Nexperia B.V. All right...
PBSS5540X NEXPERIA-PBSS5540X Datasheet
239Kb / 13P
   40 V, 5 A PNP low VCEsat (BISS) transistor
15 April 2020
logo
NXP Semiconductors
PBSS5540X NXP-PBSS5540X Datasheet
200Kb / 13P
   40 V, 5 A PNP low VCEsat (BISS) transistor
2004 Nov 04
PBSS5540X PHILIPS-PBSS5540X_15 Datasheet
200Kb / 13P
   PNP low VCEsat (BISS) transistor 40 V, 5 A
2004 Nov 04
logo
Nexperia B.V. All right...
PBSS4240Z NEXPERIA-PBSS4240Z Datasheet
705Kb / 14P
   40 V, 2 A NPN low VCEsat (BISS) transistor
PBSS4140T NEXPERIA-PBSS4140T Datasheet
657Kb / 9P
   40 V, 1 A NPN low VCEsat (BISS) transistor
1 April 2023
logo
NXP Semiconductors
PBSS4440D PHILIPS-PBSS4440D_15 Datasheet
189Kb / 13P
   40 V NPN low VCEsat (BISS) transistor
Rev. 02-11 December 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com