Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6223C4019R-G Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XC6223C4019R-G
Description  Built-in Inrush Current Protection, 300mA High Speed LDO Voltage Regulator
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6223C4019R-G Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XC6223C4019R-G Datasheet HTML 5Page - Torex Semiconductor XC6223C4019R-G Datasheet HTML 6Page - Torex Semiconductor XC6223C4019R-G Datasheet HTML 7Page - Torex Semiconductor XC6223C4019R-G Datasheet HTML 8Page - Torex Semiconductor XC6223C4019R-G Datasheet HTML 9Page - Torex Semiconductor XC6223C4019R-G Datasheet HTML 10Page - Torex Semiconductor XC6223C4019R-G Datasheet HTML 11Page - Torex Semiconductor XC6223C4019R-G Datasheet HTML 12Page - Torex Semiconductor XC6223C4019R-G Datasheet HTML 13Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
9/36
XC6223
Series
OPERATIONAL EXPLANATION
<Low ESR Capacitor>
The XC6223 series needs an output capacitor CL for phase compensation. In order to ensure the stable phase
compensation, please place an output capacitor of 1.0μF or bigger at the VOUT pin and VSS pin as close as possible. For
a stable power input, please connect an input capacitor (CIN) of 1.0μF between the VIN pin and the VSS pin.
<Current Limiter, Short-Circuit Protection>
The protection circuit operates as a combination of an output current limiter and fold-back short circuit protection. When
load current reaches the current limit level, the output voltage drops. As a result, the load current starts to reduce with
showing fold-back curve. The output current finally falls at the level of 50mA when the output pin is short-circuited.
<CE Pin>
The IC's internal circuitry can be shutdown via the signal from the CE pin. In shutdown mode, the XC6223B/D/F/H series
enables the electric charge at the output capacitor (CL) to be discharged via the internal auto-discharge switch, and as a
result the VOUT pin quickly returns to the VSS level. When the CE pin is open, the output voltage becomes undefined state in
the XC6223A/B/E/F series because of a high active and no pull-down. On the other hand, the XC6223C/D/G/H series has a
pull-down resistor at the CE pin inside, so that the CE pin input current flows.
<Thermal Shutdown>
The over heat protection circuit is built-in with the XC6223 series. When the junction temperature of the IC reaches the
temperature limit level (150℃ TYP.), the thermal shutdown circuit operates and the driver transistor will be turned off.
The IC resumes its operation when the thermal shutdown function is released as a result of the junction temperature drops
to the release point.
<Inrush Current Protection>
The inrush current protection circuit is built in the XC6223 series.
When the IC starts to operate, the protection circuit limits the inrush current from VIN to VOUT to charge CL capacitor. This
function is built in the XC6223E/F/G/H series.
The voltage divided by resistors R1 & R2 is compared with the
internal reference voltage by the error amplifier. The
P-channel
MOSFET which is connected to the VOUT pin is then driven by the
subsequent output signal. The output voltage at the VOUT pin is
controlled and stabilized by a system of negative feedback. The
current limit circuit and short circuit protection operate in relation to
the level of output current and heat dissipation. Further, the IC’s
internal circuitry can be shutdown via the CE pin signal.


Similar Part No. - XC6223C4019R-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6223D3019R-G TOREX-XC6223D3019R-G Datasheet
790Kb / 36P
   Built-in Inrush Current Protection, 300mA High Speed LDO Voltage Regulator
More results

Similar Description - XC6223C4019R-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6223D3019R-G TOREX-XC6223D3019R-G Datasheet
790Kb / 36P
   Built-in Inrush Current Protection, 300mA High Speed LDO Voltage Regulator
XC6229 TOREX-XC6229 Datasheet
936Kb / 26P
   300mA Ultra Small High Speed LDO Regulator, Built-in Inrush Current Protection
logo
Unisonic Technologies
UR6223 UTC-UR6223 Datasheet
191Kb / 8P
   BUILT-IN INRUSH CURRENT PROTECTION HIGH SPEED LDO VOLTAGE REGULATOR
logo
List of Unclassifed Man...
R100U-5-N ETC2-R100U-5-N Datasheet
170Kb / 3P
   Built-in Inrush Current Protection
logo
Cystech Electonics Corp...
LM6219-33N5 CYSTEKEC-LM6219-33N5 Datasheet
353Kb / 9P
   300mA High Speed LDO Regulator,
LM6219-3.3N5 CYSTEKEC-LM6219-3.3N5 Datasheet
450Kb / 9P
   300mA High Speed LDO Regulator
logo
Nisshinbo Micro Devices...
R1191X NISSHINBO-R1191X Datasheet
4Mb / 45P
   300mA LDO REGULATOR with the Reverse Current Protection
logo
Texas Instruments
TPS799L54 TI1-TPS799L54 Datasheet
899Kb / 22P
[Old version datasheet]   200-mA, Low-Dropout Linear Regulator with Built-In Inrush Current Protection
logo
Unisonic Technologies
UR6227 UTC-UR6227 Datasheet
228Kb / 7P
   HIGH SPEED LDO REGULATOR WITH REVERSE CURRENT PROTECTION
logo
Torex Semiconductor
XC6222 TOREX-XC6222 Datasheet
596Kb / 26P
   Reverse Current Protection, 700mA High Speed LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com