Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6217D40BMR Datasheet(PDF) 11 Page - Torex Semiconductor

Part # XC6217D40BMR
Description  High Speed "Green Operation" LDO Voltage Regulators
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6217D40BMR Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XC6217D40BMR Datasheet HTML 7Page - Torex Semiconductor XC6217D40BMR Datasheet HTML 8Page - Torex Semiconductor XC6217D40BMR Datasheet HTML 9Page - Torex Semiconductor XC6217D40BMR Datasheet HTML 10Page - Torex Semiconductor XC6217D40BMR Datasheet HTML 11Page - Torex Semiconductor XC6217D40BMR Datasheet HTML 12Page - Torex Semiconductor XC6217D40BMR Datasheet HTML 13Page - Torex Semiconductor XC6217D40BMR Datasheet HTML 14Page - Torex Semiconductor XC6217D40BMR Datasheet HTML 15Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
11/33
XC6217
Series
SYMBOL
E-4
E-5
SYMBOL
E-4
E-5
NOMINAL
OUTPUT
VOLTAGE
(V)
DROPOUT VOLTAGE
Vdif
(mV)
PS
SWITCHING
DELAY TIME
(GO MODE)
(μs)
NOMINAL
OUTPUT
VOLTAGE
(V)
DROPOUT VOLTAGE
Vdif
(mV)
PS
SWITCHING
DELAY TIME
(GO MODE)
(μs)
Vdif
tDPS
Vdif
tDPS
VOUT(T)
TYP.
MAX.
MAX
VOUT(T)
TYP.
MAX.
MAX
0.80
3.00
0.85
500
850
3.05
0.90
3.10
0.95
410
720
3.15
1.00
3.20
1.05
3.25
1.10
3.30
1.15
330
650
3.35
1.20
3.40
1.30
3.45
1.35
230
410
3.50
1.40
3.55
1.45
200
360
3.60
1.50
3.65
1.55
160
290
850
3.70
1.60
3.75
1.65
3.80
1.70
3.85
1.75
160
250
3.90
1.80
3.95
1.85
4.00
80
140
1200
1.90
1.95
125
210
2.00
2.05
2.10
2.15
2.20
2.25
2.30
2.35
2.40
2.45
115
195
2.50
2.55
850
2.60
2.65
2.70
2.75
2.80
2.85
2.90
2.95
95
170
1200
*USPN-4 0.80V≦VOUT(T)≦1.55V underdevelopment.
■DROPOUT VOLTAGE CHART


Similar Part No. - XC6217D40BMR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6217D081GL TOREX-XC6217D081GL Datasheet
502Kb / 30P
   HIGH SPEED GREEN OPERATION LDO VOLTAGE REGULATORS
XC6217D081GR TOREX-XC6217D081GR Datasheet
502Kb / 30P
   HIGH SPEED GREEN OPERATION LDO VOLTAGE REGULATORS
XC6217D081ML TOREX-XC6217D081ML Datasheet
502Kb / 30P
   HIGH SPEED GREEN OPERATION LDO VOLTAGE REGULATORS
XC6217D081MR TOREX-XC6217D081MR Datasheet
502Kb / 30P
   HIGH SPEED GREEN OPERATION LDO VOLTAGE REGULATORS
XC6217D081NL TOREX-XC6217D081NL Datasheet
502Kb / 30P
   HIGH SPEED GREEN OPERATION LDO VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com