Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBSS5240V Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PBSS5240V
Description  40 V low VCEsat PNP transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBSS5240V Datasheet(HTML) 5 Page - NXP Semiconductors

  PBSS5240V Datasheet HTML 1Page - NXP Semiconductors PBSS5240V Datasheet HTML 2Page - NXP Semiconductors PBSS5240V Datasheet HTML 3Page - NXP Semiconductors PBSS5240V Datasheet HTML 4Page - NXP Semiconductors PBSS5240V Datasheet HTML 5Page - NXP Semiconductors PBSS5240V Datasheet HTML 6Page - NXP Semiconductors PBSS5240V Datasheet HTML 7Page - NXP Semiconductors PBSS5240V Datasheet HTML 8Page - NXP Semiconductors PBSS5240V Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
2003 Jan 30
5
NXP Semiconductors
Product data sheet
40 V low VCEsat PNP transistor
PBSS5240V
handbook, halfpage
0
1000
200
400
600
800
MHC464
−10−1
−1
−10
IC (mA)
hFE
−102
−103
−104
(3)
(2)
(1)
Fig.2
DC current gain as a function of collector
current; typical values.
VCE = −5 V.
(1) Tamb = 150 °C.
(2) Tamb = 25 °C.
(3) Tamb = −55 °C.
handbook, halfpage
MHC465
0
−1.2
−0.4
−0.8
−10−1
−1
−10
IC (mA)
VBE
(V)
−102
−103
−104
(1)
(3)
(2)
Fig.3
Base-emitter voltage as a function of
collector current; typical values.
VCE = −5 V.
(1) Tamb = −55 °C.
(2) Tamb = 25 °C.
(3) Tamb = 150 °C.
handbook, halfpage
MHC466
−10
−103
−102
−10−1
−1
−10
IC (mA)
VCEsat
(mV)
−102
−103
−104
−1
(1)
(2)
(3)
Fig.4
Collector-emitter saturation voltage as a
function of collector current; typical values.
IC/IB = 20.
(1) Tamb = 150 °C.
(2) Tamb = 25 °C.
(3) Tamb = −55 °C.
handbook, halfpage
−0.2
−1.2
−0.4
−0.6
−0.8
−1
MHC467
−10−1
−1
−10
IC (mA)
VBEsat
(V)
−103
−102
−104
(1)
(2)
(3)
Fig.5
Base-emitter saturation voltage as a
function of collector current; typical values.
IC/IB = 20.
(1) Tamb = −55 °C.
(2) Tamb = 25 °C.
(3) Tamb = 150 °C.


Similar Part No. - PBSS5240V

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS5240V PHILIPS-PBSS5240V Datasheet
82Kb / 12P
   40 V low VCEsat PNP transistor
2003 Jan 30
logo
Nexperia B.V. All right...
PBSS5240V NEXPERIA-PBSS5240V Datasheet
219Kb / 10P
   40 V low VCEsat PNP transistor
28 December 2022
logo
Guangdong Kexin Industr...
PBSS5240V KEXIN-PBSS5240V_15 Datasheet
1Mb / 5P
   PNP Transistors
logo
NXP Semiconductors
PBSS5240V PHILIPS-PBSS5240V_15 Datasheet
368Kb / 9P
   40 V low VCEsat PNP transistor
2003 Jan 30
More results

Similar Description - PBSS5240V

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS5140T PHILIPS-PBSS5140T Datasheet
68Kb / 9P
   40 V low VCEsat PNP transistor
2004 Jan 07
PBSS5240Y PHILIPS-PBSS5240Y_15 Datasheet
125Kb / 7P
   40 V low VCEsat PNP transistor
2002 Feb 28
PBSS5240V PHILIPS-PBSS5240V_15 Datasheet
368Kb / 9P
   40 V low VCEsat PNP transistor
2003 Jan 30
logo
Nexperia B.V. All right...
PBSS5140V NEXPERIA-PBSS5140V Datasheet
466Kb / 8P
   40 V low VCEsat PNP transistor
2002 Mar 20
logo
NXP Semiconductors
PBSS3540F PHILIPS-PBSS3540F Datasheet
62Kb / 8P
   40 V low VCEsat PNP transistor
2001 Jul 13
PBSS5240Y NXP-PBSS5240Y Datasheet
125Kb / 7P
   40 V low VCEsat PNP transistor
2002 Feb 28
PBSS5240V PHILIPS-PBSS5240V Datasheet
82Kb / 12P
   40 V low VCEsat PNP transistor
2003 Jan 30
logo
Nexperia B.V. All right...
PBSS5240Y NEXPERIA-PBSS5240Y Datasheet
324Kb / 8P
   40 V low VCEsat PNP transistor
2002 Feb 28
PBSS5540Z-Q NEXPERIA-PBSS5540Z-Q Datasheet
222Kb / 10P
   40 V low VCEsat PNP transistor
30 November 2021
logo
NXP Semiconductors
PBSS5140D PHILIPS-PBSS5140D Datasheet
61Kb / 8P
   40 V low VCEsat PNP transistor
2001 Nov 15
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com