Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBSS5320T Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PBSS5320T
Description  20 V, 3 A PNP low VCEsat (BISS) transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBSS5320T Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PBSS5320T Datasheet HTML 2Page - NXP Semiconductors PBSS5320T Datasheet HTML 3Page - NXP Semiconductors PBSS5320T Datasheet HTML 4Page - NXP Semiconductors PBSS5320T Datasheet HTML 5Page - NXP Semiconductors PBSS5320T Datasheet HTML 6Page - NXP Semiconductors PBSS5320T Datasheet HTML 7Page - NXP Semiconductors PBSS5320T Datasheet HTML 8Page - NXP Semiconductors PBSS5320T Datasheet HTML 9Page - NXP Semiconductors PBSS5320T Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
2004 Jan 15
8
NXP Semiconductors
Product data sheet
20 V, 3 A
PNP low VCEsat (BISS) transistor
PBSS5320T
PACKAGE OUTLINE
UNIT
A1
max.
bp
cD
E
e1
HE
Lp
Qw
v
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
04-11-04
06-03-16
IEC
JEDEC
JEITA
mm
0.1
0.48
0.38
0.15
0.09
3.0
2.8
1.4
1.2
0.95
e
1.9
2.5
2.1
0.55
0.45
0.1
0.2
DIMENSIONS (mm are the original dimensions)
0.45
0.15
SOT23
TO-236AB
bp
D
e1
e
A
A1
Lp
Q
detail X
HE
E
w M
v M A
B
A
B
0
1
2 mm
scale
A
1.1
0.9
c
X
12
3
Plastic surface-mounted package; 3 leads
SOT23


Similar Part No. - PBSS5320T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS5320T PHILIPS-PBSS5320T Datasheet
85Kb / 10P
   20 V, 3 A PNP low VCEsat (BISS) transistor
2004 Jan 15
logo
Foshan Blue Rocket Elec...
PBSS5320T FOSHAN-PBSS5320T Datasheet
653Kb / 6P
   Silicon PNP transistor in a SOT-23 Plastic Package
logo
Nexperia B.V. All right...
PBSS5320T NEXPERIA-PBSS5320T Datasheet
1Mb / 11P
   20 V, 3 A PNP low VCEsat transistor
1 January 2023
PBSS5320T-Q NEXPERIA-PBSS5320T-Q Datasheet
237Kb / 10P
   20 V, 3 A PNP low VCEsat transistor
21 June 2022
logo
NXP Semiconductors
PBSS5320T PHILIPS-PBSS5320T_15 Datasheet
178Kb / 10P
   PNP low VCEsat (BISS) transistor 20 V, 3 A
2004 Jan 15
More results

Similar Description - PBSS5320T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS5320X PHILIPS-PBSS5320X Datasheet
121Kb / 12P
   20 V, 3 A PNP Low VCEsat (BISS) transistor
2004 Nov 04
PBSS5320X PHILIPS-PBSS5320X_15 Datasheet
203Kb / 12P
   PNP low VCEsat (BISS) transistor 20 V, 3 A
2004 Nov 04
PBSS5320T PHILIPS-PBSS5320T Datasheet
85Kb / 10P
   20 V, 3 A PNP low VCEsat (BISS) transistor
2004 Jan 15
2PB1424 NXP-2PB1424 Datasheet
134Kb / 13P
   20 V, 3 A PNP low VCEsat (BISS) transistor
Rev. 02-15 January 2007
logo
Nexperia B.V. All right...
PBSS5320X NEXPERIA-PBSS5320X Datasheet
261Kb / 13P
   20 V, 3 A PNP low VCEsat (BISS) transistor
27 May 2019
logo
NXP Semiconductors
PBSS5320X NXP-PBSS5320X Datasheet
203Kb / 12P
   20 V, 3 A PNP low VCEsat (BISS) transistor
2004 Nov 04
logo
Nexperia B.V. All right...
2PB1424 NEXPERIA-2PB1424 Datasheet
719Kb / 13P
   20 V, 3 A PNP low VCEsat (BISS) transistor
Rev. 02 - 15 January 2007
logo
NXP Semiconductors
PBSS5320T PHILIPS-PBSS5320T_15 Datasheet
178Kb / 10P
   PNP low VCEsat (BISS) transistor 20 V, 3 A
2004 Jan 15
2PB1424_15 PHILIPS-2PB1424_15_15 Datasheet
145Kb / 13P
   20 V, 3 A PNP low VCEsat (BISS) transistor
Rev. 02-15 January 2007
logo
Nexperia B.V. All right...
PBSS5360X NEXPERIA-PBSS5360X Datasheet
236Kb / 12P
   V, 3 A PNP low VCEsat (BISS) transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com