Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6223A40B9R-G Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC6223A40B9R-G
Description  Built-in Inrush Current Protection, 300mA High Speed LDO Voltage Regulator
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6223A40B9R-G Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XC6223A40B9R-G Datasheet HTML 2Page - Torex Semiconductor XC6223A40B9R-G Datasheet HTML 3Page - Torex Semiconductor XC6223A40B9R-G Datasheet HTML 4Page - Torex Semiconductor XC6223A40B9R-G Datasheet HTML 5Page - Torex Semiconductor XC6223A40B9R-G Datasheet HTML 6Page - Torex Semiconductor XC6223A40B9R-G Datasheet HTML 7Page - Torex Semiconductor XC6223A40B9R-G Datasheet HTML 8Page - Torex Semiconductor XC6223A40B9R-G Datasheet HTML 9Page - Torex Semiconductor XC6223A40B9R-G Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
6/36
XC6223 Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUITS
VOUT(T)≧2.0V, VCE=VIN,
IOUT=10mA
VOUT(T)×0.99
(*2)
VOUT(T)
(*2)
VOUT(T)×1.01
(*2)
V
Output Voltage
VOUT(E)
(*1)
V
OUT(T)<2.0V, VCE=VIN,
I
OUT =10mA
(*3)
VOUT(T)-20mV
(*2)
VOUT(T)
(*2)
VOUT(T)+20mV
(*2)
V
Maximum Output
Current
IOUTMAX
VCE=VIN
300
-
-
mA
Load Regulation
ΔVOUT
VCE=VIN,
0.1mA≦IOUT≦300mA
-
25
45
mV
Dropout Voltage
Vdif
(*4)
VCE=VIN, IOUT=300mA
E-1
mV
Supply Current
ISS
VCE=VIN
-
100
220
μ
A
Stand-by Current
Istby
VCE=VSS
-
0.01
0.4
μ
A
Line Regulation
ΔVOUT/
(ΔVIN・VOUT)
VOUT(T)+0.5V≦VIN≦5.5
VCE=VIN, IOUT=50mA
-
0.01
0.1
%/V
Input Voltage
VIN
-
1.6
-
5.5
V
Output Voltage
Temperature
Characteristics
ΔVOUT/
(ΔTa・VOUT)
VCE=VIN, IOUT=10mA
-40℃≦Ta≦85℃
-
±100
-
ppm / ℃
VOUT(T)<2.5V
VIN=3.0VDC+0.5Vp-pAC
VCE=VOUT(T)+1.0V
IOUT=30mA、f=1kHz
Ripple Rejection Rate
PSRR
VOUT(T)≧2.5V
VIN={VOUT(T)+1.0}
VDC+0.5Vp-pAC
VCE=VOUT(T)+1.0V
IOUT=30mA、f=1kHz
-
80
-
dB
Current Limit
ILIM
VCE=VIN
310
400
-
mA
Short Current
ISHORT
VCE=VIN, VOUT=VSS
-
50
-
mA
CE High Level Voltage
VCEH
-
1.0
-
5.5
V
CE Low Level Voltage
VCEL
-
-
-
0.3
V
CE High Level Current
(A/B/E/F Type)
ICEH
VCE=VIN=5.5V
-0.1
-
0.1
μ
A
CE High Level Current
(C/D/G/H Type)
ICEH
VCE=VIN=5.5V
3.0
5.5
9.0
μ
A
CE Low Level Current
ICEL
VCE=VSS
-0.1
-
0.1
μ
A
CL Discharge
Resistance
(Only B/D/F/H Type)
RDCHG
VIN=5.5V, VOUT=2.0V,
VCE=VSS
-
300
-
Inrush Current
(Only E/F/G/H Type)
Irush
VIN=VCE=5.5V
-
150
-
mA
Thermal Shutdown
Detect Temperature
TTSD
Junction Temperature
-
150
-
Thermal Shutdown
Release Temperature
TTSR
Junction Temperature
-
120
-
Thermal Shutdown
Hysteresis Width
TTSD - TTSR
Junction Temperature
-
30
-
ELECTRICAL CHARACTERISTICS
XC6223A/B/C/D/E/F/G/H Series
NOTE:
*1:
VOUT(E): Effective output voltage
(i.e. the output voltage when “VOUT(T)+1.0V” is provided at the VIN pin while maintaining a certain IOUT value.)
*2: VOUT(T): Nominal output voltage
*3: The standard output voltage is specified in VOUT(T)±20mV where VOUT(T)<2.0V.
*4: Vdif={VIN1{*5}-VOUT1{*6}} (VIN1≧1.6V)
*5: VIN1=The input voltage when VOUT1 appears as input voltage is gradually decreased.
*6: VOUT1=A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT {VOUT(T)+1.0V} is input
*7: Unless otherwise stated regarding input voltage conditions, VIN=VOUT(T)+1.0V.
Ta=25℃


Similar Part No. - XC6223A40B9R-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6223D3019R-G TOREX-XC6223D3019R-G Datasheet
790Kb / 36P
   Built-in Inrush Current Protection, 300mA High Speed LDO Voltage Regulator
More results

Similar Description - XC6223A40B9R-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6223D3019R-G TOREX-XC6223D3019R-G Datasheet
790Kb / 36P
   Built-in Inrush Current Protection, 300mA High Speed LDO Voltage Regulator
XC6229 TOREX-XC6229 Datasheet
936Kb / 26P
   300mA Ultra Small High Speed LDO Regulator, Built-in Inrush Current Protection
logo
Unisonic Technologies
UR6223 UTC-UR6223 Datasheet
191Kb / 8P
   BUILT-IN INRUSH CURRENT PROTECTION HIGH SPEED LDO VOLTAGE REGULATOR
logo
List of Unclassifed Man...
R100U-5-N ETC2-R100U-5-N Datasheet
170Kb / 3P
   Built-in Inrush Current Protection
logo
Cystech Electonics Corp...
LM6219-33N5 CYSTEKEC-LM6219-33N5 Datasheet
353Kb / 9P
   300mA High Speed LDO Regulator,
LM6219-3.3N5 CYSTEKEC-LM6219-3.3N5 Datasheet
450Kb / 9P
   300mA High Speed LDO Regulator
logo
Nisshinbo Micro Devices...
R1191X NISSHINBO-R1191X Datasheet
4Mb / 45P
   300mA LDO REGULATOR with the Reverse Current Protection
logo
Texas Instruments
TPS799L54 TI1-TPS799L54 Datasheet
899Kb / 22P
[Old version datasheet]   200-mA, Low-Dropout Linear Regulator with Built-In Inrush Current Protection
logo
Unisonic Technologies
UR6227 UTC-UR6227 Datasheet
228Kb / 7P
   HIGH SPEED LDO REGULATOR WITH REVERSE CURRENT PROTECTION
logo
Torex Semiconductor
XC6222 TOREX-XC6222 Datasheet
596Kb / 26P
   Reverse Current Protection, 700mA High Speed LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com