Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6217B40AMR-G Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XC6217B40AMR-G
Description  High Speed "Green Operation" LDO Voltage Regulators
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6217B40AMR-G Datasheet(HTML) 7 Page - Torex Semiconductor

Back Button XC6217B40AMR-G Datasheet HTML 3Page - Torex Semiconductor XC6217B40AMR-G Datasheet HTML 4Page - Torex Semiconductor XC6217B40AMR-G Datasheet HTML 5Page - Torex Semiconductor XC6217B40AMR-G Datasheet HTML 6Page - Torex Semiconductor XC6217B40AMR-G Datasheet HTML 7Page - Torex Semiconductor XC6217B40AMR-G Datasheet HTML 8Page - Torex Semiconductor XC6217B40AMR-G Datasheet HTML 9Page - Torex Semiconductor XC6217B40AMR-G Datasheet HTML 10Page - Torex Semiconductor XC6217B40AMR-G Datasheet HTML 11Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
7/33
XC6217
Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS CIRCUIT
High Speed Mode (HS)
VOUT(T)≧2.00V
VCE= VIN, IOUT=10mA
x 0.98
(*3)
x 1.02
High Speed Mode(HS)
VOUT(T)≦1.95V
VCE=VIN, IOUT=10mA
-0.03
(*3)
+0.03
Power Save Mode (PS)
VOUT(T)≧2.60V
VCE= VIN, IOUT=0.1mA
x0.965
(*3)
x1.025
Power Save Mode (PS)
1.60V≦VOUT(T)≦2.55V
VCE=VIN, IOUT=0.1mA
x 0.955
(*3)
x 1.035
Output Voltage
(Standard)
VOUT(E)
(* 2)
Power Save Mode(PS)
0.80V≦VOUT(T)≦1.55V
VCE=VIN, IOUT=0.1mA
-0.09
(*3)
VOUT(T)
(*3)
+0.07
V
1
High Speed Mode (HS)
VOUT(T)≧2.00V
VCE= VIN, IOUT=10mA
x 0.99
x 1.01
High Speed Mode(HS)
VOUT(T)≦1.95V
VCE=VIN, IOUT=10mA
-0.02
+0.02
Power Save Mode (PS)
VOUT(T)≧2.60V
VCE= VIN, IOUT=0.1mA
x0.975
x1.015
Power Save Mode (PS)
1.60V≦VOUT(T)≦2.55V
VCE=VIN, IOUT=0.1mA
x 0.965
x 1.025
Output Voltage
(High Accuracy)
VOUT(E)
(* 2)
Power Save Mode(PS)
0.80V≦VOUT(T)≦1.55V
VCE=VIN, IOUT=0.1mA
-0.07
VOUT(T)
(*3)
+0.05
V
1
Output Current
IOUTMAX
VCE=VIN, VIN=VOUT(T)+1.0V,
0.80V≦VOUT(T)≦4.00V
200
250
-
mA
1
Load Regulation
VOUT
VCE=VIN,8mA≦IOUT≦100mA
-
10
40
mV
1
Dropout Voltage (*4)
Vdif
VCE=VIN, IOUT=100mA
E-4
mV
1
Supply Current 1
ISS1
VCE=VIN, IOUT=8mA
-
25
50
μA4
Supply Current 2
ISS2
VCE=VIN, IOUT=0mA
-
4.5
8.0
μA2
Standby Current
ISTBY
VIN=6.0V, VCE=VSS
-
0.01
0.10
μA2
VOUT(T)+0.5V≦VIN≦6.0V
VOUT(T)≧1.10V
VCE=VIN, IOUT=10mA
Line Regulation
VOUT
VIN・VOUT
1.6V≦VIN≦6.0V
VOUT(T)≦1.05V
VCE=VIN, IOUT=10mA
-
0.01
0.20
%/V
1
0.80V≦VOUT(T)≦1.55V
1.6
-
6.0
Input Voltage
VIN
1.60V≦VOUT(T)≦4.00V
1.8
-
6.0
V
1
■ELECTRICAL CHARACTERISTICS (Continued)
Ta=25℃
●XC6217C/D series


Similar Part No. - XC6217B40AMR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6217B081GL TOREX-XC6217B081GL Datasheet
502Kb / 30P
   HIGH SPEED GREEN OPERATION LDO VOLTAGE REGULATORS
XC6217B081GR TOREX-XC6217B081GR Datasheet
502Kb / 30P
   HIGH SPEED GREEN OPERATION LDO VOLTAGE REGULATORS
XC6217B081ML TOREX-XC6217B081ML Datasheet
502Kb / 30P
   HIGH SPEED GREEN OPERATION LDO VOLTAGE REGULATORS
XC6217B081MR TOREX-XC6217B081MR Datasheet
502Kb / 30P
   HIGH SPEED GREEN OPERATION LDO VOLTAGE REGULATORS
XC6217B081NL TOREX-XC6217B081NL Datasheet
502Kb / 30P
   HIGH SPEED GREEN OPERATION LDO VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com