Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC06H3A Datasheet(PDF) 4 Page - Cooper Bussmann, Inc.

Part # CC06H3A
Description  Chip Fuses CC06H Series High I2t 0603 Size Fuse
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

CC06H3A Datasheet(HTML) 4 Page - Cooper Bussmann, Inc.

  CC06H3A Datasheet HTML 1Page - Cooper Bussmann, Inc. CC06H3A Datasheet HTML 2Page - Cooper Bussmann, Inc. CC06H3A Datasheet HTML 3Page - Cooper Bussmann, Inc. CC06H3A Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© 2009 Cooper Bussmann
St. Louis, MO 63178
www.cooperbussmann.com
0609
BU-SB09345
Page 4 of 4
Data Sheet 4346
The only controlled copy of this Data Sheet is the electronic read-only version located on the Cooper Bussmann Network Drive. All other copies of this document are by definition uncontrolled. This bulletin is
intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Cooper Bussmann reserves the right, without notice, to change
design or construction of any products and to discontinue or limit distribution of any products. Cooper Bussmann also reserves the right to change or update, without notice, any technical information con-
tained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
Life Support Policy: Cooper Bussmann does not authorize the use of any of its products for use in life support devices or systems without the express written approval of an officer of the Company. Life sup-
port systems are devices which support or sustain life, and whose failure to perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result
in significant injury to the user.
t
tP
ts
TC -5°C
Time 25°C to Peak
Time
25°C
Tsmin
Tsmax
TL
TP
Preheat
A
Max. Ramp Up Rate = 3°C/s
Max. Ramp Down Rate = 6°C/s
T
Taabbllee 1
1 -- S
Sttaan
nddaarrdd S
SnnP
Pb
b S
Soollddeerr ((TTcc))
Volume
Volume
Packagemm
3
mm
3
Thickness
<350
>
_350
<2.5mm
235°C
220°C
>
_2.5mm
220°C
220°C
T
Taab
bllee 2
2 -- LLeeaadd ((P
Pb
b)) FFrreeee S
Soollddeerr ((TTcc))
Volume
Volume
Volume
Packagemm
3
mm
3
mm
3
Thickness
<350
350 - 2000
>2000
<1.6mm
260°C
260°C
260°C
1.6 – 2.5mm 260°C
250°C
245°C
>2.5mm
250°C
245°C
245°C
Reference JDEC J-STD-020D
Profile Feature
Standard SnPb Solder
Lead (Pb) Free Solder
Preheat and Soak• Temperature min. (Tsmin)
100°C
150°C
• Temperature max. (Tsmax)
150°C
200°C
• Time (Tsmin to Tsmax) (ts)
60-120 Seconds
60-120 Seconds
Average ramp up rate Tsmax to Tp
3°C/ Second Max.
3°C/ Second Max.
Liquidous temperature (TL)
183°C
217°C
Time at liquidous (tL)
60-150 Seconds
60-150 Seconds
Peak package body temperature (TP)*
Table 1Table 2
Time (tp)** within 5 °C of the specified classification temperature (Tc)
20 Seconds**
30 Seconds**
Average ramp-down rate (Tp to Tsmax)
6°C/ Second Max.
6°C/ Second Max.
Time 25°C to Peak Temperature6 Minutes Max.
8 Minutes Max.
* Tolerance for peak profile temperature (Tp) is defined as a supplier minimum and a user maximum.
** Tolerance for time at peak profile temperature (tp) is defined as a supplier minimum and a user maximum.
Solder Reflow Profile
Manual solder (rework only): solder tip 350°C maximum, 5 seconds maximum.


Similar Part No. - CC06H3A

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
CC06H3A COOPER-CC06H3A Datasheet
1,022Kb / 7P
   High I2t Chip??0603 size fuses
logo
Eaton All Rights Reserv...
CC06H3A EATON-CC06H3A Datasheet
922Kb / 7P
   High I2t Chip??0603 size fuses
More results

Similar Description - CC06H3A

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
CC06H EATON-CC06H Datasheet
922Kb / 7P
   High I2t Chip??0603 size fuses
logo
Cooper Bussmann, Inc.
CC06H1A COOPER-CC06H1A_14 Datasheet
1,022Kb / 7P
   High I2t Chip??0603 size fuses
CC12H COOPER-CC12H Datasheet
303Kb / 2P
   High I2t Chip??Fuses
1-5A COOPER-1-5A Datasheet
303Kb / 2P
   High I2t Chip Fuses CC12H Series
logo
AVX Corporation
F0603G0R05FNTR AVX-F0603G0R05FNTR_17 Datasheet
267Kb / 4P
   Miniature 0603 Size Thin-Film Fuses
logo
Rohm
MCH18 ROHM-MCH18 Datasheet
846Kb / 6P
   1608(0603)Size chip capacitors
logo
Cooper Bussmann, Inc.
S505SCH-3.15-R COOPER-S505SCH-3.15-R Datasheet
1Mb / 7P
   5 x 20 mm Time-delay, high I2t, axial lead, ceramic tube fuses
logo
Littelfuse
0434005.NRP LITTELFUSE-0434005.NRP Datasheet
175Kb / 3P
   Surface Mount Fuses Thin Film > 0603 Size > Very Fast Acting > 434 Series
0467.250NRHF LITTELFUSE-0467.250NRHF Datasheet
839Kb / 3P
   Surface Mount Fuses Thin Film > 0603 Size > Very Fast-Acting > 467 Series
04671.25NR LITTELFUSE-04671.25NR Datasheet
839Kb / 3P
   Surface Mount Fuses Thin Film > 0603 Size > Very Fast-Acting > 467 Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com