Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBSS8110X Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PBSS8110X
Description  100 V, 1 A NPN low VCEsat (BISS) transistor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBSS8110X Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PBSS8110X Datasheet HTML 6Page - NXP Semiconductors PBSS8110X Datasheet HTML 7Page - NXP Semiconductors PBSS8110X Datasheet HTML 8Page - NXP Semiconductors PBSS8110X Datasheet HTML 9Page - NXP Semiconductors PBSS8110X Datasheet HTML 10Page - NXP Semiconductors PBSS8110X Datasheet HTML 11Page - NXP Semiconductors PBSS8110X Datasheet HTML 12Page - NXP Semiconductors PBSS8110X Datasheet HTML 13Page - NXP Semiconductors PBSS8110X Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
PBSS8110X_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 11 December 2009
10 of 15
NXP Semiconductors
PBSS8110X
100 V, 1 A NPN low VCEsat (BISS) transistor
8.
Test information
Fig 16. BISS transistor switching time definition
VCC =10V; IC = 0.5 A; IBon = 0.025 A; IBoff = −0.025 A
Fig 17. Test circuit for switching times
006aaa003
IBon (100 %)
IB
input pulse
(idealized waveform)
IBoff
90 %
10 %
IC (100 %)
IC
td
ton
90 %
10 %
tr
output pulse
(idealized waveform)
tf
t
ts
toff
RC
R2
R1
DUT
mlb826
Vo
RB
(probe)
450
Ω
(probe)
450
Ω
oscilloscope
oscilloscope
VBB
VI
VCC


Similar Part No. - PBSS8110X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS8110X PHILIPS-PBSS8110X Datasheet
148Kb / 15P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 01-11 May 2005
logo
Nexperia B.V. All right...
PBSS8110X NEXPERIA-PBSS8110X Datasheet
327Kb / 16P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02 - 11 December 2009
logo
NXP Semiconductors
PBSS8110X-1 PHILIPS-PBSS8110X-1 Datasheet
148Kb / 15P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 01-11 May 2005
PBSS8110X PHILIPS-PBSS8110X_15 Datasheet
214Kb / 15P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02-11 December 2009
More results

Similar Description - PBSS8110X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS8110Z PHILIPS-PBSS8110Z Datasheet
104Kb / 12P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 01-26 April 2004
PBSS8110X PHILIPS-PBSS8110X Datasheet
148Kb / 15P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 01-11 May 2005
logo
Nexperia B.V. All right...
PBSS8110D NEXPERIA-PBSS8110D Datasheet
286Kb / 13P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02 - 11 December 2009
PBSS8110Y NEXPERIA-PBSS8110Y Datasheet
299Kb / 14P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02 - 21 November 2009
logo
NXP Semiconductors
PBSS8110D NXP-PBSS8110D Datasheet
172Kb / 12P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02-11 December 2009
PBSS8110Y NXP-PBSS8110Y Datasheet
185Kb / 13P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02-21 November 2009
PBSS8110Z NXP-PBSS8110Z Datasheet
154Kb / 14P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02-8 January 2007
PBSS8110T PHILIPS-PBSS8110T Datasheet
133Kb / 12P
   100 V, 1 A NPN low VCEsat (BISS) transistor
2003 Dec 22
PBSS8110D PHILIPS-PBSS8110D_15 Datasheet
172Kb / 12P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02-11 December 2009
PBSS8110X PHILIPS-PBSS8110X_15 Datasheet
214Kb / 15P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02-11 December 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com