Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CCK40-MM-160-30 Datasheet(PDF) 1 Page - CRYSTEK CORPORATION

Part # CCK40-MM-160-30
Description  40GHz Low Loss Coaxial Cables
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTEKMICROWAVE [CRYSTEK CORPORATION]
Direct Link  http://www.crystek.com/microwave/index.php
Logo CRYSTEKMICROWAVE - CRYSTEK CORPORATION

CCK40-MM-160-30 Datasheet(HTML) 1 Page - CRYSTEK CORPORATION

  CCK40-MM-160-30 Datasheet HTML 1Page - CRYSTEK CORPORATION CCK40-MM-160-30 Datasheet HTML 2Page - CRYSTEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
40GHz Low Loss RF
Coax CabLe assembLies
witH 2.92
mm (K)
stainLess steeL
ConneCtoRs
Rev.: A
Date: 12-14-09
40GHz Low Loss Coaxial Cables
Features:
Strain Relief:
Heavy duty adhesive strain relief
Center Conductor:
Silver-plated solid copper
Inner Braid:
Flat Silver plated copper strip
Outer Braid:
PC (Round Silver-plated copper braid)
Dielectric:
Low density microporous PTFE
(Polytetrafluoroethylene)
Jacket:
FEP (Fluorinated Ethylene Propylene)
Cable Outer Dia.:
0.160 (4.06mm)
Connectors:
SST, corrosion-resistant 303 stainless steel
per ASTM-A582
(PassivatedfinishperSAE-AMS-2700)
Center Pin:
GPBC ( Gold-plated beryllium copper)
Jacket Color:
Grey
Operating Temperature: -55°C to +85°C
(Also available in -55°C to +125°C)
Minimum Bend Radius: 1.0”
Part Number
Description
Length
CCK40-MM-160-30
40GHz Low Loss Coax Cable, 2.9mm(K) Male/Male, Straight/Straight
30”
CCK40-MM-160-36
40GHz Low Loss Coax Cable, 2.9mm(K) Male/Male, Straight/Straight
36”
CCK40-MM-160-39.4
40GHz Low Loss Coax Cable, 2.9mm(K) Male/Male, Straight/Straight
39.4”
CCK40-MM-160-48
40GHz Low Loss Coax Cable, 2.9mm(K) Male/Male, Straight/Straight
48”
2.9mm(K) / 2.9mm(K) [Straight/Straight]
Custom Lengths Available
Impedance:
50 Ohms
Frequency:
Up to 40GHz
Insertion Loss:
<0.9 dB/ft at 40GHz
VSWR:
<1.35 to 40GHz
Max Oper. Volt:
500V RMS
Nominal Capacitance: 27.0pF/ft
Velocity of Propagation: 76%
RF Shielding:
< -90 dB
Attenuation (dB/ft):
0.08 Max. at 500MHz
*connector loss not included
0.17Maxat2GHz
0.45 Max at 12GHz
0.57Maxat18GHz
0.70Maxat26GHz
0.90 Max at 40GHz
Electrical Specifications:
Connector Corrosion (salt spray):
MIL-STD-202,method101,testcond.B5%saltsolution.
Connector Durability:
500 connections Min.
Mechanical Specifications:
Electrical Test Data Supplied With Each Cable Assembly


Similar Part No. - CCK40-MM-160-30

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CCK-0503SF TDK-CCK-0503SF Datasheet
193Kb / 11P
   DC to DC Converters
CCK-0505SF TDK-CCK-0505SF Datasheet
193Kb / 11P
   DC to DC Converters
CCK-0512DF TDK-CCK-0512DF Datasheet
193Kb / 11P
   DC to DC Converters
CCK-0512SF TDK-CCK-0512SF Datasheet
193Kb / 11P
   DC to DC Converters
CCK-1203SF TDK-CCK-1203SF Datasheet
193Kb / 11P
   DC to DC Converters
More results

Similar Description - CCK40-MM-160-30

ManufacturerPart #DatasheetDescription
logo
CRYSTEK CORPORATION
CCK26.5-MM-190-30 CRYSTEKMICROWAVE-CCK26.5-MM-190-30 Datasheet
1Mb / 3P
   26.5 GHz Low Loss Coaxial Cables
CC2450-MM-150-24 CRYSTEKMICROWAVE-CC2450-MM-150-24 Datasheet
1Mb / 2P
   50 GHz Low Loss Coaxial Cables
CCSMA-MM-LL142-12 CRYSTEKMICROWAVE-CCSMA-MM-LL142-12 Datasheet
684Kb / 5P
   LL142 50 Ohm 18GHz Low Loss Coaxial Cables
CCASMA-MM-LL142-24 CRYSTEKMICROWAVE-CCASMA-MM-LL142-24 Datasheet
563Kb / 4P
   Armored 50 Ohm 18GHz Low Loss Coaxial Cables
CCSMA-MM-LL335-36 CRYSTEKMICROWAVE-CCSMA-MM-LL335-36 Datasheet
1Mb / 2P
   LL335 50 Ohm 18 GHz Low Loss Coaxial Cables
logo
Mini-Circuits
KHFC-1 MINI-KHFC-1 Datasheet
517Kb / 1P
   COAXIAL CABLES
logo
CRYSTEK CORPORATION
CCSMA-MM-RG316DS-6P CRYSTEKMICROWAVE-CCSMA-MM-RG316DS-6P Datasheet
846Kb / 1P
   RG316DS 50 Ohm Coaxial Cables
logo
Crystek Corporation
RG174 CRYSTEKCRYSTAL-RG174 Datasheet
1Mb / 2P
   RG174 50 Ohm Coaxial Cables
logo
Tyco Electronics
FN55 MACOM-FN55 Datasheet
47Kb / 3P
   High Performance, Low Loss Coaxial Cable
FN61 MACOM-FN61 Datasheet
47Kb / 3P
   High Performance, Low Loss Coaxial Cable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com