Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBSS8110Y Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PBSS8110Y
Description  100 V, 1 A NPN low VCEsat (BISS) transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBSS8110Y Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PBSS8110Y Datasheet HTML 5Page - NXP Semiconductors PBSS8110Y Datasheet HTML 6Page - NXP Semiconductors PBSS8110Y Datasheet HTML 7Page - NXP Semiconductors PBSS8110Y Datasheet HTML 8Page - NXP Semiconductors PBSS8110Y Datasheet HTML 9Page - NXP Semiconductors PBSS8110Y Datasheet HTML 10Page - NXP Semiconductors PBSS8110Y Datasheet HTML 11Page - NXP Semiconductors PBSS8110Y Datasheet HTML 12Page - NXP Semiconductors PBSS8110Y Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
PBSS8110Y_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 21 November 2009
10 of 13
NXP Semiconductors
PBSS8110Y
100 V, 1 A NPN low VCEsat (BISS) transistor
8.
Package outline
Fig 16. Package outline
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT363
SC-88
wB
M
bp
D
e1
e
pin 1
index
A
A1
Lp
Q
detail X
HE
E
v M A
A
B
y
0
1
2 mm
scale
c
X
13
2
4
5
6
Plastic surface-mounted package; 6 leads
SOT363
UNIT
A1
max
bp
cD
E
e1
HE
Lp
Qy
w
v
mm
0.1
0.30
0.20
2.2
1.8
0.25
0.10
1.35
1.15
0.65
e
1.3
2.2
2.0
0.2
0.1
0.2
DIMENSIONS (mm are the original dimensions)
0.45
0.15
0.25
0.15
A
1.1
0.8
04-11-08
06-03-16


Similar Part No. - PBSS8110Y

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS8110Y PHILIPS-PBSS8110Y Datasheet
117Kb / 13P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 01-2 June 2004
logo
Nexperia B.V. All right...
PBSS8110Y NEXPERIA-PBSS8110Y Datasheet
299Kb / 14P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02 - 21 November 2009
logo
NXP Semiconductors
PBSS8110Y PHILIPS-PBSS8110Y_15 Datasheet
185Kb / 13P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02-21 November 2009
More results

Similar Description - PBSS8110Y

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS8110Z PHILIPS-PBSS8110Z Datasheet
104Kb / 12P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 01-26 April 2004
PBSS8110X PHILIPS-PBSS8110X Datasheet
148Kb / 15P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 01-11 May 2005
logo
Nexperia B.V. All right...
PBSS8110D NEXPERIA-PBSS8110D Datasheet
286Kb / 13P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02 - 11 December 2009
PBSS8110Y NEXPERIA-PBSS8110Y Datasheet
299Kb / 14P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02 - 21 November 2009
logo
NXP Semiconductors
PBSS8110D NXP-PBSS8110D Datasheet
172Kb / 12P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02-11 December 2009
PBSS8110X NXP-PBSS8110X Datasheet
214Kb / 15P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02-11 December 2009
PBSS8110Z NXP-PBSS8110Z Datasheet
154Kb / 14P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02-8 January 2007
PBSS8110T PHILIPS-PBSS8110T Datasheet
133Kb / 12P
   100 V, 1 A NPN low VCEsat (BISS) transistor
2003 Dec 22
PBSS8110D PHILIPS-PBSS8110D_15 Datasheet
172Kb / 12P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02-11 December 2009
PBSS8110X PHILIPS-PBSS8110X_15 Datasheet
214Kb / 15P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02-11 December 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com