Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS-023 Datasheet(PDF) 2 Page - Connor-Winfield Corporation

Part # CS-023
Description  3.2 x 2.5mm SURFACE MOUNT CRYSTAL UNIT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

CS-023 Datasheet(HTML) 2 Page - Connor-Winfield Corporation

  CS-023 Datasheet HTML 1Page - Connor-Winfield Corporation CS-023 Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE.
AURORA, IL 60505.
FAX
(630) 851-5040.
PHONE (630) 851-4722.
WWW.CONWIN.COM
PRODUCT
DA T A
SHEET
Specifications subject to change without notice.
DATA SHEET #:
REV:
DATE:
PAGE
OF
Copyright 2010 Connor-Winfield all rights reserved.
a
CRYSTAL
Xt174
22
07
05/10/10
Marking Information
Tape and Reel Information
120°C
150°C
180°C
260°C
0
220°C
360 Sec. Max.
120 S
Max.
10 S
60 S
Max.
Time
Temperature
260°C
Solder Profile
Date Code Information
Date Code Example:
=20
0D
0
10, D = April
CS18 0D
*114M
Part
Number
Pad 1
Indicator
Date
Code
Output
Frequency
()
Year Month
CS23 0D
*114M
Part
Number
Pad 1
Indicator
Date
Code
Output
Frequency
(Year Month)
Date Code
Year Code
Month Code
0 = 2010
A = January
1 = 2011
B = February
2 = 2012
C = March
3 = 2013
D = April
4 = 2014
E = May
5 = 2015
F = June
G=July
H=August
J = September
K = October
M=November
N=December


Similar Part No. - CS-023

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
CS-050 PREMO-CS-050 Datasheet
180Kb / 1P
   SMD Current Transformer Up to 15A
More results

Similar Description - CS-023

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
3225H-SMX-4 ACT-3225H-SMX-4 Datasheet
179Kb / 1P
   3.2 x 2.5mm Crystal unit
3225S-SMX-4 ACT-3225S-SMX-4 Datasheet
230Kb / 2P
   3.2 x 2.5mm Crystal unit
1/02/2017
logo
TAITIEN ELECTRONICS CO....
XO-0156-XX-O TAITIEN-XO-0156-XX-O Datasheet
163Kb / 1P
   3.2 X 2.5mm SMD Crystal
logo
Renesas Technology Corp
603-40-48 RENESAS-603-40-48 Datasheet
266Kb / 3P
   40MHz 3.2 x 2.5mm Reference Crystal
2019
logo
Fox Electronics
C3BA FOX-C3BA Datasheet
275Kb / 2P
   3.2 x 2.5mm Auto Grade Crystal
logo
Renesas Technology Corp
603-24-127 RENESAS-603-24-127 Datasheet
267Kb / 3P
   24MHz 3.2 x 2.5mm Reference Crystal
2019
603-25-150 RENESAS-603-25-150 Datasheet
267Kb / 3P
   25MHz 3.2 x 2.5mm Reference Crystal
2019
603-25-173 RENESAS-603-25-173 Datasheet
267Kb / 3P
   25MHz 3.2 x 2.5mm Reference Crystal
2019
logo
TAITIEN ELECTRONICS CO....
XO-0149-OA-M-CMOS TAITIEN-XO-0149-OA-M-CMOS Datasheet
550Kb / 1P
   3.2 X 2.5mm SMD CMOS Output Crystal Oscillator
XO-0155-OX TAITIEN-XO-0155-OX Datasheet
344Kb / 1P
   3.2 x 2.5mm SMD CMOS Output Crystal Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com