Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA82C251 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA82C251
Description  CAN transceiver for 24 V systems
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA82C251 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA82C251 Datasheet HTML 4Page - NXP Semiconductors PCA82C251 Datasheet HTML 5Page - NXP Semiconductors PCA82C251 Datasheet HTML 6Page - NXP Semiconductors PCA82C251 Datasheet HTML 7Page - NXP Semiconductors PCA82C251 Datasheet HTML 8Page - NXP Semiconductors PCA82C251 Datasheet HTML 9Page - NXP Semiconductors PCA82C251 Datasheet HTML 10Page - NXP Semiconductors PCA82C251 Datasheet HTML 11Page - NXP Semiconductors PCA82C251 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
PCA82C251_4
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 28 January 2010
8 of 16
NXP Semiconductors
PCA82C251
CAN transceiver for 24 V systems
VTXD =1V.
Fig 6.
Timing diagram for wake-up from Standby.
VRs =4V; VTXD =4V.
Fig 7.
Timing diagram for bus dominant to RXD LOW.
The waveforms of the applied transients shall be in accordance with “ISO 7637 part 1”, test pulses
1, 2, 3a and 3b.
Fig 8.
Test circuit for automotive transients.
mbg617
VCC
0 V
tWAKE
VRs
VRXD
mbg618
0 V
1.5 V
tdRXDL
Vdiff
VRXD
mbg619
VCC
Vref
RXD
PCA82C251
60
Ω
47 k
Ω
500 pF
CANH
CANL
7
6
8
2
GND
Rs
4
5
TXD
1
3
100 nF
+5 V
500 pF
SCHAFFNER
GENERATOR


Similar Part No. - PCA82C251

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA82C251 PHILIPS-PCA82C251 Datasheet
95Kb / 20P
   CAN transceiver for 24 V systems
2000 Jan 13
PCA82C251 NXP-PCA82C251 Datasheet
119Kb / 17P
   CAN transceiver for 24 V systems
Rev. 04-25 August 2011
PCA82C251N NXP-PCA82C251N Datasheet
119Kb / 17P
   CAN transceiver for 24 V systems
Rev. 04-25 August 2011
PCA82C251T PHILIPS-PCA82C251T Datasheet
95Kb / 20P
   CAN transceiver for 24 V systems
2000 Jan 13
PCA82C251T NXP-PCA82C251T Datasheet
119Kb / 17P
   CAN transceiver for 24 V systems
Rev. 04-25 August 2011
More results

Similar Description - PCA82C251

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA82C251TD-T NXP-PCA82C251TD-T Datasheet
119Kb / 17P
   CAN transceiver for 24 V systems
Rev. 04-25 August 2011
PCA82C251 PHILIPS-PCA82C251 Datasheet
95Kb / 20P
   CAN transceiver for 24 V systems
2000 Jan 13
PCA82C251N NXP-PCA82C251N Datasheet
119Kb / 17P
   CAN transceiver for 24 V systems
Rev. 04-25 August 2011
logo
Analog Devices
ADM3051 AD-ADM3051_V01 Datasheet
215Kb / 16P
   High Speed Industrial CAN Transceiver with Bus Protection for 24 V Systems
Rev. A
logo
Texas Instruments
HVDA551-Q1 TI1-HVDA551-Q1 Datasheet
966Kb / 27P
[Old version datasheet]   5-V CAN TRANSCEIVER
SN65HVD233-HT TI1-SN65HVD233-HT Datasheet
676Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVER
SN65HVD233-EP TI-SN65HVD233-EP Datasheet
461Kb / 24P
[Old version datasheet]   3.3-V CAN TRANSCEIVER
logo
STMicroelectronics
TDA7576B STMICROELECTRONICS-TDA7576B Datasheet
280Kb / 17P
   Dual bridge MOSFET power amplifier for 24 V systems
Rev 3
logo
Rohm
BD41041FJ-C ROHM-BD41041FJ-C Datasheet
1Mb / 26P
   CAN Transceiver for Automotive
BD41044FJ-C ROHM-BD41044FJ-C Datasheet
1Mb / 26P
   CAN FD Transceiver for Automotive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com