Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CN048D60 Datasheet(PDF) 6 Page - Crydom Inc.,

Part # CN048D60
Description  5mm Mini SIP SSR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

CN048D60 Datasheet(HTML) 6 Page - Crydom Inc.,

  CN048D60 Datasheet HTML 1Page - Crydom Inc., CN048D60 Datasheet HTML 2Page - Crydom Inc., CN048D60 Datasheet HTML 3Page - Crydom Inc., CN048D60 Datasheet HTML 4Page - Crydom Inc., CN048D60 Datasheet HTML 5Page - Crydom Inc., CN048D60 Datasheet HTML 6Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
ANNEX - ENVIROMENTAL INFORMATION


Similar Part No. - CN048D60

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
CN048D60 CRYDOM-CN048D60 Datasheet
696Kb / 6P
   PCB Mount
CN048D60 CRYDOM-CN048D60 Datasheet
683Kb / 6P
   PCB Mount
logo
Sensata Technologies, I...
CN048D60 SENSATA-CN048D60 Datasheet
438Kb / 9P
   PLUG-IN/PCB MOUNT SOLID STATE RELAYS
logo
Crydom Inc.,
CN048D60R CRYDOM-CN048D60R Datasheet
683Kb / 6P
   PCB Mount
More results

Similar Description - CN048D60

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S212S01F SHARP-S212S01F Datasheet
241Kb / 13P
   SIP 4pin Triac output SSR
S112S01 SHARP-S112S01 Datasheet
69Kb / 5P
   SIP Type SSR for Medium Power Control
S102S01 SHARP-S102S01 Datasheet
57Kb / 4P
   SIP Type SSR for Medium Power Control
S202SE1 SHARP-S202SE1 Datasheet
64Kb / 4P
   SIP Type SSR for Medium Power Control
logo
Crydom Inc.,
PF240D25 CRYDOM-PF240D25 Datasheet
523Kb / 4P
   SIP SSR SCR output for heavy industrial loads
logo
Sharp Corporation
S101S15V SHARP-S101S15V Datasheet
58Kb / 4P
   SIP Type SSR with Built-in Snubber Circuit
S102S03 SHARP-S102S03 Datasheet
56Kb / 4P
   SIP Type SSR with Mounting Capability for External Heat Sink
S101S05V SHARP-S101S05V Datasheet
60Kb / 4P
   SIP Type SSR with Mounting Capability for External Heat Sink
S201S06F SHARP-S201S06F Datasheet
244Kb / 13P
   IT(rms)??A, Zero Cross type SIP 4pin Triac output SSR
S216SE2 SHARP-S216SE2 Datasheet
249Kb / 14P
   Reinforced Insulation Type Zero Cross type SIP 4pin Triac output SSR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com