Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9509D Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCA9509D
Description  Level translating I2C-bus/SMBus repeater
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9509D Datasheet(HTML) 4 Page - NXP Semiconductors

  PCA9509D Datasheet HTML 1Page - NXP Semiconductors PCA9509D Datasheet HTML 2Page - NXP Semiconductors PCA9509D Datasheet HTML 3Page - NXP Semiconductors PCA9509D Datasheet HTML 4Page - NXP Semiconductors PCA9509D Datasheet HTML 5Page - NXP Semiconductors PCA9509D Datasheet HTML 6Page - NXP Semiconductors PCA9509D Datasheet HTML 7Page - NXP Semiconductors PCA9509D Datasheet HTML 8Page - NXP Semiconductors PCA9509D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
PCA9509_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 10 July 2009
4 of 19
NXP Semiconductors
PCA9509
Level translating I2C-bus/SMBus repeater
6.
Functional description
Refer to Figure 1 “Functional diagram of PCA9509”.
The PCA9509 enables I2C-bus or SMBus translation down to VCC(A) as low as 1.0 V (as
low as 0.95 V in special cases) without degradation of system performance. The
PCA9509 contains 2 bidirectional open-drain buffers specifically designed to support
up-translation/down-translation between the low voltage and 3.3 V SMBus or 5 V I2C-bus.
The port B I/Os are over-voltage tolerant to 5.5 V even when the device is unpowered.
The PCA9509 includes a power-up circuit that keeps the output drivers turned off until
VCC(B) is above 2.5 V and the VCC(A) is above 0.8 V. VCC(B) and VCC(A) can be applied in
any sequence at power-up. After power-up and with the EN pin HIGH, a LOW level on
port A (below approximately 0.15 V) turns the corresponding port B driver (either SDA or
SCL) on and drives port B down to about 0 V. When port A rises above approximately
0.15 V, the port B pull-down driver is turned off and the external pull-up resistor pulls the
pin HIGH. When port B falls first and goes below 0.3VCC(B), the port A driver is turned on
and port A pulls down to 0.2 V (typical). The port B pull-down is not enabled unless the
port A voltage goes below VILc. If the port A low voltage goes below VILc, the port B
pull-down driver is enabled until port A rises above approximately 0.15 V (VILc), then
port B, if not externally driven LOW, will continue to rise being pulled up by the external
pull-up resistor.
Remark: Ground offset between the PCA9509 ground and the ground of devices on
port A of the PCA9509 must be avoided.
The reason for this cautionary remark is that a CMOS/NMOS open-drain capable of
sinking 3 mA of current at 0.4 V will have an output resistance of 133
Ω or less (R=E/I).
Such a driver will share enough current with the port A output pull-down of the PCA9509
to be seen as a LOW as long as the ground offset is zero. If the ground offset is greater
than 0 V, then the driver resistance must be less. Since VILc can be as low as 90 mV at
cold temperatures and the low end of the current distribution, the maximum ground offset
should not exceed 50 mV.
Bus repeaters that use an output offset are not interoperable with the port A of the
PCA9509 as their output LOW levels will not be recognized by the PCA9509 as a LOW. If
the PCA9509 is placed in an application where the VIL of port A of the PCA9509 does not
go below its VILc it will pull port B LOW initially when port A input transitions LOW but the
port B will return HIGH, so it will not reproduce the port A input on port B. Such
applications should be avoided.
Port B is interoperable with all I2C-bus slaves, masters and repeaters.
6.1 Enable
The EN pin is active HIGH and allows the user to select when the repeater is active. This
can be used to isolate a badly behaved slave on power-up until after the system power-up
reset. It should never change state during an I2C-bus operation because disabling during
a bus operation will hang the bus and enabling part way through a bus cycle could
confuse the I2C-bus parts being enabled.
The enable pin should only change state when the bus and the repeater port are in an idle
state to prevent system failures.


Similar Part No. - PCA9509D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9509D PHILIPS-PCA9509D Datasheet
101Kb / 16P
   Level translating I2C-bus/SMBus repeater
Rev. 01-27 June 2006
PCA9509DP PHILIPS-PCA9509DP Datasheet
101Kb / 16P
   Level translating I2C-bus/SMBus repeater
Rev. 01-27 June 2006
More results

Similar Description - PCA9509D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9509 TI1-TCA9509 Datasheet
318Kb / 14P
[Old version datasheet]   LEVEL-TRANSLATING I2C/SMBUS BUS REPEATER
JUNE2011
logo
NXP Semiconductors
PCA9509 PHILIPS-PCA9509 Datasheet
101Kb / 16P
   Level translating I2C-bus/SMBus repeater
Rev. 01-27 June 2006
logo
Texas Instruments
TCA9509 TI1-TCA9509_13 Datasheet
668Kb / 18P
[Old version datasheet]   LEVEL-TRANSLATING I2C/SMBUS BUS REPEATER
logo
Nuvoton Technology Corp...
NCT5917W NUVOTON-NCT5917W Datasheet
481Kb / 18P
   Level translating I2C-bus/SMBus Repeater
NCT5927W NUVOTON-NCT5927W Datasheet
718Kb / 16P
   Level translating I2C-bus/SMBus Repeater
logo
NXP Semiconductors
PCA9509P NXP-PCA9509P Datasheet
1Mb / 23P
   Low power level translating I2C-bus/SMBus repeater
Rev. 1-14 August 2012
PCA9519 PHILIPS-PCA9519 Datasheet
108Kb / 17P
   4-channel level translating I2C-bus/SMBus repeater
Rev. 01-22 June 2006
PCA9519 NXP-PCA9519 Datasheet
121Kb / 18P
   4-channel level translating I2C-bus/SMBus repeater
Rev. 02-13 August 2007
logo
Texas Instruments
TCA9509 TI1-TCA9509_V01 Datasheet
1Mb / 25P
[Old version datasheet]   TCA9509 Level-Translating I2C and SMBUS Bus Repeater
TCA9517A TI1-TCA9517A Datasheet
759Kb / 17P
[Old version datasheet]   LEVEL-TRANSLATING I2C BUS REPEATER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com