Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLVA02V05C064 Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # MLVA02V05C064
Description  Multilayer Varistor ESD Suppressor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

MLVA02V05C064 Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  MLVA02V05C064 Datasheet HTML 1Page - Cooper Bussmann, Inc. MLVA02V05C064 Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2010 Cooper Bussmann
St. Louis, MO 63178
www.cooperbussmann.com
0310
BU-SB10346
Page 2 of 2
Data Sheet 4070
The only controlled copy of this Data Sheet is the electronic read-only version located on the Cooper Bussmann Network Drive. All other copies of this document are by definition uncontrolled. This bulletin is
intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Cooper Bussmann reserves the right, without notice, to change
design or construction of any products and to discontinue or limit distribution of any products. Cooper Bussmann also reserves the right to change or update, without notice, any technical information con-
tained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
Life Support Policy: Cooper Bussmann does not authorize the use of any of its products for use in life support devices or systems without the express written approval of an officer of the Company. Life sup-
port systems are devices which support or sustain life, and whose failure to perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result
in significant injury to the user.
Time (seconds)
Soldering Recommendations
• Compatible with lead and lead-free solder reflow processes
• Peak reflow temperatures and durations:
- IR Reflow = 260°C max for 30 sec. max.
- Wave Solder = 260°C max. for 10 sec. max.
• Recommended IR Reflow Profile:
Environmental Specifications
Characteristic
Value
Bias Humidity:
+40°C, 90% RH for 1000 hours
Thermal Shock:
-40°C to +85°C, 30 minute cycle, 5 cycles
Operating Temperature Range:
-40°C to +85°C
Storage Temperature Range:
-40°C to +85°C
Full Load Voltage:
Working Voltage, 85°C, 1000 hours
Dimensions - mm
W
H
L
C
c
b
b
d
a
Recommended Pad Layout - mm (in)
Size
L
W
H
C
0201
0.60±0.05
0.30±0.05
0.30±0.05
0.20±0.10
0402
1.00±0.15
0.50±0.10
0.50±0.10
0.25±0.15
0603
1.60±0.15
0.80±0.10
0.80±0.10
0.30±0.20
Size
a
b
c
d
0201
0.23 (0.009)
0.30 (0.012)
0.45 (0.018)
0.83 (0.033)
0402
0.51 (0.020)
0.61 (0.024)
0.51 (0.020)
1.70 (0.067)
0603
0.50 (0.020)
1.02 (0.040)
0.76 (0.030)
2.54 (0.100)
Tape Packaging Specifications - mm
0201 Carrier Dimensions
AB
W
E
F
P0
P1
P2
D0
T
0.37
0.69
8.0
1.75
3.5
4.0
2.0
2.0
1.55
0.42
±0.03
±0.03
±0.1
±0.05
±0.05
±0.1
±0.05
±0.05
±0.05
±0.03
0402 Carrier Dimensions
0.58
1.2
8.0
1.75
3.5
4.0
2.0
2.0
1.55
0.60
±0.03
±0.03
±0.1
±0.05
±0.05
±0.1
±0.05
±0.05
±0.05
±0.03
0603 Carrier Dimensions
1.05
1.90
8.0
1.75
3.50
4.00
-
2.00
1.50
-
±0.15
±0.15
±0.30 ±0.10
±0.05
±0.10
-
±0.05
±0.10
-


Similar Part No. - MLVA02V05C064

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
MLVA02V05C064-R COOPER-MLVA02V05C064-R Datasheet
386Kb / 5P
   Multilayer varistor ESD suppressor
logo
Eaton All Rights Reserv...
MLVA02V05C064-R EATON-MLVA02V05C064-R Datasheet
387Kb / 5P
   Multilayer varistor ESD suppressor
More results

Similar Description - MLVA02V05C064

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
MLVA02V05C033-R COOPER-MLVA02V05C033-R Datasheet
386Kb / 5P
   Multilayer varistor ESD suppressor
MLVB04V18C0R5 COOPER-MLVB04V18C0R5 Datasheet
350Kb / 2P
   Multilayer Varistor ESD Suppressor
logo
Eaton All Rights Reserv...
MLVA-R EATON-MLVA-R Datasheet
387Kb / 5P
   Multilayer varistor ESD suppressor
MLVB EATON-MLVB Datasheet
339Kb / 2P
   Multilayer varistor ESD suppressor
logo
Panasonic Semiconductor
EZJZZV270AA PANASONIC-EZJZZV270AA Datasheet
172Kb / 8P
   Multilayer Varistor for ESD pulse
logo
Shanghai Leiditech Elec...
L0603-3220A LEIDITECH-L0603-3220A Datasheet
430Kb / 4P
   ESD-SMD Multilayer chip Varistor
logo
Panasonic Semiconductor
EZJZ PANASONIC-EZJZ Datasheet
275Kb / 5P
   Multilayer Varistor for ESD pulse
logo
Micro Commercial Compon...
MLESD24B-0603 MCC-MLESD24B-0603 Datasheet
315Kb / 4P
   Multilayer Polymer ESD Suppressor
logo
GOOD-ARK Electronics
ESLP2510V05 GOOD-ARK-ESLP2510V05_15 Datasheet
172Kb / 3P
   Multilayer Polymer ESD Suppressor
logo
Micro Commercial Compon...
MLESD24B-0603 MCC-MLESD24B-0603_12 Datasheet
405Kb / 4P
   Multilayer Polymer ESD Suppressor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com