Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZUMT5179 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZUMT5179
Description  NPN SILICON PLANAR HIGH FREQUENCY TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZUMT5179 Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZUMT5179 Datasheet HTML 1Page - Zetex Semiconductors ZUMT5179 Datasheet HTML 2Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOT323 NPN SILICON PLANAR
HIGH FREQUENCY TRANSISTOR
ISSUE 1- NOVEMBER 1998
FEATURES
*High f
T=900MHz Min
*
Max capacitance=1pF
*
Low noise 4.5dB
PARTMARKING DETAIL - T6
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
20
V
Collector-Emitter Voltage
VCEO
12
V
Emitter-Base Voltage
VEBO
2.5
V
Continuous Collector Current
IC
50
mA
Power Dissipation
Ptot
330
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
PARAMETER
SYMBOL
MIN.
MAX.
UNIT
CONDITIONS.
Collector-Emitter Sustaining
Voltage
VCEO(SUS)
12
V
IC= 3mA, IB=0
Collector-Base Breakdown
Voltage
V(BR)CBO
20
V
IC= 1µA, IE=0
Emitter-Base Breakdown
Voltage
V(BR)EBO
2.5
V
IE=10µA, IC=0
Collector Cut-Off
Current
ICBO
0.02
1.0
µA
µA
VCB=15V, IE=0
VCB=15V, IE=0, Tamb=150°C
Static Forward Current
Transfer Ratio
hFE
25
250
IC=3mA, VCE=1V
Collector-Emitter Saturation
Voltage
VCE(sat)
0.4
V
IC=10mA, IB=1mA
Base-Emitter
Saturation Voltage
VBE(sat)
1.0
V
IC=10mA, IB=1mA
Transition Frequency
fT
900
2000
MHz
IC=5mA, VCE=6V, f=100MHz
Collector-Base Capacitance
Ccb
1pF
IE=0, VCB=10V, f=1MHz
Small Signal Current Gain
hfe
25
300
IC=2mA, VCE=6V, f=1KHz
Collector Base Time Constant rb’Cc
314
ps
IE=2mA, VCB=6V, f=31.9MHz
Noise Figure
NF
4.5
dB
IC=1.5mA, VCE=6V
RS=50Ω, f=200MHz
Common-Emitter Amplifier
Power Gain
Gpe
15
dB
IC=5mA, VCE=6V
f=200MHz
Spice parameter data is available upon request for this device
ZUMT5179


Similar Part No. - ZUMT5179

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZUMT5179 DIODES-ZUMT5179 Datasheet
34Kb / 2P
   SOT323 NPN SILICON PLANAR HIGH FREQUENCY TRANSISTOR
More results

Similar Description - ZUMT5179

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT5179 ZETEX-FMMT5179 Datasheet
62Kb / 2P
   NPN SILICON PLANAR HIGH FREQUENCY TRANSISTOR
MPS5179 ZETEX-MPS5179 Datasheet
135Kb / 3P
   NPN SILICON PLANAR HIGH FREQUENCY TRANSISTOR
logo
Diodes Incorporated
ZUMT5179 DIODES-ZUMT5179 Datasheet
34Kb / 2P
   SOT323 NPN SILICON PLANAR HIGH FREQUENCY TRANSISTOR
logo
Micro Electronics
BF314 MICRO-ELECTRONICS-BF314 Datasheet
83Kb / 1P
   NPN HIGH FREQUENCY SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
FMMT5179TA FAIRCHILD-FMMT5179TA Datasheet
68Kb / 2P
   SOT23 NPN SILICON PLANAR HIGH FREQUENCY TRANSISTOR
logo
Cystech Electonics Corp...
BTC5181WC3 CYSTEKEC-BTC5181WC3 Datasheet
160Kb / 3P
   High Frequency NPN Epitaxial Planar Transistor
BTC5179S3 CYSTEKEC-BTC5179S3 Datasheet
157Kb / 3P
   High Frequency NPN Epitaxial Planar Transistor
BTC5177N3 CYSTEKEC-BTC5177N3 Datasheet
154Kb / 3P
   High Frequency NPN Epitaxial Planar Transistor
logo
Advanced Semiconductor
LT1001A ASI-LT1001A Datasheet
13Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
List of Unclassifed Man...
NE696M01 ETC-NE696M01 Datasheet
105Kb / 6P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com