Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLVA06V26C100 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # MLVA06V26C100
Description  Multilayer Varistor ESD Suppressor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

MLVA06V26C100 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  MLVA06V26C100 Datasheet HTML 1Page - Cooper Bussmann, Inc. MLVA06V26C100 Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Applications
• Computers and peripherals
• Digital still cameras
• Cell phones
• Medical equipment
• Printers/copiers/scanners
• DVD Players
• MP3/Multimedia players
• LCD TV / Monitor
• External storage
• Cable/DSL Modems
• Set top boxes
Part Numbering System:
MLVA
04
V05
C270
Product Family
Size
Working DC Voltage
Capacitance in pF
Packaging
• Size 0201: 15,000 pieces per reel - EIA (EIAJ)
• Size 0402: 10,000 pieces per reel - EIA (EIAJ)
• Size 0603: 4000 pieces per reel - EIA (EIAJ)
Multilayer Varistor
ESD Suppressor
MLVA Series
0310
BU-SB10346
Page 1 of 2
Data Sheet 4070
Surface Mount Device
Description
Cooper Bussmann
® MLVA Series of multilayer varistors are designed to pro-
tect electronic circuits from ESD damage. With its small, standardized 0201,
0402 and 0603 sizes, it’s easy to implement them into any circuit board
design. The MLVA is suitable for push button, power line and low frequency
overvoltage protection.
Features
• Zinc oxide based ceramic chip
• Provides ESD protection with fast response time (<1ns) allowing
equipment to pass IEC 61000-4-2 Level 4 Test
• 0402 and 0603 meet IEC 61000-4-4 and 61000-4-5
• Low profile designs for board space savings
• Low and stable leakage current reduces power consumption
• Low clamping voltage
• Wide 5.5 to 26Vdc operating voltage range
• Halogen free and RoHS compliant for global applications
HALOGEN
HF
FREE
Specifications
Part
Working Voltage
Varistor Voltage
Clamping
Capacitance
Peak
Transient
Number
Size
Vrms
Vdc
@ 1mAdc
Voltage
pF
Current (amps)
Energy (Joules)
MLVA02V05C033
0201
4
5.5
8-14
30
33
-
-
MLVA02V05C047
0201
4
5.5
8-14
26
47
-
-
MLVA02V05C064
0201
4
5.5
8-14
26
64
-
-
MLVA04V05C270
0402
4
5.5
6.4-9.6
20
270
20
0.05
MLVA04V09C130
0402
7
9
10-15
32
130
20
0.05
MLVA04V14C090
0402
11
14
14.4-21.6
38
90
20
0.05
MLVA04V18C085
0402
14
18
17.6-26.4
45
85
20
0.05
MLVA06V05C270
0603
4
5.5
6.4-9.6
22
270
30
0.1
MLVA06V09C210
0603
7
9
10-15
27
210
30
0.1
MLVA06V14C150
0603
11
14
14.4-21.6
35
150
30
0.1
MLVA06V18C130
0603
14
18
17.6-26.4
40
130
30
0.1
MLVA06V26C100
0603
20
26
24.8-37.2
58
100
30
0.1
Working Voltage Vrms - Maximum AC operating voltage the varistor can maintain and not exceed 10μA leakage current for 0402, 0603.
Working Voltage Vdc - Maximum DC operating voltage the varistor can maintain and not exceed 10
μA leakage current for 0402, 0603.
Varistor Voltage - Voltage across the device measured at 1mA DC current. Equivalent to VB, “breakdown voltage.”
Clamping Voltage - Maximum peak voltage across the varistor with 8/20
μs waveform and 1A pulse current.
Capacitance - Device capacitance measured with zero volt bias 1Vrms at 1MHz.
Peak Current - Maximum peak current which may be applied with 8/20
μs waveform without device failure.
Transient Energy - Maximum energy which may be dissipated with the 10/1000
μs waveform without device failure.


Similar Part No. - MLVA06V26C100

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
MLVA06V26C100-R COOPER-MLVA06V26C100-R Datasheet
386Kb / 5P
   Multilayer varistor ESD suppressor
logo
Eaton All Rights Reserv...
MLVA06V26C100-R EATON-MLVA06V26C100-R Datasheet
387Kb / 5P
   Multilayer varistor ESD suppressor
More results

Similar Description - MLVA06V26C100

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
MLVA02V05C033-R COOPER-MLVA02V05C033-R Datasheet
386Kb / 5P
   Multilayer varistor ESD suppressor
MLVB04V18C0R5 COOPER-MLVB04V18C0R5 Datasheet
350Kb / 2P
   Multilayer Varistor ESD Suppressor
logo
Eaton All Rights Reserv...
MLVA-R EATON-MLVA-R Datasheet
387Kb / 5P
   Multilayer varistor ESD suppressor
MLVB EATON-MLVB Datasheet
339Kb / 2P
   Multilayer varistor ESD suppressor
logo
Panasonic Semiconductor
EZJZZV270AA PANASONIC-EZJZZV270AA Datasheet
172Kb / 8P
   Multilayer Varistor for ESD pulse
logo
Shanghai Leiditech Elec...
L0603-3220A LEIDITECH-L0603-3220A Datasheet
430Kb / 4P
   ESD-SMD Multilayer chip Varistor
logo
Panasonic Semiconductor
EZJZ PANASONIC-EZJZ Datasheet
275Kb / 5P
   Multilayer Varistor for ESD pulse
logo
Micro Commercial Compon...
MLESD24B-0603 MCC-MLESD24B-0603 Datasheet
315Kb / 4P
   Multilayer Polymer ESD Suppressor
logo
GOOD-ARK Electronics
ESLP2510V05 GOOD-ARK-ESLP2510V05_15 Datasheet
172Kb / 3P
   Multilayer Polymer ESD Suppressor
logo
Micro Commercial Compon...
MLESD24B-0603 MCC-MLESD24B-0603_12 Datasheet
405Kb / 4P
   Multilayer Polymer ESD Suppressor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com