Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9512AD Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCA9512AD
Description  Level shifting hot swappable I2C-bus and SMBus bus buffer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9512AD Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCA9512AD Datasheet HTML 2Page - NXP Semiconductors PCA9512AD Datasheet HTML 3Page - NXP Semiconductors PCA9512AD Datasheet HTML 4Page - NXP Semiconductors PCA9512AD Datasheet HTML 5Page - NXP Semiconductors PCA9512AD Datasheet HTML 6Page - NXP Semiconductors PCA9512AD Datasheet HTML 7Page - NXP Semiconductors PCA9512AD Datasheet HTML 8Page - NXP Semiconductors PCA9512AD Datasheet HTML 9Page - NXP Semiconductors PCA9512AD Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
PCA9512A_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 19 August 2009
6 of 23
NXP Semiconductors
PCA9512A
Level shifting hot swappable I2C-bus and SMBus bus buffer
The PCA9510A (rise time accelerator is permanently disabled) and the PCA9512A (rise
time accelerator can be turned off) are a little different with the rise time accelerator turned
off because the rise time accelerator will not pull the node up, but the same logic that turns
on the accelerator turns the pull-down off. If the VIL is above ~0.6 V and a rising edge is
detected, the pull-down will turn off and will not turn back on until a falling edge is
detected.
Consider a system with three buffers connected to a common node and communication
between the Master and Slave B that are connected at either end of buffer A and buffer B
in series as shown in Figure 4. Consider if the VOL at the input of buffer A is 0.3 V and the
VOL of Slave B (when acknowledging) is 0.4 V with the direction changing from Master to
Slave B and then from Slave B to Master. Before the direction change you would observe
VIL at the input of buffer A of 0.3 V and its output, the common node, is ~0.4 V. The output
of buffer B and buffer C would be ~0.5 V, but Slave B is driving 0.4 V, so the voltage at
Slave B is 0.4 V. The output of buffer C is ~0.5 V. When the Master pull-down turns off, the
input of buffer A rises and so does its output, the common node, because it is the only part
driving the node. The common node will rise to 0.5 V before buffer B’s output turns on, if
the pull-up is strong the node may bounce. If the bounce goes above the threshold for the
rising edge accelerator ~0.6 V the accelerators on both buffer A and buffer C will fire
contending with the output of buffer B. The node on the input of buffer A will go HIGH as
will the input node of buffer C. After the common node voltage is stable for a while the
rising edge accelerators will turn off and the common node will return to ~0.5 V because
the buffer B is still on. The voltage at both the Master and Slave C nodes would then fall to
~0.6 V until Slave B turned off. This would not cause a failure on the data line as long as
the return to 0.5 V on the common node (~0.6 V at the Master and Slave C) occurred
before the data setup time. If this were the SCL line, the parts on buffer A and buffer C
would see a false clock rather than a stretched clock, which would cause a system error.
8.4 Propagation delays
The delay for a rising edge is determined by the combined pull-up current from the bus
resistors and the rise time accelerator current source and the effective capacitance on the
lines. If the pull-up currents are the same, any difference in rise time is directly
proportional to the difference in capacitance between the two sides. The tPLH may be
negative if the output capacitance is less than the input capacitance and would be positive
if the output capacitance is larger than the input capacitance, when the currents are the
same.
The tPHL can never be negative because the output does not start to fall until the input is
below 0.7VCC (or 0.7VCC2 for SDAOUT and SCLOUT), and the output turn on has a
non-zero delay, and the output has a limited maximum slew rate, and even if the input slew
Fig 4.
System with 3 buffers connected to common node
002aab581
buffer C
buffer B
buffer A
common
node
SLAVE B
SLAVE C
MASTER


Similar Part No. - PCA9512AD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCA9512AD ETC1-PCA9512AD Datasheet
135Kb / 22P
   Level shifting hot swappable I2C-bus and SMBus bus buffer
logo
NXP Semiconductors
PCA9512AD NXP-PCA9512AD Datasheet
235Kb / 24P
   Level shifting hot swappable I2C-bus and SMBus bus buffer
Rev. 5-5 January 2011
PCA9512AD PHILIPS-PCA9512AD Datasheet
320Kb / 27P
   Level shifting hot swappable I2C-bus and SMBus bus buffer
Rev. 6-1 March 2013
logo
List of Unclassifed Man...
PCA9512ADP ETC1-PCA9512ADP Datasheet
135Kb / 22P
   Level shifting hot swappable I2C-bus and SMBus bus buffer
logo
NXP Semiconductors
PCA9512ADP NXP-PCA9512ADP Datasheet
235Kb / 24P
   Level shifting hot swappable I2C-bus and SMBus bus buffer
Rev. 5-5 January 2011
More results

Similar Description - PCA9512AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9512A NXP-PCA9512A_11 Datasheet
235Kb / 24P
   Level shifting hot swappable I2C-bus and SMBus bus buffer
Rev. 5-5 January 2011
PCA9512ADP PHILIPS-PCA9512ADP Datasheet
320Kb / 27P
   Level shifting hot swappable I2C-bus and SMBus bus buffer
Rev. 6-1 March 2013
logo
List of Unclassifed Man...
PCA9512A ETC1-PCA9512A Datasheet
135Kb / 22P
   Level shifting hot swappable I2C-bus and SMBus bus buffer
logo
NXP Semiconductors
PCA9510A NXP-PCA9510A Datasheet
153Kb / 24P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-18 August 2009
PCA9510A PHILIPS-PCA9510A Datasheet
140Kb / 23P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-8 September 2005
PCA9512 PHILIPS-PCA9512 Datasheet
176Kb / 16P
   Level shifting hot swappable I2C and SMBus buffer
2004 Oct 05
PCA9511A PHILIPS-PCA9511A Datasheet
144Kb / 23P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-15 August 2005
PCA9514A PHILIPS-PCA9514A Datasheet
154Kb / 25P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-11 October 2005
PCA9511DP-T NXP-PCA9511DP-T Datasheet
146Kb / 18P
   Hot swappable I2C-bus and SMBus bus buffer
2006 Aug 23
logo
ON Semiconductor
PCA9511A ONSEMI-PCA9511A Datasheet
352Kb / 17P
   Hot Swappable I2C-Bus and SMBus Bus Buffer
August, 2013 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com