Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AGRF400-2 Datasheet(PDF) 11 Page - Tyco Electronics

Part # AGRF400-2
Description  PolySwitch Resettable Devices Automotive Devices
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AGRF400-2 Datasheet(HTML) 11 Page - Tyco Electronics

Back Button AGRF400-2 Datasheet HTML 7Page - Tyco Electronics AGRF400-2 Datasheet HTML 8Page - Tyco Electronics AGRF400-2 Datasheet HTML 9Page - Tyco Electronics AGRF400-2 Datasheet HTML 10Page - Tyco Electronics AGRF400-2 Datasheet HTML 11Page - Tyco Electronics AGRF400-2 Datasheet HTML 12Page - Tyco Electronics AGRF400-2 Datasheet HTML 13Page - Tyco Electronics AGRF400-2 Datasheet HTML 14Page - Tyco Electronics AGRF400-2 Datasheet HTML 15Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
159
RoHS Compliant, ELV Compliant
10
Fault Current (A)
1000
100
10
1
0.1
0.01
1
10
100
A
A
B
B
C
C
D
D
E
E
F
F
G
G
Figure A17
AHEF
A=
AHEF050
B=
AHEF070
C=
AHEF100
D=
AHEF300
E=
AHEF500
F=
AHEF750
G=
AHEF1000
Fault Current (A)
100
10
1
0.10
0.01
0.001
0.1
1
10
100
A
A
B
C
D
E
F
G
H
B C
D
E FG H
Figure A19
ASMD
A=
ASMD030F
B=
ASMD050F
C=
ASMD075F
D=
ASMD100F
E=
ASMD125F
F=
ASMD150F
G=
ASMD200F
H=
ASMD250F
Fault Current (A)
100
10
1
0.10
0.01
10
1
100
B
A
A
B
C
C
D
D
Figure A18
AHS
A=
AHS080-2018
B=
AHS160
C=
AHS200
D=
AHS300
Figure A15-A20 Typical Time-to-trip at 25°C for Automotive Devices
Cont’d


Similar Part No. - AGRF400-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AGRF400 MACOM-AGRF400 Datasheet
570Kb / 18P
   PolySwitch??Resettable Device Short Form Catalog
AGRF400 MACOM-AGRF400 Datasheet
289Kb / 26P
   PolySwitch Resettable Devices
logo
Littelfuse
AGRF400 LITTELFUSE-AGRF400 Datasheet
352Kb / 2P
   Overcurrent Protection Device
logo
Tyco Electronics
AGRF400 MACOM-AGRF400_1 Datasheet
570Kb / 18P
   PolySwitch??Resettable Device Short Form Catalog
More results

Similar Description - AGRF400-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RF1636-000 MACOM-RF1636-000 Datasheet
289Kb / 26P
   PolySwitch Resettable Devices
RF2636-000 MACOM-RF2636-000 Datasheet
303Kb / 28P
   PolySwitch Resettable Devices
MINISMDC300F-2 MACOM-MINISMDC300F-2 Datasheet
278Kb / 20P
   PolySwitch Resettable Devices
RUEF300K MACOM-RUEF300K Datasheet
1Mb / 28P
   PolySwitch Resettable Devices
logo
Littelfuse
MINISMDC260F LITTELFUSE-MINISMDC260F Datasheet
325Kb / 2P
   PolySwitch Resettable Devices
logo
Tyco Electronics
NANOASMDC035F-2 MACOM-NANOASMDC035F-2 Datasheet
283Kb / 26P
   PolySwitch Resettable Devices
C16844-000 MACOM-C16844-000 Datasheet
331Kb / 28P
   PolySwitch Resettable Devices
LVR005 MACOM-LVR005 Datasheet
408Kb / 27P
   PolySwitch Resettable Devices
LTP190SS MACOM-LTP190SS Datasheet
218Kb / 16P
   PolySwitch Resettable Devices Strap Battery Devices
NANOSMDC200F-2 MACOM-NANOSMDC200F-2 Datasheet
283Kb / 20P
   PolySwitch Resettable Devices Surface-mount Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com