Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLPX183M016E3P3 Datasheet(PDF) 7 Page - Cornell Dubilier Electronics

Part # SLPX183M016E3P3
Description  Type SLPX 85 째C Snap-In Aluminum Electrolytic
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SLPX183M016E3P3 Datasheet(HTML) 7 Page - Cornell Dubilier Electronics

  SLPX183M016E3P3 Datasheet HTML 1Page - Cornell Dubilier Electronics SLPX183M016E3P3 Datasheet HTML 2Page - Cornell Dubilier Electronics SLPX183M016E3P3 Datasheet HTML 3Page - Cornell Dubilier Electronics SLPX183M016E3P3 Datasheet HTML 4Page - Cornell Dubilier Electronics SLPX183M016E3P3 Datasheet HTML 5Page - Cornell Dubilier Electronics SLPX183M016E3P3 Datasheet HTML 6Page - Cornell Dubilier Electronics SLPX183M016E3P3 Datasheet HTML 7Page - Cornell Dubilier Electronics SLPX183M016E3P3 Datasheet HTML 8Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type SLPX 85 ºC Aluminum Electrolytic Snap-In Capacitors
Catalog
Max Ripple
Nominal
Cap
Part Number
120 Hz/25°C
120 Hz/85°C
Size (DxL)
μF
3000 h @ 85 ºC
(Ω)
(A
rms)
(mm)
160 Vdc (200 Vdc Surge)
1500
SLPX152M160H5P3
0.133
3.94
35 x 35
1800
SLPX182M160E4P3
0.111
4.31
30 x 45
1800
SLPX182M160H5P3
0.111
4.28
35 x 35
2200
SLPX222M160H7P3
0.090
4.96
35 x 40
2700
SLPX272M160H9P3
0.074
5.57
35 x 50
180 Vdc (225 Vdc Surge)
330
SLPX331M180A1P3
0.603
1.49
22 x 25
390
SLPX391M180A1P3
0.510
1.84
22 x 25
470
SLPX471M180A3P3
0.423
1.91
22 x 30
470
SLPX471M180C1P3
0.423
2.08
25 x 25
560
SLPX561M180A5P3
0.355
2.25
22 x 35
560
SLPX561M180C1P3
0.355
2.25
25 x 25
680
SLPX681M180A5P3
0.293
2.48
22 x 35
680
SLPX681M180C3P3
0.293
2.50
25 x 30
680
SLPX681M180E1P3
0.293
2.46
30 x 25
820
SLPX821M180A7P3
0.243
2.86
22 x 40
820
SLPX821M180C5P3
0.243
2.75
25 x 35
820
SLPX821M180E1P3
0.243
2.69
30 x 25
1000
SLPX102M180C7P3
0.199
3.06
25 x 40
1000
SLPX102M180E3P3
0.199
3.10
30 x 30
1200
SLPX122M180C4P3
0.166
3.63
25 x 45
1200
SLPX122M180E5P3
0.166
3.55
30 x 35
1200
SLPX122M180H3P3
0.166
3.49
35 x 30
1500
SLPX152M180E7P3
0.133
4.10
30 x 40
1500
SLPX152M180H5P3
0.133
4.02
35 x 35
1800
SLPX182M180E4P3
0.111
4.55
30 x 45
1800
SLPX182M180H5P3
0.111
4.54
35 x 35
2200
SLPX222M180H7P3
0.090
4.83
35 x 40
2700
SLPX272M180H9P3
0.074
5.30
35 x 50
200 Vdc (250 Vdc Surge)
270
SLPX271M200A1P3
0.737
1.37
22 x 25
330
SLPX331M200A3P3
0.603
1.63
22 s 30
330
SLPX331M200A1P3
0.603
1.51
22 x 25
390
SLPX391M200A3P3
0.510
1.73
22 x 30
390
SLPX391M200C1P3
0.510
1.71
25 x 25
470
SLPX471M200A3P3
0.423
1.97
22 x 30
470
SLPX471M200C3P3
0.423
1.95
25 x 30
560
SLPX561M200A7P3
0.355
2.18
22 x 40
560
SLPX561M200C3P3
0.355
2.15
25 x 30
560
SLPX561M200E1P3
0.355
2.15
30 x 25
680
SLPX681M200A4P3
0.293
2.48
22 x 45
680
SLPX681M200C5P3
0.293
2.48
25 x 35
680
SLPX681M200E3P3
0.293
2.48
30 x 30
820
SLPX821M200A9P3
0.243
2.81
22 x 50
820
SLPX821M200C7P3
0.243
2.79
25 x 40
820
SLPX821M200E3P3
0.243
2.75
30 x 30
1000
SLPX102M200C4P3
0.199
3.28
25 x 45
1000
SLPX102M200E5P3
0.199
3.15
30 x 35
1000
SLPX102M200H3P3
0.199
3.25
35 x 30
1200
SLPX122M200C9P3
0.166
3.61
25 x 50
1200
SLPX122M200E7P3
0.166
3.61
30 x 40
1200
SLPX122M200E4P3
0.166
3.80
30 x 45
1200
SLPX122M200H5P3
0.166
3.57
35 x 35
1500
SLPX152M200E4P3
0.133
4.13
30 x 45
1500
SLPX152M200H5P3
0.133
3.85
35 x 35
7


Similar Part No. - SLPX183M016E3P3

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SLPX183M016E3P3 CDE-SLPX183M016E3P3 Datasheet
376Kb / 9P
   Small case size with high capacitance
More results

Similar Description - SLPX183M016E3P3

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SLPX103M050E7P3 CDE-SLPX103M050E7P3 Datasheet
376Kb / 9P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
SLPX103M025A5P3 CDE-SLPX103M025A5P3 Datasheet
376Kb / 9P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
logo
Vishay Siliconix
80D VISHAY-80D Datasheet
340Kb / 5P
   Aluminum Capacitors 85 째C, Snap-In
Revision: 27-Aug-08
logo
Cornell Dubilier Electr...
SLP103M010A1P3 CDE-SLP103M010A1P3_1 Datasheet
483Kb / 8P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
SLP331M250A3P3 CDE-SLP331M250A3P3 Datasheet
369Kb / 9P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
SLP472M035C1P3 CDE-SLP472M035C1P3 Datasheet
369Kb / 9P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
logo
Vishay Siliconix
82DA VISHAY-82DA_08 Datasheet
189Kb / 4P
   Aluminum Capacitors 85 째C, Snap-In, General Purpose
Revision: 29-Aug-08
logo
Cornell Dubilier Electr...
LPW822M1AN25V-W CDE-LPW822M1AN25V-W Datasheet
161Kb / 3P
   85 ?C Snap-In Aluminum Electrolytic Capacitors
4CMC333M016AK8 CDE-4CMC333M016AK8 Datasheet
484Kb / 7P
   Type 4CMC 85 째C, High-Cap, Radial Leaded, Aluminum Electrolytic
3410DF472M100HPA1 CDE-3410DF472M100HPA1 Datasheet
169Kb / 4P
   85 ?C, 4-Pin, Multipin Snap-In Aluminum Electrolytic
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com