Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9515ADP Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA9515ADP
Description  I2C-bus repeater
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9515ADP Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA9515ADP Datasheet HTML 4Page - NXP Semiconductors PCA9515ADP Datasheet HTML 5Page - NXP Semiconductors PCA9515ADP Datasheet HTML 6Page - NXP Semiconductors PCA9515ADP Datasheet HTML 7Page - NXP Semiconductors PCA9515ADP Datasheet HTML 8Page - NXP Semiconductors PCA9515ADP Datasheet HTML 9Page - NXP Semiconductors PCA9515ADP Datasheet HTML 10Page - NXP Semiconductors PCA9515ADP Datasheet HTML 11Page - NXP Semiconductors PCA9515ADP Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
PCA9515A_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 11 April 2008
8 of 18
NXP Semiconductors
PCA9515A
I2C-bus repeater
[1]
For operation between published voltage ranges, refer to worst-case parameter in both ranges.
[2]
Typical value taken at VCC = 2.5 V and Tamb =25 °C.
[3]
VIL specification is for the first LOW level seen by the SDAn/SCLn lines. VILc is for the second and subsequent LOW levels seen by the
SDAn/SCLn lines.
Table 5.
Static characteristics (VCC = 2.3 V to 2.7 V)
VCC = 2.3 V to 2.7 V[1]; GND = 0 V; Tamb = −40 °C to +85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[2]
Max
Unit
Supplies
VCC
supply voltage
2.3
-
2.7
V
ICCH
HIGH-level supply current
both channels HIGH;
VCC = 2.7 V;
SDAn = SCLn = VCC
-
0.8
5
mA
ICCL
LOW-level supply current
both channels LOW;
VCC = 2.7 V;
one SDA and one SCL = GND;
other SDA and SCL open
-
1.6
5
mA
ICCLc
contention LOW-level supply current
VCC = 2.7 V;
SDAn = SCLn = GND
-
1.6
5
mA
Input SCLn; input/output SDAn
VIH
HIGH-level input voltage
0.7VCC
-
5.5
V
VIL
LOW-level input voltage
[3]
−0.5
-
+0.3VCC V
VILc
contention LOW-level input voltage
[3]
−0.5
-
+0.4
V
VIK
input clamping voltage
II = −18 mA
-
-
−1.2
V
ILI
input leakage current
VI = 2.7 V
−1-
+1
µA
IIL
LOW-level input current
SDAn, SCLn; VI = 0.2 V
-
-
10
µA
VOL
LOW-level output voltage
IOL =20 µA or 6 mA
0.47
0.52
0.6
V
VOL−VILc
difference between LOW-level output
and LOW-level input voltage
contention
guaranteed by design
-
-
70
mV
Ci
input capacitance
VI = 3 V or 0 V
-
6
7
pF
Enable
VIL
LOW-level input voltage
−0.5
-
+0.8
V
VIH
HIGH-level input voltage
2.0
-
5.5
V
IIL(EN)
LOW-level input current on pin EN
VI = 0.2 V
-
−10
−30
µA
ILI
input leakage current
−1-
+1
µA
Ci
input capacitance
VI = 3.0 V or 0 V
-
6
7
pF


Similar Part No. - PCA9515ADP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9515ADP NXP-PCA9515ADP Datasheet
222Kb / 20P
   I2C-bus repeater
Rev. 5-23 March 2012
PCA9515ADP-T NXP-PCA9515ADP-T Datasheet
222Kb / 20P
   I2C-bus repeater
Rev. 5-23 March 2012
More results

Similar Description - PCA9515ADP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9515 PHILIPS-PCA9515 Datasheet
128Kb / 11P
   I2C-bus repeater
2004 Jun 24
PCA9515A PHILIPS-PCA9515A Datasheet
116Kb / 12P
   I2C-bus repeater
2004 Sep 29
PCA9515 NXP-PCA9515 Datasheet
102Kb / 16P
   I2C-bus repeater
Rev. 09-23 April 2009
PCA9515ADP-T NXP-PCA9515ADP-T Datasheet
222Kb / 20P
   I2C-bus repeater
Rev. 5-23 March 2012
logo
Texas Instruments
TCA9517A TI1-TCA9517A Datasheet
759Kb / 17P
[Old version datasheet]   LEVEL-TRANSLATING I2C BUS REPEATER
logo
IXYS Corporation
CPC5902 IXYS-CPC5902 Datasheet
270Kb / 14P
   Optically Isolated I2C Bus Repeater
logo
Texas Instruments
TCA9517 TI-TCA9517 Datasheet
845Kb / 18P
[Old version datasheet]   LEVEL-TRANSLATING I2C BUS REPEATER
logo
NXP Semiconductors
PCA9517 NXP-PCA9517 Datasheet
127Kb / 19P
   Level translating I2C-bus repeater
Rev. 03-30 January 2007
logo
ON Semiconductor
PCA9517A ONSEMI-PCA9517A_14 Datasheet
159Kb / 14P
   Level-Translating I2C-Bus Repeater
April, 2014 ??Rev. 1
logo
TEXAS ADVANCED OPTOELEC...
PCA9517 TAOS-PCA9517 Datasheet
490Kb / 17P
   LEVEL-TRANSLATING I2C BUS REPEATER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com