Electronic Components Datasheet Search |
|
MPC8308-RDB Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc |
|
MPC8308-RDB Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc |
1 / 2 page Overview The MPC8308-RDB reference platform is ideal for hardware and software development for embedded applications, including consumer printers, wireless access points, industrial control and factory automation equipment. It leverages the low-cost MPC8308 PowerQUICC® II Pro communications processor, built on Power Architecture® technology, which is designed to meet the requirements of several low-end embedded networking applications with high-speed peripherals while striving for low power consumption and a small-footprint package design. The MPC8308-RDB integrates leading-edge external components: 5 x Gigabit Ethernet ports, 1 x USB 2.0, x1 mini PCI Express® connector and an SD/MMC card interface. The MPC8308 microprocessor supports dual 10/100/1000 Mbps Ethernet controllers, single-lane PCI Express, USB 2.0 controller, enhanced SDHC controller for SD memory interface, dual universal asynchronous receiver/transmitter (DUART), serial peripherals, general-purpose I/O and system timers. This high level of integration in the MPC8308 processor helps to lower overall system costs, improve performance and simplify board design. The high- speed peripheral mix, combined with cost effectiveness, makes the MPC8308 processor a unique offering in the marketplace. The MPC8308-RDB incorporates a pre- installed board support package (BSP) containing a boot loader (u-boot)—a generic Power Architecture technology system based on the Linux® kernel. The u-boot and Linux kernel reside in the on-board flash memory and launch when the board is powered up. Reference Platform Based on Power Architecture® Technology MPC8308-RDB Reference Platform |
Similar Part No. - MPC8308-RDB |
|
Similar Description - MPC8308-RDB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |