Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GTCR37-201M-P10-FS-B Datasheet(PDF) 4 Page - Tyco Electronics

Part # GTCR37-201M-P10-FS-B
Description  Gas Discharge Tube Three Electrode 7.5mm Diameter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

GTCR37-201M-P10-FS-B Datasheet(HTML) 4 Page - Tyco Electronics

  GTCR37-201M-P10-FS-B Datasheet HTML 1Page - Tyco Electronics GTCR37-201M-P10-FS-B Datasheet HTML 2Page - Tyco Electronics GTCR37-201M-P10-FS-B Datasheet HTML 3Page - Tyco Electronics GTCR37-201M-P10-FS-B Datasheet HTML 4Page - Tyco Electronics GTCR37-201M-P10-FS-B Datasheet HTML 5Page - Tyco Electronics GTCR37-201M-P10-FS-B Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
308 Constitution Drive
Menlo Park, CA 94025-1164
Phone: 800-227-4856
www.circuitprotection.com
Gas Discharge Tube
Three Electrode 7.5mm Diameter
Overvoltage Protection Device
Raychem Circuit Protection Products
PRODUCT: GTCx37
DOCUMENT: SCD 25821
REV LETTER: D
REV DATE: MAY 25, 2007
PAGE NO.: 4 OF 6
DIMENSIONS
Radial Leads, no Fail-Short mechanism
(GTCR37-xxxx-P10)
A
C
D
E
∅d
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
NOM
mm:
--
12.0
7.3
7.7
6.5
7.5
4.1
4.7
1.0
in*:
--
0.47
0.29
0.30
0.26
0.30
0.16
0.19
0.04
* Rounded off approximation
Radial Leads, with Fail-Short mechanism
(GTCR37-xxxx-P10-FS)
A
B
C
D
D1
E
∅d
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
NOM
mm:
--
12.0
--
9.3
--
8.0
6.5
7.5
6.0
--
4.1
4.7
1.0
in*:
--
0.47
--
0.37
--
0.32
0.26
0.30
0.24
--
0.16
0.19
0.04
* Rounded off approximation


Similar Part No. - GTCR37-201M-P10-FS-B

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
GTCR36-351M-R10-FT MACOM-GTCR36-351M-R10-FT Datasheet
221Kb / 6P
   Gas Discharge Tubes
More results

Similar Description - GTCR37-201M-P10-FS-B

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
UN2E8-75HL SOCAY-UN2E8-75HL Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-90M SOCAY-UN2E8-90M Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-90ML SOCAY-UN2E8-90ML Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-150ML SOCAY-UN2E8-150ML Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-250ML SOCAY-UN2E8-250ML Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN3E6-75MM SOCAY-UN3E6-75MM Datasheet
347Kb / 4P
   3-Electrode Gas Discharge Tube (GDT)
UN327 SOCAY-UN327 Datasheet
339Kb / 4P
   3-Electrode Gas Discharge Tube (GDT)
UN2E8-470M SOCAY-UN2E8-470M Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-470MSMD SOCAY-UN2E8-470MSMD Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-600M SOCAY-UN2E8-600M Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com