Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GTCX28-401M-R05 Datasheet(PDF) 4 Page - Tyco Electronics

Part # GTCX28-401M-R05
Description  Gas Discharge Tubes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

GTCX28-401M-R05 Datasheet(HTML) 4 Page - Tyco Electronics

  GTCX28-401M-R05 Datasheet HTML 1Page - Tyco Electronics GTCX28-401M-R05 Datasheet HTML 2Page - Tyco Electronics GTCX28-401M-R05 Datasheet HTML 3Page - Tyco Electronics GTCX28-401M-R05 Datasheet HTML 4Page - Tyco Electronics GTCX28-401M-R05 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
GTCX26-XXXM-R05 Series
Gas Discharge Tubes
Gas Discharge Tubes
Document: SCD 27654
Status: Released
© 2009 Tyco Electronics Corporation. All rights reserved.
4
Rev: A
Date: March 25, 2009
GTCX28-XXXM-R05 Series
Packaging Information
Part Numbering System
General Characteristics
Part Description
Tray / Reel
Standard Package
No Leads:
GTCN28-XXXM-R05
100pcs
2,000pcs
Axial Leads:
GTCA28-XXXM-R05
100pcs
1,000pcs
Surface-mount: GTCS28-XXXM-R05
100pcs
2,000pcs
Tape & Reel SMD part: GTCS28-XXXM-R05-2 500pcs
2500pcs
Example Part Number: GTCX28-351M-R05
GT =
Gas Tube
C =
Ceramic
X =
Lead Configuration: N= No leads; A= Axial Leads; S= Surface-
mount
2 =
2 Electrode device
8 =
8mm Diameter
351 =
DC Spark Over Voltage of 350V (at 100V/s)
M =
Tolerance of 20% on DC Spark Over Voltage
R =
Product Family Designator
05 =
Surge rating: 8x20µs 5kA 10 times
No Radioactive Material
Storage Temperature:
-40ºC to +90ºC
Operating Temperature: -40ºC to +90ºC
Body: Nickel Plated
Leads: Surface-mount, Axial Devices: Tin Plated
Devices with No Leads: Nickel Plated
Soldering Note: Devices with no leads are non-solderable; meant for insertion into magazine clips


Similar Part No. - GTCX28-401M-R05

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
GTCX28-XXXX-P05 MACOM-GTCX28-XXXX-P05 Datasheet
125Kb / 5P
   Gas Discharge Tube Standard Two Electrode Series
GTCX28-XXXX-P15 MACOM-GTCX28-XXXX-P15 Datasheet
113Kb / 5P
   Gas Discharge Tube High Surge Two Electrode Series
More results

Similar Description - GTCX28-401M-R05

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
GTCA36-231M-R10-FT MACOM-GTCA36-231M-R10-FT Datasheet
221Kb / 6P
   Gas Discharge Tubes
logo
SUNMATE electronic Co.,...
2R075-4S SUNMATE-2R075-4S Datasheet
674Kb / 3P
   GAS DISCHARGE TUBES
SMD5050-1000N SUNMATE-SMD5050-1000N Datasheet
404Kb / 2P
   GAS DISCHARGE TUBES
2R3000-6S SUNMATE-2R3000-6S Datasheet
932Kb / 3P
   GAS DISCHARGE TUBES
logo
Ruilongyuan Electronics...
2RB-5 RUILON-2RB-5 Datasheet
797Kb / 6P
   Gas Discharge Tubes
RL1212 RUILON-RL1212 Datasheet
555Kb / 5P
   Gas Discharge Tubes
logo
Tyco Electronics
GTCX36-XXXM-R05 MACOM-GTCX36-XXXM-R05 Datasheet
144Kb / 6P
   Gas Discharge Tubes
logo
Ruilongyuan Electronics...
2R-6S RUILON-2R-6S Datasheet
711Kb / 6P
   Gas Discharge Tubes
2RA-6C RUILON-2RA-6C Datasheet
665Kb / 5P
   Gas Discharge Tubes
logo
Littelfuse
SL1021A145 LITTELFUSE-SL1021A145 Datasheet
272Kb / 4P
   Gas Discharge Tubes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com