Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9531D Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCA9531D
Description  8-bit I2C-bus LED dimmer
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9531D Datasheet(HTML) 5 Page - NXP Semiconductors

  PCA9531D Datasheet HTML 1Page - NXP Semiconductors PCA9531D Datasheet HTML 2Page - NXP Semiconductors PCA9531D Datasheet HTML 3Page - NXP Semiconductors PCA9531D Datasheet HTML 4Page - NXP Semiconductors PCA9531D Datasheet HTML 5Page - NXP Semiconductors PCA9531D Datasheet HTML 6Page - NXP Semiconductors PCA9531D Datasheet HTML 7Page - NXP Semiconductors PCA9531D Datasheet HTML 8Page - NXP Semiconductors PCA9531D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
PCA9531_6
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 06 — 19 February 2009
5 of 27
NXP Semiconductors
PCA9531
8-bit I2C-bus LED dimmer
[1]
HVQFN16 package die supply ground is connected to both VSS pin and exposed center pad. VSS pin must
be connected to supply ground for proper device operation. For enhanced thermal, electrical, and board
level performance, the exposed pad needs to be soldered to the board using a corresponding thermal pad
on the board and for proper heat conduction through the board, thermal vias need to be incorporated in the
PCB in the thermal pad region.
6.
Functional description
Refer to Figure 1 “Block diagram of PCA9531”.
6.1 Device address
Following a START condition, the bus master must output the address of the slave it is
accessing. The address of the PCA9531 is shown in Figure 5. To conserve power, no
internal pull-up resistors are incorporated on the hardware selectable address pins and
they must be pulled HIGH or LOW.
The last bit of the address byte defines the operation to be performed. When set to logic 1
a read is selected, while a logic 0 selects a write operation.
VSS
86[1]
supply ground
LED4
9
7
LED driver 4
LED5
10
8
LED driver 5
LED6
11
9
LED driver 6
LED7
12
10
LED driver 7
RESET
13
11
reset input (active LOW)
SCL
14
12
serial clock line
SDA
15
13
serial data line
VDD
16
14
supply voltage
Table 2.
Pin description …continued
Symbol
Pin
Description
SO16,
TSSOP16
HVQFN16
Fig 5.
PCA9531 slave address
002aac505
1
1
0
0
A2
A1
A0 R/W
fixed
slave address
hardware
selectable


Similar Part No. - PCA9531D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9531D PHILIPS-PCA9531D Datasheet
154Kb / 20P
   8-bit I2C LED dimmer
2003 Nov 10
PCA9531D PHILIPS-PCA9531D Datasheet
268Kb / 12P
   I2C Demonstration Board 2005-1 Quick Start Guide
Rev. 01-13 June 2006
PCA9531D NXP-PCA9531D Datasheet
164Kb / 27P
   8-bit I2C-bus LED dimmer
Rev. 06-19 February 2009
More results

Similar Description - PCA9531D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9531BS-T NXP-PCA9531BS-T Datasheet
164Kb / 27P
   8-bit I2C-bus LED dimmer
Rev. 06-19 February 2009
PCA9531 PHILIPS-PCA9531 Datasheet
154Kb / 20P
   8-bit I2C LED dimmer
2003 Nov 10
PCA9530 NXP-PCA9530 Datasheet
152Kb / 24P
   2-bit I2C-bus LED dimmer
Rev. 03-26 February 2009
PCA9532 NXP-PCA9532 Datasheet
173Kb / 29P
   16-bit I2C-bus LED dimmer
Rev. 04-17 March 2009
PCA9533 NXP-PCA9533 Datasheet
148Kb / 24P
   4-bit I2C-bus LED dimmer
Rev. 03-27 April 2009
PCA9533 PHILIPS-PCA9533 Datasheet
133Kb / 18P
   4-bit I2C LED dimmer
2004 Oct 01
PCA9532 PHILIPS-PCA9532 Datasheet
154Kb / 20P
   16-bit I2C LED dimmer
Rev. 04-17 March 2009
PCA9530 PHILIPS-PCA9530 Datasheet
123Kb / 16P
   2-bit I2C LED dimmer
2002 Dec 12
logo
Texas Instruments
TLC59208F TI-TLC59208F_1 Datasheet
712Kb / 29P
[Old version datasheet]   8-BIT FM I2C BUS LED DRIVER
logo
NXP Semiconductors
PCA9634 NXP-PCA9634 Datasheet
201Kb / 38P
   8-bit Fm I2C-bus LED driver
Rev. 06-12 September 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com